Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5515 Datasheet(PDF) 6 Page - Linear Technology

Part # LT5515
Description  1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5515 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT5515 Datasheet HTML 2Page - Linear Technology LT5515 Datasheet HTML 3Page - Linear Technology LT5515 Datasheet HTML 4Page - Linear Technology LT5515 Datasheet HTML 5Page - Linear Technology LT5515 Datasheet HTML 6Page - Linear Technology LT5515 Datasheet HTML 7Page - Linear Technology LT5515 Datasheet HTML 8Page - Linear Technology LT5515 Datasheet HTML 9Page - Linear Technology LT5515 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LT5515
6
5515fa
GND (Pins 1, 4): Ground Pin.
RF+, RF(Pins 2, 3): Differential RF Input Pins. These
pins are internally biased to 1.54V. They must be driven
with a differential signal. An external matching network is
required for impedance transformation.
VCC (Pins 5, 8, 9, 12): Power Supply Pins. These pins
should be decoupled using 1000pF and 0.1
µF capacitors.
VCM (Pin 6): Common Mode and DC Return for the I-Mixer
and Q-Mixer. An external resistor must be connected
between this pin and ground to set the DC bias current of
the I/Q demodulator.
EN (Pin 7): Enable Pin. When the input voltage is higher
than 1.6V, the circuit is completely turned on. When the
input voltage is less than 1.3V, the circuit is turned off.
PI FU CTIO S
LO+, LO(Pins 10, 11): Differential Local Oscillator Input
Pins. These pins are internally biased to 2.44V. They can
be driven single-ended by connecting one to an AC ground
through a 1000pF capacitor. However, differential input
drive is recommended to minimize LO feedthrough to the
RF input pins.
QOUT–, QOUT+ (Pins 13, 14): Differential Baseband Output
Pins of the Q-Channel. The internal DC bias voltage is VCC
–0.85V for each pin.
IOUT–, IOUT+ (Pins 15, 16): Differential Baseband Output
Pins of the I-Channel. The internal DC bias voltage is VCC
–0.85V for each pin.
GROUND (Pin 17, Backside Contact): Ground Return for
the Entire IC. This pin must be soldered to the printed
circuit board ground plane.
BLOCK DIAGRA
RF+
IOUT
+
LO+
LO
0
°/90°
BIAS
16
IOUT
15
QOUT
+
14
QOUT
13
LO BUFFERS
LPF
I-MIXER
LPF
Q-MIXER
2
5
VCC
7
EN
1
GND GND
8
VCC
9
4
VCC
12
VCC
RF
5515 BD
3
VCM 6
17
10
11
RF AMP


Similar Part No. - LT5515

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5515 LINER-LT5515 Datasheet
307Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5515 LINER-LT5515 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LT5515 LINER-LT5515 Datasheet
203Kb / 12P
   1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
LT5515 LINER-LT5515 Datasheet
802Kb / 32P
   12-Bit,170Msps/ 135Msps ADCs
LT5515 LINER-LT5515_15 Datasheet
203Kb / 12P
   1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
More results

Similar Description - LT5515

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5515 LINER-LT5515_15 Datasheet
203Kb / 12P
   1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
LT5516 LINER-LT5516_15 Datasheet
205Kb / 12P
   800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
LT5516 LINER-LT5516 Datasheet
194Kb / 12P
   800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
LT5572 LINER-LT5572_15 Datasheet
332Kb / 16P
   1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
LT5572 LINER-LT5572 Datasheet
326Kb / 16P
   1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
LT5575 LINER-LT5575_15 Datasheet
317Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5575 LINER-LT5575 Datasheet
307Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
logo
Analog Devices
AD8347 AD-AD8347_15 Datasheet
630Kb / 28P
   0.8 GHz to 2.7 GHz Direct Conversion Quadrature Demodulator
REV. A
AD8347 AD-AD8347 Datasheet
750Kb / 20P
   0.8 GHz-2.7 GHz Direct Conversion Quadrature Demodulator
REV. 0
logo
RF Micro Devices
RF2422 RFMD-RF2422 Datasheet
68Kb / 6P
   2.5GHZ DIRECT QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com