Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A14V15AA-2TQ208I Datasheet(PDF) 1 Page - Actel Corporation

Part # A14V15AA-2TQ208I
Description  Accelerator Series FPGAs - ACT 3Family
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A14V15AA-2TQ208I Datasheet(HTML) 1 Page - Actel Corporation

  A14V15AA-2TQ208I Datasheet HTML 1Page - Actel Corporation A14V15AA-2TQ208I Datasheet HTML 2Page - Actel Corporation A14V15AA-2TQ208I Datasheet HTML 3Page - Actel Corporation A14V15AA-2TQ208I Datasheet HTML 4Page - Actel Corporation A14V15AA-2TQ208I Datasheet HTML 5Page - Actel Corporation A14V15AA-2TQ208I Datasheet HTML 6Page - Actel Corporation A14V15AA-2TQ208I Datasheet HTML 7Page - Actel Corporation A14V15AA-2TQ208I Datasheet HTML 8Page - Actel Corporation A14V15AA-2TQ208I Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
September 1997
1-175
© 1997 Actel Corporation
Accelerator Series FPGAs
– ACT3 Family
Features
• Up to 10,000 Gate Array Equivalent Gates
(up to 25,000 equivalent PLD Gates)
• Highly Predictable Performance with 100% Automatic
Placement and Routing
• 7.5 ns Clock-to-Output Times
• Up to 250 MHz On-Chip Performance
• Up to 228 User-Programmable I/O Pins
• Four Fast, Low-Skew Clock Networks
• More than 500 Macro Functions
• Replaces up to twenty 32 macro-cell CPLDs
• Replaces up to one hundred 20-pin PAL® Packages
• Up to 1153 Dedicated Flip-Flops
• VQFP, TQFP, BGA, and PQFP Packages
• Nonvolatile, User Programmable
• Fully Tested Prior to Shipment
• 5.0V and 3.3V Versions
• Optimized for Logic Synthesis Methodologies
• Low-power CMOS Technology
Device
A1415
A1425
A1440
A1460
A14100
Capacity
Gate Array Equivalent Gates
PLD Equivalent Gates
TTL Equivalent Packages (40 gates)
20-Pin PAL Equivalent Packages (100 gates)
1,500
3,750
40
15
2,500
6,250
60
25
4,000
10,000
100
40
6,000
15,000
150
60
10,000
25,000
250
100
Logic Modules
S-Module
C-Module
200
104
96
310
160
150
564
288
276
848
432
416
1,377
697
680
Dedicated Flip-Flops1
264
360
568
768
1,153
User I/Os (maximum)
80
100
140
168
228
Packages2 (by pin count)
CPGA
PLCC
PQFP
RQFP
VQFP
TQFP
BGA
CQFP
100
84
100
100
133
84
100, 160
100
132
175
84
160
100
176
207
160, 208
176
225
196
257
208
313
256
Performance3 (maximum, worst-case commercial)
Chip-to-Chip4
Accumulators (16-bit)
Loadable Counter (16-bit)
Prescaled Loadable Counters (16-bit)
Datapath, Shift Registers
Clock-to-Output (pad-to-pad)
108 MHz
63 MHz
110 MHz
250 MHz
250 MHz
7.5 ns
108 MHz
63 MHz
110 MHz
250 MHz
250 MHz
7.5 ns
100 MHz
63 MHz
110 MHz
250 MHz
250 MHz
8.5 ns
97 MHz
63 MHz
110 MHz
200 MHz
200 MHz
9.0 ns
93 MHz
63 MHz
105 MHz
200 MHz
200 MHz
9.5 ns
Notes:
1.
One flip-flop per S-Module, two flip-flops per I/O-Module.
2.
See product plan on page 1-178 for package availability.
3.
Based on A1415A-3, A1425A-3, A1440B-3, A1460B-3, and A14100B-3.
4.
Clock-to-Output + Setup


Similar Part No. - A14V15AA-2TQ208I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A14V15A MICROSEMI-A14V15A Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
More results

Similar Description - A14V15AA-2TQ208I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A1440A-1VQ100C MICROSEMI-A1440A-1VQ100C Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
logo
Actel Corporation
A1010B-2PL84C ACTEL-A1010B-2PL84C Datasheet
162Kb / 24P
   ACT 1 Series FPGAs
A1020B-PL84C ACTEL-A1020B-PL84C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1020B-PL68I MICROSEMI-A1020B-PL68I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1020B-CQ84M ACTEL-A1020B-CQ84M Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-2PLG6 ACTEL-A1010B-2PLG6 Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-PL68C ACTEL-A1010B-PL68C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1280A-PL84C MICROSEMI-A1280A-PL84C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1240A-1PG132C MICROSEMI-A1240A-1PG132C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com