Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4356HDE-1-TR Datasheet(PDF) 3 Page - Linear Technology

Part # LT4356HDE-1-TR
Description  Overvoltage Protection Regulator and Inrush Limiter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4356HDE-1-TR Datasheet(HTML) 3 Page - Linear Technology

  LT4356HDE-1-TR Datasheet HTML 1Page - Linear Technology LT4356HDE-1-TR Datasheet HTML 2Page - Linear Technology LT4356HDE-1-TR Datasheet HTML 3Page - Linear Technology LT4356HDE-1-TR Datasheet HTML 4Page - Linear Technology LT4356HDE-1-TR Datasheet HTML 5Page - Linear Technology LT4356HDE-1-TR Datasheet HTML 6Page - Linear Technology LT4356HDE-1-TR Datasheet HTML 7Page - Linear Technology LT4356HDE-1-TR Datasheet HTML 8Page - Linear Technology LT4356HDE-1-TR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT4356-1
3
43561fd
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 12V unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into device pins are positive; all currents out of device
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Operating Voltage Range
l
480
V
ICC
VCC Supply Current
VSHDN = FLOAT
l
1
1.5
mA
VSHDN = 0V
LT4356I-1, LT4356C-1
LT4356H-1
l
l
7
7
7
25
30
40
μA
μA
μA
IR
Reverse Input Current
VSNS = VCC = –30V, SHDN Open
VSNS = VCC = VSHDN = –30V
l
l
0.3
0.8
1
2
mA
mA
ΔVGATE
GATE Pin Output High Voltage
VCC = 4V; (VGATE – VOUT)
48V ≥ VCC ≥ 8V; (VGATE – VOUT)
l
l
4.5
10
8
18
V
V
IGATE,UP
GATE Pin Pull-Up Current
VGATE = 12V; VCC = 12V
VGATE = 48V; VCC = 48V
l
l
–4
–4.5
–23
–30
–36
–50
μA
μA
IGATE,DN
GATE Pin Pull-Down Current
Overvoltage, VFB = 1.4V, VGATE = 12V
Overcurrent, VCC – VSNS = 120mV, VGATE = 12V
Shutdown Mode, VSHDN = 0V, VGATE = 12V
l
l
l
75
5
1.5
150
10
5
mA
mA
mA
VFB
FB Pin Servo Voltage
VGATE = 12V; VOUT = 12V, LT4356I-1, LT4356C-1
VGATE = 12V; VOUT = 12V, LT4356H-1
l
l
1.225
1.215
1.25
1.25
1.275
1.275
V
V
IFB
FB Pin Input Current
VFB = 1.25V
l
0.3
1
μA
ΔVSNS
Overcurrent Fault Threshold
ΔVSNS = (VCC – VSNS), VCC = 12V, LT4356I-1, LT4356C-1
ΔVSNS = (VCC – VSNS), VCC = 12V, LT4356H-1
ΔVSNS = (VCC – VSNS), VCC = 48V, LT4356I-1, LT4356C-1
ΔVSNS = (VCC – VSNS), VCC = 48V, LT4356H-1
l
l
l
l
45
42.5
46
43
50
50
51
51
55
55
56
56
mV
mV
mV
mV
ISNS
SNS Pin Input Current
VSNS = VCC = 12V to 48V
l
510
22
μA
ILEAK
FLT, EN Pins Leakage Current
AOUT Pin Leakage Current
FLT, EN = 80V
AOUT = 80V
l
2.5
4.5
μA
μA
ITMR
TMR Pin Pull-up Current
VTMR = 1V, VFB = 1.5V, (VCC – VOUT) = 0.5V
VTMR = 1V, VFB = 1.5V, (VCC – VOUT) = 75V
VTMR = 1.3V, VFB = 1.5V
VTMR = 1V, ΔVSNS = 60mV, (VCC – VOUT) = 0.5V
VTMR = 1V, ΔVSNS = 60mV, (VCC – VOUT) = 80V
l
l
l
l
l
–1.5
–44
–3.5
–2.5
–195
–2.5
–50
–5.5
–4.5
–260
–4
–55
–8
–6.5
–315
μA
μA
μA
μA
μA
TMR Pin Pull-down Current
VTMR = 1V, VFB = 1V, ΔVSNS = 0V
l
1.7
2.2
2.7
μA
VTMR
TMR Pin Thresholds
FLT From High to Low, VCC = 5V to 80V
VGATE From Low to High, VCC = 5V to 80V
l
l
1.22
0.48
1.25
0.5
1.28
0.52
V
V
ΔVTMR
Early Warning Period
From FLT going Low to GATE going Low, VCC = 5V to 80V
l
80
100
120
mV
VIN+
IN+ Pin Threshold
l
1.22
1.25
1.28
V
IIN+
IN+ Pin Input Current
VIN+ = 1.25V
l
0.3
1
μA
VOL
FLT, EN, AOUT Pins Output Low
ISINK = 2mA
ISINK = 0.1mA
l
l
2
300
8
800
V
mV
IOUT
OUT Pin Input Current
VOUT = VCC = 12V
VOUT = VCC = 12V, VSHDN = 0V
l
l
200
6
300
12
μA
mA
ΔVOUT
OUT Pin High Threshold
ΔVOUT = VCC – VOUT; EN From Low to High
l
0.25
0.5
0.7
V
VSHDN
SHDN Pin Threshold
VCC = 12V to 48V
l
0.6
0.4
1.4
1.7
2.1
V
V
VSHDN(FLT) SHDN Pin Float Voltage
VCC = 12V to 48V
l
1.7
2.2
V
ISHDN
SHDN Pin Current
VSHDN = 0V
l
–1
–4
–8
μA
tOFF(OC)
Overcurrent Turn Off Delay Time
GATE From High to Low, ΔVSNS = 0 → 120mV
l
24
μs
tOFF(OV)
Overvoltage Turn Off Delay Time
GATE From High to Low, VFB = 0 → 1.5V
l
0.25
1
μs
pins are negative. All voltages are referenced to GND unless otherwise
specified.
Note 3: An internal clamp limits the GATE pin to a minimum of 10V above
the OUT pin. Driving this pin to voltages beyond the clamp may damage
the device.
ELECTRICAL CHARACTERISTICS


Similar Part No. - LT4356HDE-1-TR

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT4356HDE-1 LINEAR-LT4356HDE-1 Datasheet
241Kb / 26P
   Surge Stopper
logo
Analog Devices
LT4356HDE-1 AD-LT4356HDE-1 Datasheet
476Kb / 26P
   Surge Stopper
LT4356HDE-1#PBF AD-LT4356HDE-1#PBF Datasheet
476Kb / 26P
   Surge Stopper
More results

Similar Description - LT4356HDE-1-TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6496EVKIT MAXIM-MAX6496EVKIT Datasheet
96Kb / 4P
   Selectable Overvoltage Mode and Overvoltage-Limiter Mode
Rev 0; 9/07
MAX6495EVKIT MAXIM-MAX6495EVKIT Datasheet
195Kb / 7P
   Selectable Overvoltage Mode and Overvoltage Limiter Mode
Rev 2; 12/06
logo
Freescale Semiconductor...
CL-21 FREESCALE-CL-21 Datasheet
112Kb / 4P
   NTC Inrush Current Limiter
logo
List of Unclassifed Man...
MHIC-48100A ETC1-MHIC-48100A Datasheet
197Kb / 1P
   Inrush Current Limiter HIC
logo
STMicroelectronics
STIL STMICROELECTRONICS-STIL Datasheet
155Kb / 11P
   AC INRUSH CURRENT LIMITER
logo
Freescale Semiconductor...
CL-60 FREESCALE-CL-60 Datasheet
112Kb / 4P
   NTC Inrush Current Limiter
logo
List of Unclassifed Man...
CL-11 ETC-CL-11 Datasheet
439Kb / 4P
   NTC Inrush Current Limiter
10/2022
logo
STMicroelectronics
STIL02-P5 STMICROELECTRONICS-STIL02-P5 Datasheet
60Kb / 7P
   AC inrush current limiter
STIL04-P5 STMICROELECTRONICS-STIL04-P5 Datasheet
61Kb / 7P
   AC inrush current limiter
logo
Amphenol Corporation
AAS-920-325D AMPHENOL-AAS-920-325D Datasheet
68Kb / 4P
   NTC Inrush Current Limiter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com