Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1280A-1CQ176B Datasheet(PDF) 3 Page - Actel Corporation

Part # A1280A-1CQ176B
Description  ACT2 Family FPGAs
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1280A-1CQ176B Datasheet(HTML) 3 Page - Actel Corporation

  A1280A-1CQ176B Datasheet HTML 1Page - Actel Corporation A1280A-1CQ176B Datasheet HTML 2Page - Actel Corporation A1280A-1CQ176B Datasheet HTML 3Page - Actel Corporation A1280A-1CQ176B Datasheet HTML 4Page - Actel Corporation A1280A-1CQ176B Datasheet HTML 5Page - Actel Corporation A1280A-1CQ176B Datasheet HTML 6Page - Actel Corporation A1280A-1CQ176B Datasheet HTML 7Page - Actel Corporation A1280A-1CQ176B Datasheet HTML 8Page - Actel Corporation A1280A-1CQ176B Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
v4.0
3
ACT 2 Fam i l y FP G A s
Pr od uc t P l a n
De vi c e Re so ur ce s
.
Speed Grade*
Application
Std
–1
–2C
I
M
B
A1225A Device
100-pin Ceramic Pin Grid Array (PG)
100-pin Plastic Quad Flat Pack (PQ)
100-pin Very Thin (1.0 mm) Quad Flat Pack (VQ)
84-pin Plastic Leaded Chip Carrier (PL)
A1240A Device
132-pin Ceramic Pin Grid Array (PG)
176-pin Thin (1.4 mm) Quad Flat Pack (TQ)
144-pin Plastic Quad Flat Pack (PQ)
84-pin Plastic Leaded Chip Carrier (PL)
A1280A Device
176-pin Ceramic Pin Grid Array (PG)
176-pin Thin (1.4 mm) Quad Flat Pack (TQ)
160-pin Plastic Quad Flat Pack (PQ)
172-pin Ceramic Quad Flat Pack (CQ)
Contact your Actel sales representatives for product availability.
Applications:
C = Commercial
Availability:
✔ = Available
*Speed Grade:
–1 = Approx. 15% faster than Standard
I
=Industrial
P =Planned
–2 = Approx. 25% faster than Standard
M= Military
— = Not Planned
B= MIL-STD-883
User I/Os
Device
Series
Logic
Modules Gates
CPGA
PQFP
PLCC
CQFP
TQFP
VQFP
176-pin 132-pin 100-pin 160-pin 144-pin 100-pin
84-pin
172-pin 176-pin 100-pin
A1225A
451
2500
——
83
——
83
72
——
83
A1240A
684
4000
104
——
104
72
104
A1280A
1232
8000
140
——
125
——
72
140
140


Similar Part No. - A1280A-1CQ176B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A1280A-1CQ176B MICROSEMI-A1280A-1CQ176B Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
More results

Similar Description - A1280A-1CQ176B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
Actel Corporation
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
AX1000-1FGG896I ACTEL-AX1000-1FGG896I Datasheet
2Mb / 226P
   Axcelerator Family FPGAs
A54SX16-P2PQG208 ACTEL-A54SX16-P2PQG208 Datasheet
504Kb / 64P
   SX Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com