Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A54SX72A-1CQ208B Datasheet(PDF) 7 Page - Actel Corporation

Part # A54SX72A-1CQ208B
Description  HiRel SX-A Family FPGAs
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A54SX72A-1CQ208B Datasheet(HTML) 7 Page - Actel Corporation

Back Button A54SX72A-1CQ208B Datasheet HTML 3Page - Actel Corporation A54SX72A-1CQ208B Datasheet HTML 4Page - Actel Corporation A54SX72A-1CQ208B Datasheet HTML 5Page - Actel Corporation A54SX72A-1CQ208B Datasheet HTML 6Page - Actel Corporation A54SX72A-1CQ208B Datasheet HTML 7Page - Actel Corporation A54SX72A-1CQ208B Datasheet HTML 8Page - Actel Corporation A54SX72A-1CQ208B Datasheet HTML 9Page - Actel Corporation A54SX72A-1CQ208B Datasheet HTML 10Page - Actel Corporation A54SX72A-1CQ208B Datasheet HTML 11Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
HiRel SX-A Family FPGAs
v2.0
1-3
Type 2 SuperCluster is a two-wide group containing one
Type 1 cluster and one Type 2 cluster. HiRel SX-A devices
feature more Type 1 SuperCluster modules than Type 2
SuperCluster modules because designers typically require
significantly more combinatorial logic than flip-flops.
Routing Resources
Clusters and SuperClusters can be connected through the
use of two innovative local routing resources called
FastConnect and DirectConnect, which enable extremely
fast and predictable interconnection of modules within
clusters and SuperClusters (Figure 1-5 on page 1-4 and
Figure 1-6 on page 1-4). This routing architecture also
dramatically reduces the number of antifuses required to
complete
a
circuit,
ensuring
the
highest
possible
performance.
DirectConnect is a horizontal routing resource that
provides connections from a C-cell to its neighboring
R-cell in a given SuperCluster. DirectConnect uses a
hardwired signal path requiring no programmable
interconnection to achieve its fast signal propagation
time of less than 0.1 ns.
FastConnect enables horizontal routing between any
two logic modules within a single SuperCluster and
vertical routing to the SuperCluster immediately below
it. Only one programmable connection is used in a
FastConnect path, delivering a maximum pin-to-pin
propagation time of 0.3 ns.
In addition to DirectConnect and FastConnect, the
architecture makes use of two globally oriented routing
resources known as segmented routing and high-drive
routing. The Actel segmented routing structure provides
a variety of track lengths for extremely fast routing
between SuperClusters. The exact combination of track
lengths and antifuses within each path is chosen by the
100 percent automatic place-and-route software to
minimize signal propagation delays.
Figure 1-4 •
Cluster Organization
Type 1 SuperCluster
Type 2 SuperCluster
Cluster 1
Cluster 2
Cluster 2
Cluster 1
R-Cell
C-Cell
D0
D1
D2
D3
DB
A0
B0
A1
B1
Sa
Sb
Y
Direct
Connect
Input
CLKA,
CLKB,
Internal Logic
HCLK
CKS
CKP
CLRB
PSETB
Y
DQ
Routed
Data Input
S0
S1


Similar Part No. - A54SX72A-1CQ208B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A54SX72A-1CQ208B ETC1-A54SX72A-1CQ208B Datasheet
720Kb / 108P
   SX-A Family FPGAs
logo
Actel Corporation
A54SX72A-1CQ208B ACTEL-A54SX72A-1CQ208B Datasheet
818Kb / 108P
   SX-A Family FPGAs
More results

Similar Description - A54SX72A-1CQ208B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RT54SX32-1CQ256B ACTEL-RT54SX32-1CQ256B Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
A54SX08A-FTQG144 ACTEL-A54SX08A-FTQG144 Datasheet
823Kb / 108P
   SX-A Family FPGAs
A54SX08A-FTQ144 ACTEL-A54SX08A-FTQ144 Datasheet
828Kb / 108P
   SX-A Family FPGAs
logo
List of Unclassifed Man...
A54SX08A ETC1-A54SX08A Datasheet
720Kb / 108P
   SX-A Family FPGAs
logo
Actel Corporation
A54SX72A-CQ256 ACTEL-A54SX72A-CQ256 Datasheet
823Kb / 108P
   SX-A Family FPGAs
A54SX16A2PQG208 ACTEL-A54SX16A2PQG208 Datasheet
818Kb / 108P
   SX-A Family FPGAs
A54SX16A-TQ100 ACTEL-A54SX16A-TQ100 Datasheet
824Kb / 108P
   SX-A Family FPGAs
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
A54SX16A-PQG208A ACTEL-A54SX16A-PQG208A Datasheet
515Kb / 68P
   SX-A Automotive Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com