Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A54SX72A-1CQ208B Datasheet(PDF) 6 Page - Actel Corporation

Part # A54SX72A-1CQ208B
Description  HiRel SX-A Family FPGAs
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A54SX72A-1CQ208B Datasheet(HTML) 6 Page - Actel Corporation

Back Button A54SX72A-1CQ208B Datasheet HTML 2Page - Actel Corporation A54SX72A-1CQ208B Datasheet HTML 3Page - Actel Corporation A54SX72A-1CQ208B Datasheet HTML 4Page - Actel Corporation A54SX72A-1CQ208B Datasheet HTML 5Page - Actel Corporation A54SX72A-1CQ208B Datasheet HTML 6Page - Actel Corporation A54SX72A-1CQ208B Datasheet HTML 7Page - Actel Corporation A54SX72A-1CQ208B Datasheet HTML 8Page - Actel Corporation A54SX72A-1CQ208B Datasheet HTML 9Page - Actel Corporation A54SX72A-1CQ208B Datasheet HTML 10Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
HiRel SX-A Family FPGAs
1- 2
v2.0
Interconnection between these logic modules is achieved
using Actel patented metal-to-metal programmable
antifuse interconnect elements, which are embedded in
the top two layers. The antifuses are normally open
circuit and, when programmed, form a permanent low-
impedance connection.
The extremely small size of these interconnect elements
gives the HiRel SX-A family abundant routing resources
and provides excellent protection against design theft.
Reverse engineering is virtually impossible because it is
extremely difficult to distinguish between programmed
and unprogrammed antifuses. Additionally, since HiRel
SX-A is a nonvolatile single-chip solution, there is no
configuration bitstream to intercept.
The HiRel SX-A interconnect elements (the antifuses and
metal tracks) also have lower capacitance and lower
resistance than those of any other device of similar
capacity, resulting in the fastest signal propagation in
the industry for the radiation tolerance offered.
Logic Module Design
The HiRel SX-A family architecture is described as a "sea-
of-modules" architecture because the entire floor of the
device is covered with a grid of logic modules with
virtually no chip area lost to interconnect elements or
routing. Actel HiRel SX-A devices provide two types of
logic
modules:
the
register
cell
(R-cell)
and
the
combinatorial cell (C-cell).
The R-cell (Figure 1-2) contains a flip-flop featuring
asynchronous clear, asynchronous preset, and clock
enable (using the S0 and S1 lines) control signals. The
R-cell registers feature programmable clock polarity
selectable on a register-by-register basis.
This provides additional flexibility while allowing the
mapping of synthesized functions into the HiRel SX-A
FPGA. The clock source for the R-cell can be chosen from
the hardwired clock, the routed clocks, or internal logic.
The C-cell implements a range of combinatorial functions
up to five inputs (Figure 1-3). Inclusion of the DB input
and its associated inverter function increases the number
of combinatorial functions that can be implemented in a
single module
from
800 options
(as
in
previous
architectures) to more than 4,000 in the HiRel SX-A
architecture. An example of the improved flexibility
enabled by the inversion capability is the ability to
implement a three-input exclusive-OR function into a
single C-cell. This facilitates construction of 9-bit parity-
tree functions with 1.9 ns of propagation delay. At the
same time, the C-cell structure is extremely synthesis
friendly, simplifying the overall design and reducing
synthesis time.
Chip Architecture
The HiRel SX-A family chip architecture provides a
unique approach to module organization and chip
routing that delivers the best register/logic mix for a
wide variety of new and emerging applications.
Module Organization
Actel has arranged all C-cell and R-cell logic modules into
horizontal banks called clusters. There are two type of
clusters: Type 1 clusters contain two C-cells and one
R-cell, and Type 2 clusters contain one C-cell and two
R-cells.
To increase design efficiency and device performance,
Actel
has
further
organized
these
modules
into
SuperClusters (Figure 1-4 on page 1-3). A Type 1
SuperCluster is a two-wide grouping of Type 1 clusters. A
Figure 1-2 •
R-Cell
Direct
Connect
Input
CLKA,
CLKB,
Internal Logic
HCLK
CKS
CKP
CLRB
PSETB
Y
DQ
Routed
Data Input
S0
S1
Figure 1-3 •
C-Cell
D0
D1
D2
D3
DB
A0
B0
A1
B1
Sa
Sb
Y


Similar Part No. - A54SX72A-1CQ208B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A54SX72A-1CQ208B ETC1-A54SX72A-1CQ208B Datasheet
720Kb / 108P
   SX-A Family FPGAs
logo
Actel Corporation
A54SX72A-1CQ208B ACTEL-A54SX72A-1CQ208B Datasheet
818Kb / 108P
   SX-A Family FPGAs
More results

Similar Description - A54SX72A-1CQ208B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RT54SX32-1CQ256B ACTEL-RT54SX32-1CQ256B Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
A54SX08A-FTQG144 ACTEL-A54SX08A-FTQG144 Datasheet
823Kb / 108P
   SX-A Family FPGAs
A54SX08A-FTQ144 ACTEL-A54SX08A-FTQ144 Datasheet
828Kb / 108P
   SX-A Family FPGAs
logo
List of Unclassifed Man...
A54SX08A ETC1-A54SX08A Datasheet
720Kb / 108P
   SX-A Family FPGAs
logo
Actel Corporation
A54SX72A-CQ256 ACTEL-A54SX72A-CQ256 Datasheet
823Kb / 108P
   SX-A Family FPGAs
A54SX16A2PQG208 ACTEL-A54SX16A2PQG208 Datasheet
818Kb / 108P
   SX-A Family FPGAs
A54SX16A-TQ100 ACTEL-A54SX16A-TQ100 Datasheet
824Kb / 108P
   SX-A Family FPGAs
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
A54SX16A-PQG208A ACTEL-A54SX16A-PQG208A Datasheet
515Kb / 68P
   SX-A Automotive Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com