Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGLP030-V5VQ289I Datasheet(PDF) 8 Page - Actel Corporation

Part # AGLP030-V5VQ289I
Description  IGLOO PLUS Low-Power Flash FPGAs with FlashFreeze Technology
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLP030-V5VQ289I Datasheet(HTML) 8 Page - Actel Corporation

Back Button AGLP030-V5VQ289I Datasheet HTML 4Page - Actel Corporation AGLP030-V5VQ289I Datasheet HTML 5Page - Actel Corporation AGLP030-V5VQ289I Datasheet HTML 6Page - Actel Corporation AGLP030-V5VQ289I Datasheet HTML 7Page - Actel Corporation AGLP030-V5VQ289I Datasheet HTML 8Page - Actel Corporation AGLP030-V5VQ289I Datasheet HTML 9Page - Actel Corporation AGLP030-V5VQ289I Datasheet HTML 10Page - Actel Corporation AGLP030-V5VQ289I Datasheet HTML 11Page - Actel Corporation AGLP030-V5VQ289I Datasheet HTML 12Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
IGLOO PLUS Device Family Overview
1- 4
v1.3
Flash*Freeze Technology
The IGLOO PLUS device has an ultra-low-power static mode, called Flash*Freeze mode, which
retains all SRAM and register information and can still quickly return to normal operation.
Flash*Freeze technology enables the user to quickly (within 1 µs) enter and exit Flash*Freeze mode
by activating the Flash*Freeze pin while all power supplies are kept at their original values. In
addition, I/Os and global I/Os can still be driven and can be toggling without impact on power
consumption, clocks can still be driven or can be toggling without impact on power consumption,
and the device retains all core registers, SRAM information, and I/O states. I/Os can be individually
configured to either hold their previous state or be tristated during Flash*Freeze mode.
Alternatively, they can be set to a certain state using weak pull-up or pull-down I/O attribute
configuration. No power is consumed by the I/O banks, clocks, JTAG pins, or PLL, and the device
consumes as little as 5 µW in this mode.
Flash*Freeze technology allows the user to switch to Active mode on demand, thus simplifying the
power management of the device.
The Flash*Freeze pin (active low) can be routed internally to the core to allow the user's logic to
decide when it is safe to transition to this mode. Refer to Figure 1-2 for an illustration of
* Not supported by AGLP030 devices
Figure 1-1 • IGLOO PLUS Device Architecture Overview with Four I/O Banks (AGLP030, AGLP060, and
AGLP125)
RAM Block
4,608-Bit Dual-Port
SRAM or FIFO Block*
VersaTile
CCC
I/Os
ISP AES
Decryption*
User Nonvolatile
FlashRom
Flash*Freeze
Technology
Charge
Pumps
Bank 0
Bank 2
*


Similar Part No. - AGLP030-V5VQ289I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AGLP030 MICROSEMI-AGLP030 Datasheet
6Mb / 134P
   IGLOO PLUS Low Power Flash FPGAs
logo
Actel Corporation
AGLP030 ACTEL-AGLP030 Datasheet
4Mb / 128P
   IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
AGLP030 ACTEL-AGLP030_V01 Datasheet
4Mb / 128P
   IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
More results

Similar Description - AGLP030-V5VQ289I

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
AGLP030 ACTEL-AGLP030_V01 Datasheet
4Mb / 128P
   IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
logo
Microsemi Corporation
AGLP125V2-CS281I MICROSEMI-AGLP125V2-CS281I Datasheet
6Mb / 134P
   IGLOO PLUS Low Power Flash FPGAs
logo
Actel Corporation
AGL1000V2-FGG144I ACTEL-AGL1000V2-FGG144I Datasheet
6Mb / 212P
   IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
AGL015 MICROSEMI-AGL015 Datasheet
11Mb / 248P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL250V5-CSG196I MICROSEMI-AGL250V5-CSG196I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL1000V2-FGG484I MICROSEMI-AGL1000V2-FGG484I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGLN060V5-CSG81 MICROSEMI-AGLN060V5-CSG81 Datasheet
7Mb / 150P
   IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
A3PE3000L-1FG484I MICROSEMI-A3PE3000L-1FG484I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLE3000V2-FGG896I ACTEL-AGLE3000V2-FGG896I Datasheet
4Mb / 156P
   IGLOOe Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
A3P250L-VQ100I MICROSEMI-A3P250L-VQ100I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com