Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5524 Datasheet(PDF) 4 Page - Linear Technology

Part # LT5524
Description  Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5524 Datasheet(HTML) 4 Page - Linear Technology

  LT5524 Datasheet HTML 1Page - Linear Technology LT5524 Datasheet HTML 2Page - Linear Technology LT5524 Datasheet HTML 3Page - Linear Technology LT5524 Datasheet HTML 4Page - Linear Technology LT5524 Datasheet HTML 5Page - Linear Technology LT5524 Datasheet HTML 6Page - Linear Technology LT5524 Datasheet HTML 7Page - Linear Technology LT5524 Datasheet HTML 8Page - Linear Technology LT5524 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT5524
5524f
VCC = 5V, VCCO = 5V, EN = 3V, TA = 25°C, ROUT = 200Ω. Maximum gain
specifications are with respect to differential inputs and differential outputs, unless otherwise noted.
(Note 7) (Test circuits shown in Figures 9 and 10)
AC ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: All voltage values are with respect to ground.
Note 3: Default state for open PGA inputs.
Note 4: VCC1 and VCC2 (Pins 2 and 19) are internally connected.
Note 5: External VOSUP is adjusted such that VCCO output pin common
mode voltage is as specified when resistors are used. For choke inductors
or transformer, VOSUP = VCCO = 5V typ.
Note 6: Internally generated common mode input bias voltage requires
capacitive or transformer coupling to the signal source.
Note 7: Specifications over the –40°C to 85°C operating temperature
range are assured by design, characterization and correlation with
statistical process controls. Gain always refers to power gain. Input
matching is assumed. PIN is the available input power. POUT is the power
into the external load, ROUT, as seen by the LT5524 differential outputs. All
dBm figures are with respect to 50Ω.
Note 8: High frequency operation is limited by the RC time constants at
the input and output ports. The low frequency (LF) roll-off is set by I/O
interface choice.
Note 9: Limited by package and board isolation.
Note 10: See “Clipping Free Operation” in the Applications Information
section. Refer to Figure 7.
Note 11: Although the instantaneous AC voltage on the OUT+ or OUTpins
may in some situations safely exceed 8V (with respect to ground), in no
case should the DC voltage on these pins be allowed to exceed the
ABSMAX tested limit of 7V.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Dynamic Performance
BW
Large-Signal –3dB Bandwidth
All Gain Settings (Note 8), ROUT = 100Ω
LF to 540
MHz
VOUT(CLIP) Output Voltage Clipping Levels
Each OUT+, OUTwith Respect to Ground
2
8
V
(Note 11)
POUT(MAX) Clipping Limited Maximum Sinusoidal
All Gain Settings, Single Tone,
16
dBm
Output Power
fIN = 100MHz (Note 10)
gm
Amplifier Transconductance
Max Gain, fIN = 100MHz
0.15
S
S12
Reverse Isolation
fIN = 100MHz (Note 9)
–92
dB
Distortion and Noise
OIP3
Output Third Order Intercept Point for
POUT = 4dBm (Each Tone), 200kHz Tone Spacing,
PGA0 = High (PGA1, PGA2, PGA3 Any State)
fIN = 100MHz
+40
dBm
Output Third Order Intercept Point for
POUT = 4dBm (Each Tone), 200kHz Tone Spacing,
PGA0 = Low (PGA1, PGA2, PGA3 Any State)
fIN = 100MHz
+36
dBm
HD2
Second Harmonic Distortion
POUT = 5dBm (Single Tone), fIN = 50MHz
–76
dBc
HD3
Third Harmonic Distortion
POUT = 5dBm (Single Tone), fIN = 50MHz
–72
dBc
NFLOOR
Output Noise Floor
PGA1 = High, fIN = 100MHz
–138
dBm/Hz
(PGAO, PGA2, PGA3 Any State)
PGA1 = Low, fIN = 100MHz
–140
dBm/Hz
NF
Noise Figure
Max Gain Setting, fIN = 100MHz
8.6
dB
PGA Settling Time
Output Settles within 10% of Final Value
500
ns
Enable/Disable Time
Output Settles within 10% of Final Value
600
ns
Amplifier Power Gain and Gain Step
GMAX
Maximum Gain
fIN = 20MHz and 200MHz
27
dB
GMIN
Minimum Gain
fIN = 20MHz and 200MHz
4.5
dB
GSTEP
Gain Step Size
fIN = 20MHz and 200MHz
0.8
1.5
2.2
dB
Gain Step Accuracy
fIN = 20MHz and 200MHz
±0.2
dB
Amplifier I/O Impedance (Parallel Values, Specified Differentially)
RIN
Input Resistance
fIN = 100MHz
122
CIN
Input Capacitance
fIN = 100MHz
2
pF
RO
Output Resistance
fIN = 100MHz
5
kΩ
CO
Output Capacitance
fIN = 100MHz
1.7
pF


Similar Part No. - LT5524

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5524 LINER-LT5524 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT5524 LINER-LT5524 Datasheet
307Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5524 LINER-LT5524 Datasheet
1Mb / 32P
   1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
LT5524 LINER-LT5524 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LT5524 LINER-LT5524_15 Datasheet
190Kb / 16P
   Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
More results

Similar Description - LT5524

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5524 LINER-LT5524_15 Datasheet
190Kb / 16P
   Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LT5514 LINER-LT5514 Datasheet
275Kb / 20P
   Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LT5514 LINER-LT5514_15 Datasheet
285Kb / 20P
   Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
logo
Maxim Integrated Produc...
MAX2055 MAXIM-MAX2055 Datasheet
805Kb / 13P
   Digitally Controlled, Variable-Gain, Differential ADC Driver/Amplifier
Rev 0; 4/03
MAX2027 MAXIM-MAX2027 Datasheet
1Mb / 10P
   IF Digitally Controlled Variable-Gain Amplifier
Rev 1; 2/04
logo
Texas Instruments
LMH6517 TI1-LMH6517_14 Datasheet
1Mb / 34P
[Old version datasheet]   Low Power, Low Noise, IF and Baseband, Dual 16 bit ADC Driver With Digitally Controlled Gain
LMH6517 TI1-LMH6517 Datasheet
1Mb / 34P
[Old version datasheet]   Low Power, Low Noise, IF and Baseband, Dual 16 bit ADC Driver With Digitally Controlled Gain
logo
List of Unclassifed Man...
MN2020 ETC-MN2020 Datasheet
973Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
API Technologies Corp
MN2020 APITECH-MN2020 Datasheet
979Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
RF Micro Devices
RF2601 RFMD-RF2601 Datasheet
781Kb / 11P
   GAIN CONTROLLED IF AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com