Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A54SX08P-1BGG208PP Datasheet(PDF) 5 Page - Actel Corporation

Part # A54SX08P-1BGG208PP
Description  SX Family FPGAs
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A54SX08P-1BGG208PP Datasheet(HTML) 5 Page - Actel Corporation

  A54SX08P-1BGG208PP Datasheet HTML 1Page - Actel Corporation A54SX08P-1BGG208PP Datasheet HTML 2Page - Actel Corporation A54SX08P-1BGG208PP Datasheet HTML 3Page - Actel Corporation A54SX08P-1BGG208PP Datasheet HTML 4Page - Actel Corporation A54SX08P-1BGG208PP Datasheet HTML 5Page - Actel Corporation A54SX08P-1BGG208PP Datasheet HTML 6Page - Actel Corporation A54SX08P-1BGG208PP Datasheet HTML 7Page - Actel Corporation A54SX08P-1BGG208PP Datasheet HTML 8Page - Actel Corporation A54SX08P-1BGG208PP Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
SX Family FPGAs
v3.2
1-1
SX Family FPGAs
General Description
The Actel SX family of FPGAs features a sea-of-modules
architecture that delivers device performance and
integration levels not currently achieved by any other
FPGA architecture. SX devices greatly simplify design
time, enable dramatic reductions in design costs and
power consumption, and further decrease time to
market for performance-intensive applications.
The Actel SX architecture features two types of logic
modules, the combinatorial cell (C-cell) and the register
cell (R-cell), each optimized for fast and efficient
mapping of synthesized logic functions. The routing and
interconnect resources are in the metal layers above the
logic modules, providing optimal use of silicon. This
enables the entire floor of the device to be spanned with
an uninterrupted grid of fine-grained, synthesis-friendly
logic modules (or “sea-of-modules”), which reduces the
distance signals have to travel between logic modules. To
minimize signal propagation delay, SX devices employ
both local and general routing resources. The high-speed
local routing resources (DirectConnect and FastConnect)
enable very fast local signal propagation that is optimal
for fast counters, state machines, and datapath logic.
The general system of segmented routing tracks allows
any logic module in the array to be connected to any
other
logic
or
I/O
module.
Within
this
system,
propagation delay is minimized by limiting the number
of antifuse interconnect elements to five (90 percent of
connections typically use only three antifuses). The
unique local and general routing structure featured in
SX devices gives fast and predictable performance,
allows 100 percent pin-locking with full logic utilization,
enables concurrent PCB development, reduces design
time, and allows designers to achieve performance goals
with minimum effort.
Further complementing SX’s flexible routing structure is
a hardwired, constantly loaded clock network that has
been tuned to provide fast clock propagation with
minimal clock skew. Additionally, the high performance
of the internal logic has eliminated the need to embed
latches or flip-flops in the I/O cells to achieve fast clock-
to-out or fast input setup times. SX devices have easy to
use I/O cells that do not require HDL instantiation,
facilitating design reuse and reducing design and
verification time.
SX Family Architecture
The SX family architecture was designed to satisfy next-
generation performance and integration requirements
for production-volume designs in a broad range of
applications.
Programmable Interconnect Element
The SX family provides efficient use of silicon by locating
the routing interconnect resources between the Metal 2
(M2) and Metal 3 (M3) layers (Figure 1-1 on page 1-2).
This completely eliminates the channels of routing and
interconnect resources between logic modules (as
implemented on SRAM FPGAs and previous generations
of antifuse FPGAs), and enables the entire floor of the
device to be spanned with an uninterrupted grid of logic
modules.
Interconnection between these logic modules is achieved
using The Actel patented metal-to-metal programmable
antifuse interconnect elements, which are embedded
between the M2 and M3 layers. The antifuses are
normally open circuit and, when programmed, form a
permanent low-impedance connection.
The extremely small size of these interconnect elements
gives the SX family abundant routing resources and
provides excellent protection against design pirating.
Reverse engineering is virtually impossible because it is
extremely difficult to distinguish between programmed
and
unprogrammed
antifuses,
and
there
is
no
configuration bitstream to intercept.
Additionally,
the
interconnect
elements
(i.e.,
the
antifuses and metal tracks) have lower capacitance and
lower resistance than any other device of similar
capacity, leading to the fastest signal propagation in the
industry.
Logic Module Design
The SX family architecture is described as a “sea-of-
modules” architecture because the entire floor of the
device is covered with a grid of logic modules with
virtually no chip area lost to interconnect elements or
routing. The Actel SX family provides two types of logic
modules, the register cell (R-cell) and the combinatorial
cell (C-cell).


Similar Part No. - A54SX08P-1BGG208PP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A54SX08P-1BG208 ETC1-A54SX08P-1BG208 Datasheet
415Kb / 57P
   54SX Family FPGAs
A54SX08P-1BG208I ETC1-A54SX08P-1BG208I Datasheet
415Kb / 57P
   54SX Family FPGAs
A54SX08P-1BG208M ETC1-A54SX08P-1BG208M Datasheet
415Kb / 57P
   54SX Family FPGAs
A54SX08P-1BG208PP ETC1-A54SX08P-1BG208PP Datasheet
415Kb / 57P
   54SX Family FPGAs
More results

Similar Description - A54SX08P-1BGG208PP

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX16-P2PQG208 ACTEL-A54SX16-P2PQG208 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08A-FTQG144 ACTEL-A54SX08A-FTQG144 Datasheet
823Kb / 108P
   SX-A Family FPGAs
A54SX08A-FTQ144 ACTEL-A54SX08A-FTQ144 Datasheet
828Kb / 108P
   SX-A Family FPGAs
logo
List of Unclassifed Man...
A54SX08A ETC1-A54SX08A Datasheet
720Kb / 108P
   SX-A Family FPGAs
logo
Actel Corporation
A54SX72A-CQ256 ACTEL-A54SX72A-CQ256 Datasheet
823Kb / 108P
   SX-A Family FPGAs
A54SX16A2PQG208 ACTEL-A54SX16A2PQG208 Datasheet
818Kb / 108P
   SX-A Family FPGAs
A54SX16A-TQ100 ACTEL-A54SX16A-TQ100 Datasheet
824Kb / 108P
   SX-A Family FPGAs
A54SX32A-1CQ208M ACTEL-A54SX32A-1CQ208M Datasheet
455Kb / 50P
   HiRel SX-A Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com