Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGL030V5-FCSG144 Datasheet(PDF) 1 Page - Actel Corporation

Part # AGL030V5-FCSG144
Description  IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
Download  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGL030V5-FCSG144 Datasheet(HTML) 1 Page - Actel Corporation

  AGL030V5-FCSG144 Datasheet HTML 1Page - Actel Corporation AGL030V5-FCSG144 Datasheet HTML 2Page - Actel Corporation AGL030V5-FCSG144 Datasheet HTML 3Page - Actel Corporation AGL030V5-FCSG144 Datasheet HTML 4Page - Actel Corporation AGL030V5-FCSG144 Datasheet HTML 5Page - Actel Corporation AGL030V5-FCSG144 Datasheet HTML 6Page - Actel Corporation AGL030V5-FCSG144 Datasheet HTML 7Page - Actel Corporation AGL030V5-FCSG144 Datasheet HTML 8Page - Actel Corporation AGL030V5-FCSG144 Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 212 page
background image
December 2008
I
© 2008 Actel Corporation
IGLOO Low-Power Flash FPGAs
with Flash*Freeze Technology
Features and Benefits
Low Power
• 1.2 V to 1.5 V Core Voltage Support for Low Power
• Supports Single-Voltage System Operation
• 5 µW Power Consumption in Flash*Freeze Mode
• Low-Power Active FPGA Operation
• Flash*Freeze
Technology
Enables
Ultra-Low
Power
Consumption while Maintaining FPGA Content
• Easy Entry to / Exit from Ultra-Low-Power Flash*Freeze
Mode
High Capacity
• 15 k to 1 Million System Gates
• Up to 144 kbits of True Dual-Port SRAM
• Up to 300 User I/Os
Reprogrammable Flash Technology
• 130-nm, 7-Layer Metal, Flash-Based CMOS Process
• Live-at-Power-Up (LAPU) Level 0 Support
• Single-Chip Solution
• Retains Programmed Design When Powered Off
In-System Programming (ISP) and Security
• Secure ISP Using On-Chip 128-Bit Advanced Encryption
Standard (AES) Decryption (except ARM®-enabled IGLOO®
devices) via JTAG (IEEE 1532–compliant)1
•FlashLock® to Secure FPGA Contents
High-Performance Routing Hierarchy
• Segmented, Hierarchical Routing and Clock Structure
Advanced I/O
• 700 Mbps DDR, LVDS-Capable I/Os (AGL250 and above)
• 1.2 V, 1.5 V, 1.8 V, 2.5 V, and 3.3 V Mixed-Voltage Operation
• Bank-Selectable I/O Voltages—up to 4 Banks per Chip
• Single-Ended
I/O
Standards:
LVTTL,
LVCMOS
3.3 V / 2.5 V / 1.8 V / 1.5 V / 1.2 V, 3.3 V PCI / 3.3 V PCI-X1, and
LVCMOS 2.5 V / 5.0 V Input1
• Differential I/O Standards: LVPECL, LVDS, B-LVDS, and M-
LVDS (AGL250 and above)
• I/O Registers on Input, Output, and Enable Paths
• Hot-Swappable and Cold-Sparing I/Os
• Programmable Output Slew Rate1 and Drive Strength
• Weak Pull-Up/-Down
• IEEE 1149.1 (JTAG) Boundary Scan Test
• Pin-Compatible Packages across the IGLOO Family
Clock Conditioning Circuit (CCC) and PLL1
• Six CCC Blocks, One with an Integrated PLL
• Configurable
Phase
Shift,
Multiply/Divide,
Delay
Capabilities, and External Feedback
• Wide Input Frequency Range (1.5 MHz up to 250 MHz)
Embedded Memory
• 1 kbit of FlashROM User Nonvolatile Memory
• SRAMs and FIFOs with Variable-Aspect-Ratio 4,608-Bit
1
RAM
Blocks (×1, ×2, ×4, ×9, and ×18 organizations)
• True Dual-Port SRAM (except ×18)
1
ARM Processor Support in IGLOO FPGAs
• M1 IGLOO Devices—Cortex™-M1 Soft Processor Available
with or without Debug
®
1 AGL015 and AGL030 devices do not support this feature.
‡ Supported only by AGL015 and AGL030 devices.
IGLOO Product Family
IGLOO Devices
AGL015
AGL030
AGL060
AGL125
AGL250
AGL400
AGL600
AGL1000
ARM-Enabled IGLOO Devices
M1AGL250 M1AGL400 M1AGL600 M1AGL1000
System Gates
15 k
30 k
60 k
125 k
250 k
400 k
600 k
1 M
Typical Equivalent Macrocells
128
256
512
1,024
2,048
VersaTiles (D-flip-flops)
384
768
1,536
3,072
6,144
9,216
13,824
24,576
Flash*Freeze Mode (typical, µW)
5
5
10
16
24
32
36
53
RAM kbits (1,024 bits)
18
36
36
54
108
144
4,608-Bit Blocks
––
4
8
8
12
24
32
FlashROM Bits
1 k
1 k
1 k
1 k
1 k
1 k
1 k
1 k
Secure (AES) ISP 1
Yes
Yes
Yes
Yes
Yes
Yes
Integrated PLL in CCCs 2
––
1
1
1
1
1
1
VersaNet Globals 3
6
6
18
18
18
18
18
18
I/O Banks
22
2
2
4
4
4
4
Maximum User I/Os
49
81
96
133
143
194
235
300
Package Pins
UC/CS
QFN
VQFP
FBGA
QN68
UC81/CS81
QN48, QN68,
QN132
VQ100
CS121
QN132
VQ100
FG144 5
CS196
QN132
VQ100
FG144
CS196 4
QN132 4,5
VQ100
FG144
CS196
FG144,
FG256,
FG484
CS281
FG144,
FG256,
FG484
CS281
FG144,
FG256,
FG484
Notes:
1. AES is not available for ARM-enabled IGLOO devices.
2. AGL060 in CS121 does not support the PLL.
3. Six chip (main) and twelve quadrant global networks are available for AGL060 and above.
4. The M1AGL250 device does not support this package.
5. Device/package support TBD
6. For higher densities and support of additional features, refer to the IGLOOe Low-Power Flash FPGAs with Flash*Freeze
Technology handbook.
v1.3


Similar Part No. - AGL030V5-FCSG144

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AGL030V5-FG144 MICROSEMI-AGL030V5-FG144 Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL030V5-FG144ES MICROSEMI-AGL030V5-FG144ES Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL030V5-FG144I MICROSEMI-AGL030V5-FG144I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL030V5-FG144PP MICROSEMI-AGL030V5-FG144PP Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL030V5-FG144Y MICROSEMI-AGL030V5-FG144Y Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
More results

Similar Description - AGL030V5-FCSG144

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AGL015 MICROSEMI-AGL015 Datasheet
11Mb / 248P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL250V5-CSG196I MICROSEMI-AGL250V5-CSG196I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL1000V2-FGG484I MICROSEMI-AGL1000V2-FGG484I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGLN060V5-CSG81 MICROSEMI-AGLN060V5-CSG81 Datasheet
7Mb / 150P
   IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLP030 ACTEL-AGLP030_V01 Datasheet
4Mb / 128P
   IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
logo
Microsemi Corporation
A3PE3000L-1FG484I MICROSEMI-A3PE3000L-1FG484I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLE3000V2-FGG896I ACTEL-AGLE3000V2-FGG896I Datasheet
4Mb / 156P
   IGLOOe Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
A3P250L-VQ100I MICROSEMI-A3P250L-VQ100I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000L-FGG256 MICROSEMI-A3P1000L-FGG256 Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000-PQ208I MICROSEMI-A3P1000-PQ208I Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com