Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A14V15AA-1BG208I Datasheet(PDF) 7 Page - Actel Corporation

Part # A14V15AA-1BG208I
Description  Accelerator Series FPGAs - ACT 3Family
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A14V15AA-1BG208I Datasheet(HTML) 7 Page - Actel Corporation

Back Button A14V15AA-1BG208I Datasheet HTML 3Page - Actel Corporation A14V15AA-1BG208I Datasheet HTML 4Page - Actel Corporation A14V15AA-1BG208I Datasheet HTML 5Page - Actel Corporation A14V15AA-1BG208I Datasheet HTML 6Page - Actel Corporation A14V15AA-1BG208I Datasheet HTML 7Page - Actel Corporation A14V15AA-1BG208I Datasheet HTML 8Page - Actel Corporation A14V15AA-1BG208I Datasheet HTML 9Page - Actel Corporation A14V15AA-1BG208I Datasheet HTML 10Page - Actel Corporation A14V15AA-1BG208I Datasheet HTML 11Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
1-181
Accelerator Series FPGAs – ACT 3 Family
Architecture
This section of the data sheet is meant to familiarize the user
with the architecture of the ACT 3 family of FPGA devices. A
generic description of the family will be presented first,
followed by a detailed description of the logic blocks, the
routing structure, the antifuses, and the special function
circuits. The on-chip circuitry required to program the
devices is not covered.
Topology
The ACT 3 family architecture is composed of six key
elements: Logic modules, I/O modules, I/O Pad Drivers,
Routing Tracks, Clock Networks, and Programming and Test
Circuits. The basic structure is similar for all devices in the
family, differing only in the number of rows, columns, and
I/Os. The array itself consists of alternating rows of modules
and channels. The logic modules and channels are in the
center of the array; the I/O modules are located along the
array periphery. A simplified floor plan is depicted in
Figure 1.
Logic Modules
ACT 3 logic modules are enhanced versions of the 1200XL
family logic modules. As in the 1200XL family, there are two
types of modules: C-modules and S-modules. The C-module is
functionally equivalent to the 1200XL C-module and
implements high fanin combinatorial macros, such as 5-input
AND, 5-input OR, and so on. It is available for use as the CM8
hard macro. The S-module is designed to implement
high-speed sequential functions within a single module.
S-modules consist of a full C-module driving a flip-flop, which
allows an additional level of logic to be implemented without
additional propagation delay. It is available for use as the
DFM8A/B and DLM8A/B hard macros. C-modules and
S-modules are arranged in pairs called module-pairs.
Module-pairs are arranged in alternating patterns and make
up the bulk of the array. This arrangement allows the
placement software to support two-module macros of four
types (CC, CS, SC, and SS). The C-module implements the
following function:
Y = !S1 * !S0 * D00 + !S1 * S0 * D01 + S1 * !S0 * D10 + S1 * S0
* D11
where: S0 = A0 * B0 and S1 = A1 + B1
Figure 1 • Generalized Floor Plan of ACT 3 Device
IO
IO
IO
IO
IO
IO
C
S
C
S
S
IO
IO
C
C
S
C
S
S
IO
IO
C
C
S
C
S
S
IO
IO
C
BIO IO
IO
IO
IO
IO
IO
IO
BIN S
C
C
S
S
IO
IO
BIN S
C
C
S
S
IO
IO
BIN S
C
C
S
S
IO
IO
IO
CLKM
IO
IO
IO
IO
IO
IO
IO
BIN S
C
IO
C
S
S
C
S
C
S
S
IO
IO
C
An Array with
n rows and m columns
Top I/Os
Bottom I/Os
Left I/Os
Right I/Os
Rows
n+1
n
n–1
2
1
0
Channels
n+1
n
n–1
2
1
0
n+2
0
1
2
3
4
5
c–1
c
c+1
m m+1 m+2 m+3
Columns


Similar Part No. - A14V15AA-1BG208I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A14V15A MICROSEMI-A14V15A Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
More results

Similar Description - A14V15AA-1BG208I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A1440A-1VQ100C MICROSEMI-A1440A-1VQ100C Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
logo
Actel Corporation
A1010B-2PL84C ACTEL-A1010B-2PL84C Datasheet
162Kb / 24P
   ACT 1 Series FPGAs
A1020B-PL84C ACTEL-A1020B-PL84C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1020B-PL68I MICROSEMI-A1020B-PL68I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1020B-CQ84M ACTEL-A1020B-CQ84M Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-2PLG6 ACTEL-A1010B-2PLG6 Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-PL68C ACTEL-A1010B-PL68C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1280A-PL84C MICROSEMI-A1280A-PL84C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1240A-1PG132C MICROSEMI-A1240A-1PG132C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com