Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

194L-G3667D Datasheet(PDF) 1 Page - Allen-Bradley

Part # 194L-G3667D
Description  Bulletin 194E
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

194L-G3667D Datasheet(HTML) 1 Page - Allen-Bradley

  194L-G3667D Datasheet HTML 1Page - Allen-Bradley 194L-G3667D Datasheet HTML 2Page - Allen-Bradley 194L-G3667D Datasheet HTML 3Page - Allen-Bradley 194L-G3667D Datasheet HTML 4Page - Allen-Bradley 194L-G3667D Datasheet HTML 5Page - Allen-Bradley 194L-G3667D Datasheet HTML 6Page - Allen-Bradley 194L-G3667D Datasheet HTML 7Page - Allen-Bradley 194L-G3667D Datasheet HTML 8Page - Allen-Bradley 194L-G3667D Datasheet HTML 9Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
10-2
IEC Load Switches
Bulletin 194E
25 Amps to 100 Amps
Description
Bulletin 194E load switches are designed for use as local motor
isolation and IEC disconnect switch applications outside North
America. Available with 3- and 6-pole versions with add-on
additional poles, grounding and neutral terminals and auxiliary
contacts, Bulletin 194Es share the same operating handles as the
Bulletin 194L Control and Load Switches.
Bulletin 194E switches are offered in two mounting styles, Front/
Door and Base/DIN configurations for a variety of installations.
Switch body styles for Bulletin 194E base-mounted switches include
standard interlock shaft; Bulletin 194E front-mounted switches
include standard shaft.
Two-position OFF-ON switch is used to connect or disconnect a
variety of inductive loads, including solenoids, actuators, valves,
magnetic starters, relays, and motors.
Actuators featuring marked legend plates are available in Selector-
Knob, Disk-Style, Rectangular-Style and Key-Operated versions.
Selector-Knob versions are available in three sizes. Most actuators
are available in colours of Gray/Black or Red/Yellow and have
padlockable versions.
Features
• At-Motor Disconnect Switch
• 25, 32, 40, 63, 80, 100 A Inductive Load-Rated Switches
• IP65/Type 1/3/3R/12 Operating Handles
• IP2LX Finger-Safe Terminals
• 3- and 6-Pole Versions;
Add-on Accessory Poles to Make 4-, 5-, 7- and 8-Pole Units
• Front/Door or DIN/Base Mounting Configurations
• Change over Switches
• OFF-ON Configurations
• 3- and 6-Pole Enclosed Switches
• Optional Thermoplastic Enclosures
• Positive-Guided Actuation
• Suitable as Motor Disconnect
Conformity to Standards
• IEC 207
• IEC 947-1
• IEC 947-3 low-voltage switch gear and control gear part 3:
switches, disconnecters, switch-disconnecters and fuse-
combination units. CE marked for all applicable directives.
• UL 508: Industrial Control Equipment. cUL, 1999 edition
• CSA: C22.2 No. 14: Industrial Control Equipment
Approvals
• UL listed (file number E54612 NLRV)
• CSA certified (LR 13002)
• Meets IEC, VDE and BS standard requirements
• IEC/CE marked for all applicable directives (per EN 60947-3)
• R.I.Na.—Italian Naval Registry
Your order must include:
• Catalogue Number of switch body
• Catalogue Number of actuator
• If required, Catalogue Number of accessories


Similar Part No. - 194L-G3667D

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
194L-G3667D ALLEN-BRADLEY-194L-G3667D Datasheet
28Kb / 1P
   Bulletin 194E
More results

Similar Description - 194L-G3667D

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
194E-A125-1753 ALLEN-BRADLEY-194E-A125-1753 Datasheet
196Kb / 12P
   Bulletin 194E
194L-A4-000 ALLEN-BRADLEY-194L-A4-000 Datasheet
28Kb / 1P
   Bulletin 194E
logo
United Chemi-Con, Inc.
APSE6R3ELL471 CHEMI-CON-APSE6R3ELL471 Datasheet
47Kb / 2P
   Engineering Bulletin
logo
Motorola, Inc
EB622 MOTOROLA-EB622 Datasheet
132Kb / 4P
   Engineering Bulletin
logo
M/A-COM Technology Solu...
28330-PBD-001-A MA-COM-28330-PBD-001-A_15 Datasheet
23Kb / 1P
   product bulletin
28953-PBD-001-A MA-COM-28953-PBD-001-A_15 Datasheet
29Kb / 2P
   product bulletin
28500-PBD-001-B MA-COM-28500-PBD-001-B_15 Datasheet
47Kb / 2P
   Product Bulletin
logo
United Chemi-Con, Inc.
APSE4R0ELL561 CHEMI-CON-APSE4R0ELL561 Datasheet
47Kb / 2P
   Engineering Bulletin
logo
Nippon Precision Circui...
LZASERIES NPC-LZASERIES Datasheet
57Kb / 2P
   Engineering Bulletin
logo
API Technologies Corp
MR25566 APITECH-MR25566 Datasheet
80Kb / 1P
   SPECIFICATION BULLETIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com