Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5527EUF-PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LT5527EUF-PBF
Description  400MHz to 3.7GHz 5V High Signal Level Downconverting Mixer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5527EUF-PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LT5527EUF-PBF Datasheet HTML 2Page - Linear Technology LT5527EUF-PBF Datasheet HTML 3Page - Linear Technology LT5527EUF-PBF Datasheet HTML 4Page - Linear Technology LT5527EUF-PBF Datasheet HTML 5Page - Linear Technology LT5527EUF-PBF Datasheet HTML 6Page - Linear Technology LT5527EUF-PBF Datasheet HTML 7Page - Linear Technology LT5527EUF-PBF Datasheet HTML 8Page - Linear Technology LT5527EUF-PBF Datasheet HTML 9Page - Linear Technology LT5527EUF-PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT5527
6
5527fa
TYPICAL AC PERFORMANCE CHARACTERISTICS
Conversion Gain, IIP3 and NF vs
RF Frequency (900MHz High Side
Application)
900MHz Conversion Gain, IIP3 and
NF vs LO Power (High Side LO)
2
× 2 and 3 × 3 Spurs
vs LO Power (Single Tone)
Supply Current vs Supply Voltage
Shutdown Current vs Supply Voltage
Conversion Gain, IIP3 and NF vs
RF Frequency (900MHz Low Side
Application)
900MHz Conversion Gain, IIP3 and
NF vs LO Power (Low Side LO)
IFOUT, 2 × 2 and 3 × 3 Spurs
vs RF Input Power (Single Tone)
Low Band (900MHz application with external
RF/LO matching) VCC = 5V, EN = High, PRF = –5dBm (–5dBm/tone for 2-tone IIP3 tests, Δf = 1MHz), PLO = 0dBm, IF output measured at
140MHz, unless otherwise noted. Test circuit shown in Figure 1.
RF FREQUENCY (MHz)
750
1
5
9
13
17
25
800
850
900
950
5527 G21
1000
1050
21
3
7
11
15
23
19
IIP3
GC
SSB NF
LOW SIDE LO
TA = 25°C
IF = 140MHz
LO INPUT POWER (dBm)
–6
1
5
9
13
17
25
–4
–2
0
2
5527 G22
46
21
3
7
11
15
23
19
IIP3
GC
LOW SIDE LO
IF = 140MHz
–40°C
25°C
85°C
SSB NF
RF INPUT POWER (dBm)
–18
–40
–20
0
20
6
5527 G23
–60
–80
–50
–30
–10
10
–70
–90
–100
–12
–6
0
–15
9
–9
–3
3
12
IFOUT
(RF = 900MHz)
TA = 25°C
LO = 760MHz
IF = 140MHz
3RF-3LO
(RF = 806.67MHz)
2RF-2LO
(RF = 830MHz)
RF FREQUENCY (MHz)
750
1
5
9
13
17
25
800
850
900
950
5527 G24
1000
1050
21
3
7
11
15
23
19
GC
SSB NF
HIGH SIDE LO
TA = 25°C
IF = 140MHz
IIP3
LO INPUT POWER (dBm)
–6
1
5
9
13
17
25
–4
–2
0
2
5527 G25
46
21
3
7
11
15
23
19
IIP3
GC
HIGH SIDE LO
IF = 140MHz
–40°C
25°C
85°C
SSB NF
LO INPUT POWER (dBm)
–6
–90
–80
–70
–60
–4
–2
02
5527 G26
4
–50
–40
–85
–75
–65
–55
–45
6
3RF-3LO
(RF = 806.67MHz)
TA = 25°C
LO = 760MHz
IF = 140MHz
PRF = –5dBm
2RF-2LO
(RF = 830MHz)
SUPPLY VOLTAGE (V)
4.5
0.1
1
85°C
60°C
25°C
0°C
–40°C
10
100
4.75
5
5527 G17
5.25
5.5
SUPPLY VOLTAGE (V)
4.5
71
72
74
75
76
82
79
4.75
5
5527 G16
73
80
81
78
–40°C
0°C
60°C
85°C
5.25
5.5
25°C
TYPICAL DC PERFORMANCE CHARACTERISTICS Test circuit shown in Figure 1.


Similar Part No. - LT5527EUF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5527EUF LINER-LT5527EUF Datasheet
187Kb / 16P
   400MHz to 3.7GHz 5V High Signal Level
More results

Similar Description - LT5527EUF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5527 LINER-LT5527_15 Datasheet
208Kb / 16P
   400MHz to 3.7GHz 5V High Signal Level Downconverting Mixer
LT5527EUF LINER-LT5527EUF Datasheet
187Kb / 16P
   400MHz to 3.7GHz 5V High Signal Level
LT5522 LINER-LT5522_15 Datasheet
267Kb / 16P
   400MHz to 2.7GHz High Signal Level Downconverting Mixer
LT5522 LINER-LT5522 Datasheet
261Kb / 16P
   400MHz to 2.7GHz High Signal Level Downconverting Mixer
LT5557 LINER-LT5557 Datasheet
236Kb / 16P
   400MHz to 3.8GHz 3.3V High Signal Level Downconverting Mixer
LTC5577 LINER-LTC5577 Datasheet
379Kb / 20P
   300MHz to 6GHz High Signal Level Active Downconverting Mixer
LTC5577 LINER-LTC5577_15 Datasheet
379Kb / 20P
   300MHz to 6GHz High Signal Level Active Downconverting Mixer
logo
Renesas Technology Corp
F1792 RENESAS-F1792_V01 Datasheet
1Mb / 33P
   RF Wideband Gain-Settable Downconverting Mixer 400MHz to 3800MHz
February 9, 2022
F1192 RENESAS-F1192 Datasheet
2Mb / 36P
   RF Dual Wideband Gain-Settable Downconverting Mixer 400MHz to 3800MHz
2/22/2016
logo
Linear Technology
LTC5542 LINER-LTC5542_15 Datasheet
263Kb / 16P
   1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com