Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5537EDDB Datasheet(PDF) 10 Page - Linear Technology

Part # LT5537EDDB
Description  Wide Dynamic Range RF/IF Log Detector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5537EDDB Datasheet(HTML) 10 Page - Linear Technology

Back Button LT5537EDDB Datasheet HTML 6Page - Linear Technology LT5537EDDB Datasheet HTML 7Page - Linear Technology LT5537EDDB Datasheet HTML 8Page - Linear Technology LT5537EDDB Datasheet HTML 9Page - Linear Technology LT5537EDDB Datasheet HTML 10Page - Linear Technology LT5537EDDB Datasheet HTML 11Page - Linear Technology LT5537EDDB Datasheet HTML 12Page - Linear Technology LT5537EDDB Datasheet HTML 13Page - Linear Technology LT5537EDDB Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT5537
5537fa
INPUT POWER (dBm)
–100
1.5
2.0
2.5
–20
5537 F10
1.0
0.5
0
–80
–60
–40
0
20
SINGLE ENDED
50
BALUN
264
TA = 25°C
200MHz
VCC = ENBL = 3V
Figure 7. Measured Output with RIN = 264Ω
APPLICATIO S I FOR ATIO
The 1:4 input transformer can also be replaced with a
narrow band discrete balun circuit using three compo-
nents as shown in Figure 6. Capacitors C11, C12 and
inductor L1 form a tank circuit having a transformer-like
function over a narrow bandwidth. The increased power-
to-voltage transformation and the narrower input passband
serve to improve the sensitivity of the logarithmic detector.
The resonant balun circuit using discrete components can
be custom designed for a range of different input imped-
ance or sensitivity requirements.
Table 2. Matching Network Component Values for 200MHz
Center Frequency
10dB
EFFECTIVE
RETURN
C11,
INPUT
SENSITIVITY
LOSS BW
L1
C12
R2
RESISTANCE
(dBm)
(MHz)
(nH)
(pF)
(
Ω)Q
(
Ω)
–82.4
55
82
15
330
2.1
264
–86.1
18
120
7.5
2k
3.9
828
Figure 6. Input Matching Network
IN+
IN
C1
C2
C11
RS
RIN
C12
L1
R2
J1
INPUT
5537 F07
2
3
The examples given in Table 2 cover two different transfor-
mation ratios. The first one transforms single-ended 50
to differential 264
Ω. The VOUT vs PIN transfer curves in
Figure 7 indicate that the input power range for linear
logarithmic detection is shifted downward by 7dB with a
sensitivity improvement of 6dB compared with a simple
50
Ω termination. The input return loss is 30dB at the
design frequency of 200MHz. Bandwidth for better than
10dB return loss is 55MHz. The second example has a
higher Q of 3.9 and a corresponding transformed imped-
ance of 828
Ω. The input power range for linear operation
is shifted downward by 12dB with a sensitivity improve-
ment of 10dB compared with a simple 50
Ω termination.
The input return loss is 25dB at the design frequency.
Bandwidth for better than 10dB return loss is 18MHz.


Similar Part No. - LT5537EDDB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5537 LINER-LT5537 Datasheet
307Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5537 LINER-LT5537_15 Datasheet
313Kb / 16P
   Wide Dynamic Range RF/IF Log Detector
More results

Similar Description - LT5537EDDB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5537 LINER-LT5537_15 Datasheet
313Kb / 16P
   Wide Dynamic Range RF/IF Log Detector
logo
Hamamatsu Corporation
F4655-01 HAMAMATSU-F4655-01 Datasheet
59Kb / 2P
   WIDE DYNAMIC RANGE MCP ASSEMBLY FOR HELIUM LEAK DETECTOR
logo
A1 PROs co., Ltd.
AH233TS A1PROS-AH233TS Datasheet
169Kb / 2P
   WDR Wide Dynamic Range
logo
Rohm
BH4126FV ROHM-BH4126FV Datasheet
102Kb / 10P
   Wide band IF detector for RF remote control units
logo
TriQuint Semiconductor
AH31-G TRIQUINT-AH31-G_15 Datasheet
664Kb / 7P
   High Dynamic Range IF Amplifier
logo
M/A-COM Technology Solu...
MAAM-009116 MA-COM-MAAM-009116 Datasheet
211Kb / 4P
   High Dynamic Range IF Amplifier
MAAM-009116 MA-COM-MAAM-009116_15 Datasheet
847Kb / 5P
   High Dynamic Range IF Amplifier
logo
WJ Communication. Inc.
AH31-RFID WJCI-AH31-RFID Datasheet
270Kb / 8P
   High Dynamic Range IF Amplifier
logo
List of Unclassifed Man...
AH31 ETC-AH31 Datasheet
323Kb / 9P
   High Dynamic Range IF Amplifier
logo
WJ Communication. Inc.
AH31 WJCI-AH31 Datasheet
326Kb / 7P
   High Dynamic Range IF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com