Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5538 Datasheet(PDF) 9 Page - Linear Technology

Part # LT5538
Description  40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5538 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT5538 Datasheet HTML 4Page - Linear Technology LT5538 Datasheet HTML 5Page - Linear Technology LT5538 Datasheet HTML 6Page - Linear Technology LT5538 Datasheet HTML 7Page - Linear Technology LT5538 Datasheet HTML 8Page - Linear Technology LT5538 Datasheet HTML 9Page - Linear Technology LT5538 Datasheet HTML 10Page - Linear Technology LT5538 Datasheet HTML 11Page - Linear Technology LT5538 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LT5538
9
5538f
APPLICATIONS INFORMATION
OUTPUT INTERFACE
The output interface of the LT5538 is shown in Figure 3.
This output buffer circuit can source 10mA current to the
load and sink 200 μA current from the load. The small-
signal output bandwidth is approximately 4MHz when the
output is resistively terminated or open. The full-scaled
10% to 90% rise and fall times are 100nS and 180nS,
respectively. The output transient responses at varied
input power levels are shown in Figure 4.
When the part is enabled, the output impedance is about
150Ω. When it is disabled, the output impedance is about
29.5kΩ referenced to ground.
EXTERNAL FILTERING AT CAP+, CAP
The CAP+ and CAPPins are internally biased at VCC –0.36V
via a 200Ω resistor from voltage supply VCC as shown in
Figure 3. These two pins are connected to the differential
outputs of the internal RF detector cells. In combination
with the 20pF in parallel, a low-pass filter is formed with
–3dB corner frequency of 20MHz. The high frequency
rectified signals (particularly second-order harmonic of
the RF signal) from the detector cells are filtered and then
the DC output is amplified by the output buffer amplifier. In
some applications, the LT5538 may be used to measure a
modulated RF signal with low frequency AM content (lower
than 20MHz), a large modulation signal may be present
at these two pins due to insufficient low-pass filtering,
resulting in output voltage fluctuation at the LT5538’s
output. Its DC content may also vary depending upon the
modulation frequency. To assure stable DC output of the
LT5538, external capacitors C6 and C9 can be connected
from CAP+ and CAPto VCC to filter out this low frequency
AM modulation signal. Assume the modulation frequency
of the RF signal is fMOD, the capacitor value in Farads of
C6 and C9 can be chosen by the following formula:
C6 (or C9) ≥ 10/(2π • 200 • fMOD)
Do not connect these two filtering capacitors to ground
or any other low voltage reference at any time to avoid an
abnormal start-up condition.
Figure 3. Simplified Schematic of the Output Interface
Figure 4. Simplified Circuit Schematic of the Output Interface
200
CAP+
C9
CAP
200
100μA
150
OUT
200μA
OUTPUT CURRENTS
FROM RF DETECTORS
LT5538
VCC
5538 F03
20p
+
+
+
C6
5538 F04
TIME (μs)
PIN = 0dBm
PIN = 10dBm
PIN = 20dBm
PIN = 30dBm
PIN = 40dBm
PIN = 50dBm
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
0
0.5
1.0
1.5
2.0
3.0
2.5
–18
–14
–10
–6
–2
6
2
AT 880MHZ
RF PULSE OFF
RF PULSE OFF
RF PULSE ON


Similar Part No. - LT5538

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5538 LINER-LT5538 Datasheet
240Kb / 12P
   40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
LT5538 LINER-LT5538_15 Datasheet
240Kb / 12P
   40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
More results

Similar Description - LT5538

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5538 LINER-LT5538_15 Datasheet
240Kb / 12P
   40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
LTC5582 LINER-LTC5582 Datasheet
395Kb / 16P
   40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
LTC5582 LINER-LTC5582_15 Datasheet
399Kb / 16P
   40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
LT5534 LINER-LT5534 Datasheet
191Kb / 8P
   50MHz to 3GHz RF Power Detector with 60dB Dynamic Range
LT5534 LINER-LT5534_15 Datasheet
1Mb / 10P
   50MHz to 3GHz RF Power Detector with 60dB Dynamic Range
LTC5505-1 LINER-LTC5505-1_15 Datasheet
152Kb / 8P
   RF Power Detector with Buffered Output and 40dB Dynamic Range
LTC5505-2 LINER-LTC5505-2_15 Datasheet
152Kb / 8P
   RF Power Detector with Buffered Output and 40dB Dynamic Range
LTC5505-1 LINER-LTC5505-1 Datasheet
147Kb / 8P
   RF Power Detector with Buffered Output and >40dB Dynamic Range
LT5537 LINER-LT5537_15 Datasheet
313Kb / 16P
   Wide Dynamic Range RF/IF Log Detector
LT5537 LINER-LT5537 Datasheet
307Kb / 16P
   Wide Dynamic Range RF/IF Log Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com