Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5538IDD-PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LT5538IDD-PBF
Description  40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5538IDD-PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LT5538IDD-PBF Datasheet HTML 2Page - Linear Technology LT5538IDD-PBF Datasheet HTML 3Page - Linear Technology LT5538IDD-PBF Datasheet HTML 4Page - Linear Technology LT5538IDD-PBF Datasheet HTML 5Page - Linear Technology LT5538IDD-PBF Datasheet HTML 6Page - Linear Technology LT5538IDD-PBF Datasheet HTML 7Page - Linear Technology LT5538IDD-PBF Datasheet HTML 8Page - Linear Technology LT5538IDD-PBF Datasheet HTML 9Page - Linear Technology LT5538IDD-PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LT5538
6
5538f
TYPICAL PERFORMANCE CHARACTERISTICS
VOUT Variation vs Input Power at
2.7GHz
Output Voltage, Linearity Error vs
Input Power at 3.6GHz
VOUT Variation vs Input Power at
3.6GHz
Slope Distribution vs
Temperature at 2.14GHz
Output Voltage, Linearity Error vs
Input Power at 2.7GHz
Logarithmic Intercept Distribution
vs Temperature at 2.14GHz
(Test Circuit shown in Figure 5)
5538 G10
INPUT POWER (dBm)
–70 –60 –50 –40 –30 –20 –10
010
0
0.3
0.6
0.9
1.2
1.8
1.5
–3
–2
–1
0
1
3
2
TA = –40°C
TA = 25°C
TA = 85°C
VCC = 5V
5538 G11
INPUT POWER (dBm)
–60
–70
–50 –40 –30 –20 –10
010
–3
–2
–1
0
1
3
2
TA = –40°C
TA = 85°C
VCC = 5V
NORMALIZED AT 25°C
5538 G12
INPUT POWER (dBm)
–65
–55
–45
–35
–25
–15
–5
5
0
0.3
0.6
0.9
1.2
1.8
1.5
–3
–2
–1
0
1
3
2
TA = –40°C
TA = 25°C
TA = 85°C
VCC = 5V
5538 G13
INPUT POWER (dBm)
–60
–70
–50 –40 –30 –20 –10
010
–3
–2
–1
0
1
3
2
TA = –40°C
TA = 85°C
VCC = 5V
NORMALIZED AT 25°C
Output Voltage, Linearity Error vs
VCC @40MHz
Output Voltage, Linearity Error vs
VCC @2140MHz
Output Voltage, Linearity Error vs
VCC @3600MHz
5538 G16
INPUT POWER (dBm)
–75 –65 –55 –45 –35 –25 –15
–5
5
0.2
0.5
0.8
1.1
1.4
2.0
1.7
–3
–2
–1
0
1
3
2
VCC = 5V
VCC = 3V
NORMALIZED AT 5V
5538 G17
INPUT POWER (dBm)
–75 –65 –55 –45 –35 –25 –15
–5
5
0.2
0.5
0.8
1.1
1.4
2.0
1.7
–3
–2
–1
0
1
3
2
VCC = 5V
VCC = 3V
NORMALIZED AT 5V
5538 G18
INPUT POWER (dBm)
–65
–55
–45
–35
–25
–15
–5
5
0
0.3
0.6
0.9
1.2
1.8
1.5
–3
–2
–1
0
1
3
2
VCC = 5V
VCC = 3V
VCC = 5V
5538 G15
LOGARITHMIC INTERCEPT (dBm)
–78
–80
–82
–84
–86
–88
–90
–92
–94
–96
–98
0
2
4
6
8
12
10
14
16
TA = –40°C
TA = 25°C
TA = 85°C
5538 G14
SLOPE (mV/dB)
20
20.8
19.2
18.4
17.6
16.8
16
0
5
10
15
20
30
25
35
40
TA = –40°C
TA = 25°C
TA = 85°C


Similar Part No. - LT5538IDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5538 LINER-LT5538 Datasheet
240Kb / 12P
   40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
LT5538 LINER-LT5538_15 Datasheet
240Kb / 12P
   40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
More results

Similar Description - LT5538IDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5538 LINER-LT5538_15 Datasheet
240Kb / 12P
   40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
LTC5582 LINER-LTC5582 Datasheet
395Kb / 16P
   40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
LTC5582 LINER-LTC5582_15 Datasheet
399Kb / 16P
   40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
LT5534 LINER-LT5534 Datasheet
191Kb / 8P
   50MHz to 3GHz RF Power Detector with 60dB Dynamic Range
LT5534 LINER-LT5534_15 Datasheet
1Mb / 10P
   50MHz to 3GHz RF Power Detector with 60dB Dynamic Range
LTC5505-1 LINER-LTC5505-1_15 Datasheet
152Kb / 8P
   RF Power Detector with Buffered Output and 40dB Dynamic Range
LTC5505-2 LINER-LTC5505-2_15 Datasheet
152Kb / 8P
   RF Power Detector with Buffered Output and 40dB Dynamic Range
LTC5505-1 LINER-LTC5505-1 Datasheet
147Kb / 8P
   RF Power Detector with Buffered Output and >40dB Dynamic Range
LT5537 LINER-LT5537_15 Datasheet
313Kb / 16P
   Wide Dynamic Range RF/IF Log Detector
LT5537 LINER-LT5537 Datasheet
307Kb / 16P
   Wide Dynamic Range RF/IF Log Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com