Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5570 Datasheet(PDF) 2 Page - Linear Technology

Part # LT5570
Description  Fast Responding, 40MHz to 2.7GHz Mean-Squared Power Detector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5570 Datasheet(HTML) 2 Page - Linear Technology

  LT5570 Datasheet HTML 1Page - Linear Technology LT5570 Datasheet HTML 2Page - Linear Technology LT5570 Datasheet HTML 3Page - Linear Technology LT5570 Datasheet HTML 4Page - Linear Technology LT5570 Datasheet HTML 5Page - Linear Technology LT5570 Datasheet HTML 6Page - Linear Technology LT5570 Datasheet HTML 7Page - Linear Technology LT5570 Datasheet HTML 8Page - Linear Technology LT5570 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT5570
2
5570f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage .........................................................5.5V
Enable Voltage .................................–0.3V to VCC + 0.3V
Input Signal Power (Differential)..........................15dBm
TJMAX .................................................................... 125°C
Operating Temperature Range.................. –40°C to 85°C
Storage Temperature Range................... –65°C to 125°C
CAUTION: This part is sensitive to electrostatic discharge. It
is very important that proper ESD precautions be observed
when handling the LT5570.
(Note 1)
TOP VIEW
DD PACKAGE
10-LEAD (3mm
3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
FLTR
EN
DNC
DNC
OUT
VCC
IN+
DEC
IN
GND
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AC Input
Input Frequency Range (Note 4)
l
40 to 2700
MHz
Input Impedance
200/1
Ω/pF
fRF = 500MHz
RF Input Power Range
CW Input; 1:4 Balun Matched into 50Ω Source
–52 to 13
dBm
Linear Dynamic Range (Note 5)
±1dB Linearity Error, TA = –40°C to 85°C
62
dB
Output Slope
36.9
mV/dB
Logarithmic Intercept
–54.8
dBm
Output Variation vs Temperature
Normalized to Output at 25°C
–40°C < TA < 85°C; PIN = –50dBm to 13dBm
±0.5
dB
Deviation from CW Response
11dB Peak to Average Ratio (3-Carrier CDMA2K)
12dB Peak to Average Ratio (4-Carrier WCDMA)
0.4
0.3
dB
dB
2nd Order Harmonic Distortion
At RF Input; CW Input; PIN = 10dBm
61
dBc
3rd Order Harmonic Distortion
At RF Input; CW Input; PIN = 10dBm
66
dBc
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VCC = 5V, EN = 5V, unless otherwise noted. Test circuits are shown in
Figures 1 and 3. (Notes 2 and 3).
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT5570IDD#PBF
LT5570IDD#TRPBF
LCJQ
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS


Similar Part No. - LT5570

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5570 LINER-LT5570 Datasheet
228Kb / 14P
   UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
LT5570 LINER-LT5570 Datasheet
273Kb / 16P
   Fast Responding, 40MHz to 2.7GHz Mean-Squared Power Detector
LT5570 LINER-LT5570_15 Datasheet
273Kb / 16P
   Fast Responding, 40MHz to 2.7GHz Mean-Squared Power Detector
More results

Similar Description - LT5570

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5570 LINER-LT5570_15 Datasheet
273Kb / 16P
   Fast Responding, 40MHz to 2.7GHz Mean-Squared Power Detector
logo
Analog Devices
ADL6010ACPZN-R2 AD-ADL6010ACPZN-R2 Datasheet
457Kb / 10P
   Fast Responding, 45-dB Range 500 MHz to 40 GHz Power Detector
Rev. PrB
ADL6010 AD-ADL6010_17 Datasheet
1Mb / 22P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
ADL6010 AD-ADL6010_V01 Datasheet
1Mb / 23P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
Rev. E
ADL6010 AD-ADL6010 Datasheet
1Mb / 22P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
logo
Texas Instruments
LMH2121 TI1-LMH2121 Datasheet
1Mb / 30P
[Old version datasheet]   3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
LMH2121TME TI-LMH2121TME Datasheet
1Mb / 30P
[Old version datasheet]   LMH2121 3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
logo
Linear Technology
LT5538 LINER-LT5538_15 Datasheet
240Kb / 12P
   40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
LTC5582 LINER-LTC5582_15 Datasheet
399Kb / 16P
   40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
LTC5582 LINER-LTC5582 Datasheet
395Kb / 16P
   40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com