Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5570IDD-PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LT5570IDD-PBF
Description  Fast Responding, 40MHz to 2.7GHz Mean-Squared Power Detector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5570IDD-PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LT5570IDD-PBF Datasheet HTML 7Page - Linear Technology LT5570IDD-PBF Datasheet HTML 8Page - Linear Technology LT5570IDD-PBF Datasheet HTML 9Page - Linear Technology LT5570IDD-PBF Datasheet HTML 10Page - Linear Technology LT5570IDD-PBF Datasheet HTML 11Page - Linear Technology LT5570IDD-PBF Datasheet HTML 12Page - Linear Technology LT5570IDD-PBF Datasheet HTML 13Page - Linear Technology LT5570IDD-PBF Datasheet HTML 14Page - Linear Technology LT5570IDD-PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT5570
11
5570f
The LT5570 is a mean-squared RF power detector, capable
of measuring an RF signal over the frequency range from
40MHz to 2.7GHz, independent of input waveforms with
different crest factors such as CW, CDMA, WCDMA, TD-
SCDMA and WiMAX signals. A wide dynamic range is
achieved with very stable output within the full temperature
range from –40˚C to 85˚C.
RF Inputs
The differential RF inputs are internally biased at
VCC – 1.224V. The differential impedance is about 200Ω.
These pins should be DC blocked when connected to
ground or other matching components. The impedance
vs. frequency of the differential RF input is detailed in the
following table.
Figure 5. Single-Ended Input Configuration
The LT5570’s differential inputs are optimally driven from
a fully balanced source. When the signal is from a single-
ended 50Ω source, conversion to a differential signal is
required to achieve the maximum dynamic range. This
is best achieved using a 1:4 balun to match the internal
200Ω input impedance as shown in Figures 1 and 3. This
impedance transformation results in 6dB voltage gain. At
high frequency, additional LC elements may be needed
for input impedance matching due to the parasitics of the
transformer and PCB trace.
The approximate RF input power range of the LT5570 is
60dB at frequencies up to 900MHz, even with high crest
factor signals such as a 4-carrier W-CDMA waveform.
However the minimum detectable RF power level degrades
as the input RF frequency increases.
Due to the high RF input impedance of the LT5570, a
narrow band L-C matching network can be used for the
conversion of a single-ended to balanced signal as well.
By this means, the sensitivity and overall linear dynamic
range of the detector remain the same, without using an
RF balun.
The LT5570 can also be driven in a single-ended con-
figuration. Figure 5 shows the simplified circuit of this
single-ended configuration. The DEC Pin is preferably ac-
coupled to ground via a capacitor rather than left floating.
APPLICATIONS INFORMATION
Table 1. RF Differential Input Impedance
FREQUENCY
(MHz)
DIFFERENTIAL INPUT
IMPEDANCE (Ω)
S11
MAG
ANGLE (°)
40
204 –j 0.6
0.606
–0.1
100
204 –j 1.8
0.606
–0.3
200
204 –j 3.6
0.606
–0.5
400
203.5 –j 7.3
0.606
–1.1
600
202.8 –j 10.9
0.605
–1.6
800
201.8 –j 14.5
0.604
–2.1
1000
200.6 –j17.9
0.603
–2.7
1200
199.1 –j21.3
0.602
–3.2
1400
197.3 –j24.7
0.601
–3.8
1600
195.4 –j27.9
0.599
–4.4
1800
193.2 –j31.1
0.598
–5.0
2000
190.8 –j34.2
0.596
–5.6
2200
188.2 –j37.4
0.593
–6.2
2400
185.3 –j40.4
0.591
–6.9
2600
181.9 –j43.5
0.589
–7.6
2800
178.3 –j46.4
0.586
–8.4
3000
174.4 –j49.3
0.582
–9.2
100
1nF
IN+
DEC
IN
RF
INPUT
1nF
100
100
5570 F05
LT5570


Similar Part No. - LT5570IDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5570 LINER-LT5570 Datasheet
228Kb / 14P
   UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
LT5570 LINER-LT5570 Datasheet
273Kb / 16P
   Fast Responding, 40MHz to 2.7GHz Mean-Squared Power Detector
LT5570 LINER-LT5570_15 Datasheet
273Kb / 16P
   Fast Responding, 40MHz to 2.7GHz Mean-Squared Power Detector
More results

Similar Description - LT5570IDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5570 LINER-LT5570_15 Datasheet
273Kb / 16P
   Fast Responding, 40MHz to 2.7GHz Mean-Squared Power Detector
logo
Analog Devices
ADL6010ACPZN-R2 AD-ADL6010ACPZN-R2 Datasheet
457Kb / 10P
   Fast Responding, 45-dB Range 500 MHz to 40 GHz Power Detector
Rev. PrB
ADL6010 AD-ADL6010_17 Datasheet
1Mb / 22P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
ADL6010 AD-ADL6010_V01 Datasheet
1Mb / 23P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
Rev. E
ADL6010 AD-ADL6010 Datasheet
1Mb / 22P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
logo
Texas Instruments
LMH2121 TI1-LMH2121 Datasheet
1Mb / 30P
[Old version datasheet]   3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
LMH2121TME TI-LMH2121TME Datasheet
1Mb / 30P
[Old version datasheet]   LMH2121 3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
logo
Linear Technology
LT5538 LINER-LT5538_15 Datasheet
240Kb / 12P
   40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
LTC5582 LINER-LTC5582_15 Datasheet
399Kb / 16P
   40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
LTC5582 LINER-LTC5582 Datasheet
395Kb / 16P
   40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com