Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5572EUF Datasheet(PDF) 10 Page - Linear Technology

Part # LT5572EUF
Description  1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5572EUF Datasheet(HTML) 10 Page - Linear Technology

Back Button LT5572EUF Datasheet HTML 6Page - Linear Technology LT5572EUF Datasheet HTML 7Page - Linear Technology LT5572EUF Datasheet HTML 8Page - Linear Technology LT5572EUF Datasheet HTML 9Page - Linear Technology LT5572EUF Datasheet HTML 10Page - Linear Technology LT5572EUF Datasheet HTML 11Page - Linear Technology LT5572EUF Datasheet HTML 12Page - Linear Technology LT5572EUF Datasheet HTML 13Page - Linear Technology LT5572EUF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT5572
10
5572f
input (2VP-P,DIFF). This maximum RF output level is limited
by the 0.5VPEAK maximum baseband swing possible for a
0.5VDC common mode voltage level (assuming no extra
negative supply voltage available).
It is possible to bias the LT5572 to a common mode base-
band voltage level other than 0.5V. Table 1 shows the typical
performance for different common mode voltages.
LO section
The internal LO input amplifier performs single-ended to
differential conversion of the LO input signal. Figure 4
shows the equivalent circuit schematic of the LO input.
The internal, differential LO signal is split into in-phase
and quadrature (90° phase shifted) signals that drive LO
buffer sections. These buffers drive the double balanced I
and Q mixers. The phase relationship between the LO input
and the internal in-phase LO and quadrature LO signals
is fixed, and is independent of start-up conditions. The
phase shifters are designed to deliver accurate quadrature
signals for an LO frequency near 2GHz. For frequencies
significantly below 1.8GHz or above 2.4GHz, the quadra-
ture accuracy will diminish, causing the image rejection
to degrade. The LO pin input impedance is about 50Ω and
the recommended LO input power is 0dBm. For lower LO
input power, the gain, OIP2, OIP3 and dynamic range will
degrade, especially below –5dBm and at TA = 85°C. For
high LO input power (e.g., 5dBm), the LO feedthrough
will increase, without improvement in linearity or gain.
Harmonics present on the LO signal can degrade the
image rejection, because they introduce a small excess
phase shift in the internal phase splitter. For the second (at
4GHz) and third harmonics (at 6GHz) at –20dBc level, the
introduced signal at the image frequency is about –57dBc
or lower, corresponding to an excess phase shift much
less than 1 degree. For the second and third harmonics at
–10dBc, still the introduced signal at the image frequency
is about –47dBc. Higher harmonics than the third will have
less impact. The LO return loss typically will be better than
14dB over the 1.7GHz to 2.4GHz range. Table 2 shows the
LO port input impedance vs frequency.
Table 2. LO Port Input Impedance vs Frequency for EN = High
and PLO = 0dBm
FREQUENCY
INPUT IMPEDANCE
S11
(MHz)
(Ω)
Mag
Angle
1000
45.9+j15.7
0.167
95
1400
60.8+j2.1
0.099
9.4
1600
63.2-j6.0
0.128
–22
1800
61.8-j14.2
0.163
–44
2000
56.4-j16.8
0.165
–61
2200
51.7-j14.7
0.144
–75
2400
47.3-j11.3
0.119
–97
2600
42.5-j8.6
0.122
–126
The input impedance of the LO port is different if the part
is in shutdown mode. The LO input impedance for EN =
Low is given in Table 3.
Table 1. Typical Performance Characteristics vs VCM for fLO = 2GHz, PLO = 0dBm
VCM (V)
ICC (mA)
GV (dB)
OP1dB (dBm)
OIP2 (dBm)
OIP3 (dBm)
NFloor (dBm/Hz)
LOFT (dBm)
IR (dBc)
0.1
77
–1.3
0.0
47
8.3
–163.2
–45.6
–42.2
0.2
89
–2.7
4.7
45
11.4
–162.2
–42.6
–36.2
0.3
101
–2.1
7.1
49
15.0
–160.9
–42.0
–37.0
0.4
113
–2.0
8.6
51
18.2
–160.2
–42.4
–39.3
0.5
126
–1.9
9.3
52
21.2
–159.2
–42.4
–41.5
0.6
138
–1.9
9.1
52
21.1
–158.6
–42.1
–44.4
APPLICATIO S I FOR ATIO
VCC
20pF
LO
INPUT
ZIN ≈ 56Ω
5572 F04
Figure 4. Equivalent Circuit Schematic of the LO Input


Similar Part No. - LT5572EUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5572 LINER-LT5572 Datasheet
307Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5572 LINER-LT5572 Datasheet
685Kb / 30P
   200MHz to 6000MHz Quadrature Modulator with Ultrahigh OIP3
LT5572 LINER-LT5572_15 Datasheet
332Kb / 16P
   1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
More results

Similar Description - LT5572EUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5572 LINER-LT5572_15 Datasheet
332Kb / 16P
   1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
LT5528 LINER-LT5528_15 Datasheet
319Kb / 16P
   1.5GHz to 2.4GHz High Linearity Direct Quadrature Modulator
LT5528 LINER-LT5528 Datasheet
313Kb / 16P
   1.5GHz to 2.4GHz High Linearity Direct Quadrature Modulator
LT5518 LINER-LT5518_15 Datasheet
383Kb / 16P
   1.5GHz??.4GHz High Linearity Direct Quadrature Modulator
LT5518 LINER-LT5518 Datasheet
373Kb / 16P
   1.5GHz - 2.4GHz High Linearity Direct Quadrature Modulator
logo
RF Micro Devices
RF2422 RFMD-RF2422 Datasheet
68Kb / 6P
   2.5GHZ DIRECT QUADRATURE MODULATOR
RF2422 RFMD-RF2422_12 Datasheet
150Kb / 9P
   2.5GHZ DIRECT QUADRATURE MODULATOR
logo
Linear Technology
LT5515 LINER-LT5515_15 Datasheet
203Kb / 12P
   1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
LT5515 LINER-LT5515 Datasheet
197Kb / 12P
   1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
logo
RF Micro Devices
RF2422 RFMD-RF2422_06 Datasheet
89Kb / 6P
   2.5GHZ DIRECT QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com