Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5581IDDB-TRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LT5581IDDB-TRPBF
Description  6GHz RMS Power Detector with 40dB Dynamic Range
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5581IDDB-TRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LT5581IDDB-TRPBF Datasheet HTML 7Page - Linear Technology LT5581IDDB-TRPBF Datasheet HTML 8Page - Linear Technology LT5581IDDB-TRPBF Datasheet HTML 9Page - Linear Technology LT5581IDDB-TRPBF Datasheet HTML 10Page - Linear Technology LT5581IDDB-TRPBF Datasheet HTML 11Page - Linear Technology LT5581IDDB-TRPBF Datasheet HTML 12Page - Linear Technology LT5581IDDB-TRPBF Datasheet HTML 13Page - Linear Technology LT5581IDDB-TRPBF Datasheet HTML 14Page - Linear Technology LT5581IDDB-TRPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT5581
11
5581f
APPLICATIONS INFORMATION
OPERATION
To achieve an accurate average power measurement of
the high crest factor modulated RF signals, the LT5581
combines a proprietary high speed power measurement
subsystem with an internal 150kHz low pass averag-
ing filter and an output voltage buffer in a completely
integrated solution with minimal off-chip components.
The resulting output voltage is directly proportional to
the average RF input power in dBm. Figure 1 shows the
evaluation circuit schematic, and Figures 2 and 3 show
the associated board artwork. For best high frequency
performance, it is important to place many ground vias
directly under the package.
RF Input Matching
The input resistance is about 205Ω. Input capacitance
is 1.6pF. The impedance vs frequency of the RF input is
detailed in Table 1.
Figure 2. Top Side of Evaluation Board
Figure 3. Bottom Side of Evaluation Board
Table 1. RF Input Impedance
FREQUENCY
(MHz)
INPUT
IMPEDANCE
(Ω)
S11
MAG
ANGLE (°)
10
203.6-j5.5
0.606
–0.8
50
199.5-j22.4
0.603
–3.4
100
191.7-j40.3
0.601
–6.4
200
171.1-j68.5
0.601
–12.3
400
121.8-j95.4
0.608
–24
500
100.2-j97.5
0.613
–29.8
800
56.8-j86.5
0.631
–46.5
900
48-j81.2
0.638
–51.8
1000
41.1-j76
0.645
–56.8
1500
22.2-j55
0.679
–79.5
2000
14.6-j41.4
0.710
–97.9
2100
13.6-j39.2
0.716
–101.2
2500
10.8-j32.1
0.737
–112.9
3000
8.6-j25
0.759
–125.7
3500
7.3-j19.4
0.774
–136.9
4000
6.6-j14.5
0.783
–147.1
5000
8.8-j9.6
0.709
–157.6
6000
6.4-j0
0.774
–179.9
5581 F03
5581 F02


Similar Part No. - LT5581IDDB-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5581 LINER-LT5581_15 Datasheet
513Kb / 18P
   6GHz RMS Power Detector with 40dB Dynamic Range
More results

Similar Description - LT5581IDDB-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5581 LINER-LT5581_15 Datasheet
513Kb / 18P
   6GHz RMS Power Detector with 40dB Dynamic Range
LTC5505-1 LINER-LTC5505-1_15 Datasheet
152Kb / 8P
   RF Power Detector with Buffered Output and 40dB Dynamic Range
LTC5505-2 LINER-LTC5505-2_15 Datasheet
152Kb / 8P
   RF Power Detector with Buffered Output and 40dB Dynamic Range
LTC5505-1 LINER-LTC5505-1 Datasheet
147Kb / 8P
   RF Power Detector with Buffered Output and >40dB Dynamic Range
LTC5582 LINER-LTC5582_15 Datasheet
399Kb / 16P
   40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
LTC5582 LINER-LTC5582 Datasheet
395Kb / 16P
   40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
logo
Texas Instruments
LMH2120 TI1-LMH2120 Datasheet
1Mb / 34P
[Old version datasheet]   6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
logo
National Semiconductor ...
LMH2110 NSC-LMH2110 Datasheet
161Kb / 4P
   8 GHz Logarithmic RMS Power Detector with 45 dB Dynamic Range
logo
Texas Instruments
LMH2110 TI1-LMH2110_16 Datasheet
1Mb / 36P
[Old version datasheet]   8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
logo
Linear Technology
LTC5583 LINER-LTC5583_15 Datasheet
1Mb / 28P
   Matched Dual-Channel 6GHz RMS Power Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com