Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6105CDCB-TRMPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LT6105CDCB-TRMPBF
Description  Precision, Extended Input Range Current Sense Amplifi er
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6105CDCB-TRMPBF Datasheet(HTML) 5 Page - Linear Technology

  LT6105CDCB-TRMPBF Datasheet HTML 1Page - Linear Technology LT6105CDCB-TRMPBF Datasheet HTML 2Page - Linear Technology LT6105CDCB-TRMPBF Datasheet HTML 3Page - Linear Technology LT6105CDCB-TRMPBF Datasheet HTML 4Page - Linear Technology LT6105CDCB-TRMPBF Datasheet HTML 5Page - Linear Technology LT6105CDCB-TRMPBF Datasheet HTML 6Page - Linear Technology LT6105CDCB-TRMPBF Datasheet HTML 7Page - Linear Technology LT6105CDCB-TRMPBF Datasheet HTML 8Page - Linear Technology LT6105CDCB-TRMPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT6105
5
6105fa
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the temperature range
–40°C < TA < 125°C (LT6105H), otherwise specifications are at TA = 25°C. V+ = 12V, V= 0V, VS+ = 12V (see Figure 1), RIN1 = RIN2 =
100
Ω, ROUT = 5k (AV = 50), VSENSE = VS+ – VS–, unless otherwise specified. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VS+, VS–
Input Voltage Range
Guaranteed by CMRR
l
–0.3
–0.1
44
44
V
V
AV Error
Voltage Gain Error (Note 6)
VSENSE = 25mV to 75mV, VS+ = 12V
l
–1
–1.5
0.1
1
1.5
%
%
VSENSE = 25mV to 75mV, VS+ = 0V
l
–3.25
3.25
%
VOS
Input Offset Voltage
MS8 Package
VSENSE = 5mV
l
–0.3
–0.8
–0.1
0.3
0.8
mV
mV
Input Offset Voltage
DCB Package
VSENSE = 5mV
l
–0.4
–0.9
–0.1
0.4
0.9
mV
mV
Input Offset Voltage
VSENSE = 5mV, VS+ = 0V
l
–1
–1.6
–0.3
1
1.6
mV
mV
ΔVOS/ΔT
Temperature Coefficient of VOS
l
0.5
μV/°C
CMRR
Input Common Mode
Rejection Ratio
VSENSE = 5mV, VS+ = 2.8V to 44V
l
100
95
120
dB
dB
VSENSE = 5mV, VS+ = –0.3V to 44V
VSENSE = 5mV, VS+ = –0.1V to 44V
l
94
80
dB
dB
V+
Power Supply Voltage Range
Guaranteed by PSRR
l
2.85
36
V
PSRR
Power Supply Rejection Ratio
VSENSE = 5mV, VS+ = 12V, V+ = 2.85V to 36V
l
98
94
120
dB
dB
VSENSE = 5mV, VS+ = 0V, V+ = 2.85V to 36V
l
98
94
120
dB
dB
I(+IN), I(–IN)
Input Current
VSENSE = 0V, VS+ = 3V
VSENSE = 0V, VS+ = 0V
l
l
18
–0.05
30
μA
μA
I(+IN) – I(–IN)
Input Offset Current
VSENSE = 0V, VS+ = 3V
VSENSE = 0V, VS+ = 0V
l
l
0.35
0.1
0.8
μA
μA
I(+IN) + I(–IN)
Input Current (Power-Down)
V+ = 0V, VS+ = 44V, VSENSE = 0V
l
0.5
2.5
μA
IS
V+ Supply Current
VSENSE = 0V, VS+ = 3V, V+ = 2.85V
VSENSE = 0V, VS+ = 3V, V+ = 36V
l
l
240
300
350
450
μA
μA
VO(MIN)
Minimum Output Voltage
VSENSE = 0mV, VS+ = 44V, V+ = 36V
l
45
mV
VO(MAX)
Output High (Referred to V+)VSENSE = 120mV, AV = 100, ROUT = 10k
l
1.3
1.7
V
IOUT
Maximum Output Current
Guaranteed by VO(MAX)
l
1mA
ISC
Short-Circuit Output Current
VS+ = 44V, VS– = 0V, ROUT = 0Ω
l
1.5
mA
BW
–3dB Bandwidth
VSENSE = 50mV, AV = 10V/V
100
kHz
tS
Output Settling to 1% of Final Value VSENSE = 5mV to 100mV
5
μs
tr
Input Step Response (Note 7)
VSENSE = 5mV to 100mV
3
μs
SR
Slew Rate (Note 8)
VSENSE = 5mV to 150mV, AV = 50V/V, RIN = 400Ω
1.75
2
V/μs
VREV
Reverse Input Voltage
(Referred to V )
I(+IN) + I(–IN) = –5mA
l
–9.5
–12
V


Similar Part No. - LT6105CDCB-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT6105CMS8 LINEAR-LT6105CMS8 Datasheet
33Kb / 1P
   Uni-Dir. Rail-to-Rail Current Sense AMP
More results

Similar Description - LT6105CDCB-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6105 LINER-LT6105_15 Datasheet
380Kb / 20P
   Precision, Extended Input Range Current Sense Amplifier
LTC6102 LINER-LTC6102 Datasheet
250Kb / 20P
   Precision Zero Drift Current Sense Amplifi er
LTC6104 LINER-LTC6104 Datasheet
309Kb / 16P
   High Voltage, High Side, Bi-Directional Current Sense Amplifi er
LTC6101 LINER-LTC6101_15 Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense Amplifi er in SOT-23
LTC6101HV LINER-LTC6101HV_15 Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense Amplifi er in SOT-23
logo
Linear Dimensions Semic...
LTC6101ACMS8TRPBF LINEAR_DIMENSIONS-LTC6101ACMS8TRPBF Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense Amplifi er in SOT-23
logo
AVAGO TECHNOLOGIES LIMI...
MGA-62563 AVAGO-MGA-62563 Datasheet
138Kb / 18P
   Current-Adjustable, Low Noise Amplifi er
logo
Broadcom Corporation.
DEMO-MGA-6X563A BOARDCOM-DEMO-MGA-6X563A Datasheet
150Kb / 19P
   Current-Adjustable, Low Noise Amplifi er
logo
Maxim Integrated Produc...
MAX9918 MAXIM-MAX9918 Datasheet
2Mb / 17P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 0; 11/09
MAX9918 MAXIM-MAX9918_10 Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 12/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com