Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6411 Datasheet(PDF) 9 Page - Linear Technology

Part # LT6411
Description  650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6411 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6411 Datasheet HTML 5Page - Linear Technology LT6411 Datasheet HTML 6Page - Linear Technology LT6411 Datasheet HTML 7Page - Linear Technology LT6411 Datasheet HTML 8Page - Linear Technology LT6411 Datasheet HTML 9Page - Linear Technology LT6411 Datasheet HTML 10Page - Linear Technology LT6411 Datasheet HTML 11Page - Linear Technology LT6411 Datasheet HTML 12Page - Linear Technology LT6411 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT6411
9
6411f
APPLICATIONS INFORMATION
Power Supplies
The LT6411 can be operated on as little as ±2.25V or a
single 4.5V supply and as much as ±6V or a single 12V
supply. Internally, each supply is independent to improve
channel isolation. Note that the Exposed Pad is internally
connected to VEE and must not be grounded when using
split supplies. Do not leave any supply pins disconnected
or the part may not function correctly!
Enable/Shutdown
The LT6411 has a TTL compatible shutdown mode con-
trolled by the EN pin and referenced to the DGND pin. If
the amplifier will be enabled at all times, the EN pin can
be connected directly to DGND. If the enable function is
desired, either driving the pin above 2V or allowing the
internal 46k pull-up resistor to pull the EN pin to the top
rail will disable the amplifier. When disabled, the DC output
impedance will rise to approximately 740
Ω through the
internal feedback and gain resistors (assuming inputs at
ground). Supply current into the amplifier in the disabled
state will be primarily through VCC and approximately
equal to (VCC – VEN)/46k.
It is important that the two following constraints on the
DGND pin and the EN pin are always followed:
VCC – VDGND ≥ 3V
–0.5V ≤ VEN – VDGND ≤ 5.5V
Split supplies of ±3V to ±5.5V will satisfy these require-
ments with DGND connected to 0V.
In dual supply cases with VCC less than 3V, DGND should
be connected to a potential below ground such as VEE.
Since the EN pin is referenced to DGND, it may need to be
pulled below ground in those cases. In order to protect the
internal enable circuitry, the EN pin should not be forced
more than 0.5V below DGND.
In single supply applications above 5.5V, an additional
resistor may be needed from the EN pin to DGND if the
pin is ever allowed to float. For example, on a 12V single
supply, a 33k resistor would protect the pin from floating
too high while still allowing the internal pull-up resistor
to disable the part.
The DGND pin should not be pulled above the EN pin since
doing so will turn on an ESD protection diode. If the EN
pin voltage is forced a diode drop below the DGND pin,
current should be limited to 10mA or less.
The enable/disable times of the LT6411 are fast when
driven with a logic input. Turn on (from 50% EN input to
50% output) typically occurs in less than 50ns. Turn off
is slower, but is less than 300ns.
Gain Selection
The gain of the internal amplifiers of the LT6411 is config-
ured by connecting the IN+ and INpins to the input signal
or ground in the combinations shown in Figure 1.
As shown in the Simplified Schematic, the INpins connect
to the internal gain resistor of each amplifier, and therefore,
each pin can be configured independently. Floating the
INpins is not recommended as the parasitic capacitance
causes an AC gain of 2 at high frequencies, despite a DC
gain of +1. Both inputs are connected together in the gain
of +1 configuration to avoid this limitation.
+
+V
–V
LT6411
IN+
AV = +2
IN–
OUT+
OUT–
+
+V
–V
LT6411
IN+
AV = –1
IN–
OUT–
OUT+
6411 F01
+
+V
–V
LT6411
IN+
AV = +1
IN–
OUT+
OUT–
Figure 1. LT6411 Configured in Noninverting Gain of 2, Noninverting Gain of 1 and Inverting Gain of 1, All Shown with Dual Supplies


Similar Part No. - LT6411

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT6411 ETC1-LT6411 Datasheet
61Kb / 1P
   UNDERSTANDING THE SUBJECT IS CUSTOMER SERVICE
logo
Linear Technology
LT6411 LINER-LT6411 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT6411 LINER-LT6411 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
LT6411 LINER-LT6411 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LT6411 LINER-LT6411 Datasheet
367Kb / 16P
   650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
More results

Similar Description - LT6411

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6411 LINER-LT6411_15 Datasheet
367Kb / 16P
   650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
LT1991 LINER-LT1991 Datasheet
279Kb / 28P
   Precision, 100關A Gain Selectable Amplifi er
LT6402-12 LINER-LT6402-12 Datasheet
230Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 12dB)
LT6402-6 LINER-LT6402-6 Datasheet
236Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
LT1993-10 LINER-LT1993-10 Datasheet
739Kb / 16P
   700MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 10V/V)
logo
API Technologies Corp
BXMF1043 APITECH-BXMF1043 Datasheet
324Kb / 2P
   Automatic Gain Controlled Amplifi er
logo
Linear Technology
LT1993-2 LINER-LT1993-2 Datasheet
671Kb / 20P
   800MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 2V/V)
logo
Analog Devices
ADA4950-1 AD-ADA4950-1 Datasheet
675Kb / 28P
   Low Power, Selectable Gain Differential ADC Driver, G = 1, 2, 3
REV. 0
logo
Linear Technology
LT1993-4 LINER-LT1993-4 Datasheet
720Kb / 16P
   900MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 4V/V)
logo
Analog Devices
ADA4950-1 AD-ADA4950-1_16 Datasheet
600Kb / 26P
   Low Power, Selectable Gain Differential ADC Driver, G = 1, 2, 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com