Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6402CUD-12-TR Datasheet(PDF) 7 Page - Linear Technology

Part # LT6402CUD-12-TR
Description  300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 12dB)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6402CUD-12-TR Datasheet(HTML) 7 Page - Linear Technology

Back Button LT6402CUD-12-TR Datasheet HTML 3Page - Linear Technology LT6402CUD-12-TR Datasheet HTML 4Page - Linear Technology LT6402CUD-12-TR Datasheet HTML 5Page - Linear Technology LT6402CUD-12-TR Datasheet HTML 6Page - Linear Technology LT6402CUD-12-TR Datasheet HTML 7Page - Linear Technology LT6402CUD-12-TR Datasheet HTML 8Page - Linear Technology LT6402CUD-12-TR Datasheet HTML 9Page - Linear Technology LT6402CUD-12-TR Datasheet HTML 10Page - Linear Technology LT6402CUD-12-TR Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
640212fa
LT6402-12
Noise Figure vs Frequency
Input Referred Noise Voltage
vs Frequency
Reverse Isolation vs Frequency
Differential Input Impedance
vs Frequency
TYPICAL PERFORMANCE CHARACTERISTICS
Differential Output Impedance
vs Frequency
Input Reflection Coefficient
vs Frequency
Output Reflection Coefficient
vs Frequency
PSRR, CMRR vs Frequency
Small-Signal Transient Response
FREQUENCY (MHz)
10
0
5
10
15
20
30
100
1000
640212 G13
25
MEASURED USING
DC954 DEMO BOARD
FREQUENCY (MHz)
10
0
2
4
6
8
12
100
1000
640212 G14
10
FREQUENCY (MHz)
1
–60
–50
–40
–30
–20
10
100
1000
640212 G15
–70
–80
–90
–110
–100
–10
0
UNFILTERED OUTPUTS
FREQUENCY (MHz)
1
100
200
300
10
100
1000
640212 G16
0
50
150
250
–50
–100
IMPEDANCE
MAGNITUDE
IMPEDANCE
PHASE
FREQUENCY (MHz)
10
1
10
100
100
1000
64206 G17
UNFILTERED OUTPUTS
FREQUENCY (MHz)
1
–20
–10
0
10
100
1000
640212 G18
–30
–25
–15
–5
–35
–40
MEASURED USING
DC954 DEMO BOARD
FREQUENCY (MHz)
1
–20
–10
0
10
100
1000
640212 G19
–30
–25
–15
–5
–35
–40
MEASURED USING
DC954 DEMO BOARD
FREQUENCY (MHz)
1
40
60
50
70
80
10
100
1000
640212 G20
20
10
30
0
120
110
100
90
UNFILTERED OUTPUTS
PSRR
CMRR
TIME (5ns/DIV)
2.220
2.240
2.260
640212 G21
2.180
2.120
2.280
2.200
2.160
2.140


Similar Part No. - LT6402CUD-12-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6402CUD-20 LINER-LT6402CUD-20 Datasheet
326Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver (AV = 20dB)
LT6402CUD-6 LINER-LT6402CUD-6 Datasheet
236Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
LT6402CUD-6-PBF LINER-LT6402CUD-6-PBF Datasheet
236Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
LT6402CUD-6-TR LINER-LT6402CUD-6-TR Datasheet
236Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
LT6402CUD-6-TRPBF LINER-LT6402CUD-6-TRPBF Datasheet
236Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
More results

Similar Description - LT6402CUD-12-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6402-6 LINER-LT6402-6 Datasheet
236Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
LT1993-10 LINER-LT1993-10 Datasheet
739Kb / 16P
   700MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 10V/V)
LT1993-2 LINER-LT1993-2 Datasheet
671Kb / 20P
   800MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 2V/V)
LT1993-4 LINER-LT1993-4 Datasheet
720Kb / 16P
   900MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 4V/V)
LT6402-20 LINER-LT6402-20 Datasheet
326Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver (AV = 20dB)
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
LT1994 LINER-LT1994 Datasheet
296Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
LTC6400-26 LINER-LTC6400-26 Datasheet
219Kb / 16P
   1.9GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
LTC6400-14 LINER-LTC6400-14_15 Datasheet
236Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400-8 LINER-LTC6400-8_15 Datasheet
224Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com