Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6604-2.5 Datasheet(PDF) 9 Page - Linear Technology

Part # LT6604-2.5
Description  Dual Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6604-2.5 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6604-2.5 Datasheet HTML 5Page - Linear Technology LT6604-2.5 Datasheet HTML 6Page - Linear Technology LT6604-2.5 Datasheet HTML 7Page - Linear Technology LT6604-2.5 Datasheet HTML 8Page - Linear Technology LT6604-2.5 Datasheet HTML 9Page - Linear Technology LT6604-2.5 Datasheet HTML 10Page - Linear Technology LT6604-2.5 Datasheet HTML 11Page - Linear Technology LT6604-2.5 Datasheet HTML 12Page - Linear Technology LT6604-2.5 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT6604-2.5
9
660425f
+
1580Ω
1580Ω
0.01μF
0.1μF
3.3V
+
VIN
VIN
+
660425 F01
VOUT
+
VOUT
V
t
3
2
1
VIN
+
VIN
V
t
3
2
1
VOUT
+
1/2
LT6604-2.5
VOUT
0
0
25
27
4
34
6
2
29
7
+
1580Ω
1580Ω
0.01μF
0.1μF
0.1μF
0.1μF
3.3V
+
VIN
+
660425 F02
VOUT
+
VOUT
V
3
2
1
t
0
VOUT
+
VOUT
2
V
t
1
0
–1
VIN
+
25
27
4
34
6
2
29
7
1/2
LT6604-2.5
+
402Ω
402Ω
0.1μF
0.01μF
5V
+
VIN
VIN
+
25
27
4
34
6
2
29
7
660425 F03
VOUT
+
VOUT
+
2V
V
t
3
2
1
0
VOUT
+
VOUT
V
t
3
2
1
0
VIN
+
VIN
500mVP-P (DIFF)
1/2
LT6604-2.5
APPLICATIONS INFORMATION
Figure 1
Figure 2
Figure 3
Interfacing to the LT6604-2.5
Note: The LT6604-2.5 contains two identical lowpass
filters. The following applications information only refers
to one filter. The two filters are independent except that
they share the same negative supply voltage V. The two
filters can be used simultaneously by replicating the ex-
ample circuits. The referenced pin numbers correspond
to the A channel filter.
Each LT6604-2.5 channel requires two equal external re-
sistors, RIN, to set the differential gain to 1580Ω/RIN. The
inputs to the filter are the voltages VIN+ and VIN– presented
to these external components, Figure 1. The difference
between VIN+ and VIN– is the differential input voltage. The
average of VIN+andVIN–isthecommonmodeinputvoltage.
Similarly, the voltages VOUT+ and VOUT– appearing at pins
27 and 29 of the LT6604-2.5 are the filter outputs. The dif-
ference between VOUT+ and VOUT– is the differential output
voltage. The average of VOUT+ and VOUT– is the common
mode output voltage. Figure 1 illustrates the LT6604-2.5
operating with a single 3.3V supply and unity passband
gain; the input signal is DC-coupled. The common mode
input voltage is 0.5V, and the differential input voltage is
2VP-P. The common mode output voltage is 1.65V, and the
differential output voltage is 2VP-P for frequencies below
2.5MHz. The common mode output voltage is determined
by the voltage at VOCM. Since VOCM is shorted to VMID,
the output common mode is the mid-supply voltage. In
addition, the common mode input voltage can be equal
to the mid-supply voltage of VMID.
Figure 2 shows how to AC couple signals into the LT6604-
2.5. In this instance, the input is a single-ended signal.
AC-coupling allows the processing of single-ended or
differential signals with arbitrary common mode levels.
The 0.1μF coupling capacitor and the 1580Ω gain setting
resistor form a high pass filter, attenuating signals below
1kHz. Larger values of coupling capacitors will proportion-
ally reduce this highpass 3dB frequency.
In Figure 3 the LT6604-2.5 channel is providing 12dB of
gain. The common mode output voltage is set to 2V.


Similar Part No. - LT6604-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6604-2.5 LINER-LT6604-2.5 Datasheet
207Kb / 16P
   Dual Very Low Noise, Differential Amplifier and 2.5MHz Lowpass Filter
LT6604-2.5 LINER-LT6604-2.5_15 Datasheet
207Kb / 16P
   Dual Very Low Noise, Differential Amplifier and 2.5MHz Lowpass Filter
More results

Similar Description - LT6604-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6600-2.5 LINER-LT6600-2.5_09 Datasheet
193Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6600-2.5 LINER-LT6600-2.5_15 Datasheet
233Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6604-5 LINER-LT6604-5 Datasheet
182Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6604-15 LINER-LT6604-15 Datasheet
202Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6604-10 LINER-LT6604-10 Datasheet
204Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LT6600-10 LINER-LT6600-10_15 Datasheet
204Kb / 16P
   Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LT6600-5 LINER-LT6600-5_15 Datasheet
160Kb / 12P
   Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6600-15 LINER-LT6600-15 Datasheet
156Kb / 12P
   Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6600-20 LINER-LT6600-20_15 Datasheet
180Kb / 12P
   Very Low Noise, Differential Amplifi er and 20MHz Lowpass Filter
LT6600-5 LINER-LT6600-5 Datasheet
153Kb / 12P
   Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com