Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6600IS8-15-PBF Datasheet(PDF) 5 Page - Linear Technology

Part # LT6600IS8-15-PBF
Description  Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6600IS8-15-PBF Datasheet(HTML) 5 Page - Linear Technology

  LT6600IS8-15-PBF Datasheet HTML 1Page - Linear Technology LT6600IS8-15-PBF Datasheet HTML 2Page - Linear Technology LT6600IS8-15-PBF Datasheet HTML 3Page - Linear Technology LT6600IS8-15-PBF Datasheet HTML 4Page - Linear Technology LT6600IS8-15-PBF Datasheet HTML 5Page - Linear Technology LT6600IS8-15-PBF Datasheet HTML 6Page - Linear Technology LT6600IS8-15-PBF Datasheet HTML 7Page - Linear Technology LT6600IS8-15-PBF Datasheet HTML 8Page - Linear Technology LT6600IS8-15-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LT6600-15
5
660015fa
TYPICAL PERFORMANCE CHARACTERISTICS
Distortion
vs Output Common Mode
Total Supply Current
vs Total Supply Voltage
Transient Response
Distortion vs Signal Level
Distortion
vs Input Common Mode Level
Distortion
vs Input Common Mode Level
INPUT LEVEL (VP-P)
0
–60
–50
–40
4
660015 G10
–70
–80
123
5
–90
–100
–110
VS = ±5V
RL = 800Ω AT EACH OUTPUT
GAIN = 1
TA = 25°C
2ND HARMONIC,
10MHz INPUT
3RD
HARMONIC,
10MHz INPUT
2ND HARMONIC,
1MHz INPUT
3RD HARMONIC,
1MHz INPUT
INPUT COMMON MODE VOTLAGE RELATIVE TO PIN 7 (V)
–3
–110
–100
–90
–80
–70
–60
–50
–40
–2
–1
0
1
2
66002 G11
3
2ND HARMONIC,
VS = 3V
3RD HARMONIC,
VS = 3V
2ND HARMONIC,
VS = 5V
3RD HARMONIC,
VS = 5V
GAIN = 1
RL = 800Ω AT EACH
OUTPUT
TA = 25°C
2VP-P 1MHz INPUT
INPUT COMMON MODE VOTLAGE RELATIVE TO PIN 7 (V)
–3
–100
–90
–80
–70
–60
–50
–40
–2
–1
0
1
2
660015 G12
3
GAIN = 4, RL = 800Ω AT EACH OUTPUT
TA = 25°C, 500mVP-P 1MHz INPUT
2ND HARMONIC,
VS = 3V
3RD HARMONIC,
VS = 3V
2ND HARMONIC,
VS = 5V
3RD HARMONIC,
VS = 5V
VOLTAGE PIN 2 TO PIN 7 (V)
–70
–60
–50
0.5
1
1.5
660015 G13
–80
–90
–1.5
–1
–0.5
0
2
2.5
–100
–110
–40
2VP-P 1MHz INPUT
GAIN = 1,
RL = 800Ω AT EACH OUTPUT
TA = 25°C
2ND HARMONIC,
VS = 3V
3RD HARMONIC,
VS = 3V
2ND HARMONIC,
VS = 5V
3RD HARMONIC,
VS = 5V
2ND HARMONIC,
VS = ±5V
3RD HARMONIC,
VS = ±5V
TOTAL SUPPLY VOLTAGE (V)
20
30
40
50
25
35
45
24
6
8
660015 G14
10
12
TA = –40°C
TA = 25°C
TA = 85°C
OUT
200mV/DIV
IN+
500mV/DIV
IN
100ns/DIV
DIFFERENTIAL GAIN = 1
SINGLE-ENDED INPUT
DIFFERENTAL OUTPUT
660015 G15
OUT+
200mV/DIV


Similar Part No. - LT6600IS8-15-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6600IS8-10 LINER-LT6600IS8-10 Datasheet
221Kb / 12P
   Very Low Noise, Differential Amplifier and 10MHz Lowpass Filter
More results

Similar Description - LT6600IS8-15-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6604-15 LINER-LT6604-15 Datasheet
202Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6600-10 LINER-LT6600-10_15 Datasheet
204Kb / 16P
   Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LT6600-5 LINER-LT6600-5_15 Datasheet
160Kb / 12P
   Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6600-2.5 LINER-LT6600-2.5_09 Datasheet
193Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6600-2.5 LINER-LT6600-2.5_15 Datasheet
233Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6600-20 LINER-LT6600-20_15 Datasheet
180Kb / 12P
   Very Low Noise, Differential Amplifi er and 20MHz Lowpass Filter
LT6600-5 LINER-LT6600-5 Datasheet
153Kb / 12P
   Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6604-2.5 LINER-LT6604-2.5 Datasheet
200Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6604-5 LINER-LT6604-5 Datasheet
182Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6604-10 LINER-LT6604-10 Datasheet
204Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com