Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6600IDF-2.5-PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LT6600IDF-2.5-PBF
Description  Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6600IDF-2.5-PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LT6600IDF-2.5-PBF Datasheet HTML 7Page - Linear Technology LT6600IDF-2.5-PBF Datasheet HTML 8Page - Linear Technology LT6600IDF-2.5-PBF Datasheet HTML 9Page - Linear Technology LT6600IDF-2.5-PBF Datasheet HTML 10Page - Linear Technology LT6600IDF-2.5-PBF Datasheet HTML 11Page - Linear Technology LT6600IDF-2.5-PBF Datasheet HTML 12Page - Linear Technology LT6600IDF-2.5-PBF Datasheet HTML 13Page - Linear Technology LT6600IDF-2.5-PBF Datasheet HTML 14Page - Linear Technology LT6600IDF-2.5-PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT6600-2.5
11
660025fb
APPLICATIONS INFORMATION
VMID can be allowed to float, but it must be bypassed to
an AC ground with a 0.01μF capacitor or some instability
maybe observed. VMID can be driven from a low impedance
source, provided it remains at least 1.5V above Vand at
least 1.5V below V+. An internal resistor divider sets the
voltage of VMID. While the internal 11k resistors are well
matched, their absolute value can vary by ±20%. This
should be taken into consideration when connecting an
external resistor network to alter the voltage of VMID.
VOCM can be shorted to VMID for simplicity. If a different
common mode output voltage is required, connect VOCM
to a voltage source or resistor network. For 3V and 3.3V
supplies the voltage at VOCM must be less than or equal
to the mid supply level. For example, voltage (VOCM) ≤
1.65V on a single 3.3V supply. For power supply voltages
higher than 3.3V the voltage at VOCM can be set above mid
supply, as shown in Table 1. The voltage on VOCM should
not exceed 1V below the voltage on VMID. VOCM is a high
impedance input.
Table 1. Output Common Range for Various Supplies
SUPPLY
VOLTAGE
DIFFERENTIAL OUT
VOLTAGE SWING
OUTPUT COMMON MODE
RANGE FOR LOW DISTORTION
3V
4VP-P
1.4V ≤ VOCM ≤ 1.6V
2VP-P
1V ≤ VOCM ≤ 1.6V
1VP-P
0.75V ≤ VOCM ≤ 1.6V
5V
8VP-P
2.4V ≤ VOCM ≤ 2.6V
4VP-P
1.5V ≤ VOCM ≤ 3.5V
2VP-P
1V ≤ VOCM ≤ 3.75V
1VP-P
0.75V ≤ VOCM ≤ 3.75V
±5V
9VP-P
–2V ≤ VOCM ≤ 2V
4VP-P
–3.5V ≤ VOCM ≤ 3.5V
2VP-P
–3.75V ≤ VOCM ≤ 3.75V
1VP-P
–4.25V ≤ VOCM ≤ 3.75V
NOTE: VOCM is set by the voltage at this RIN. The voltage at VOCM should not exceed 1V below
the voltage at VMID. To achieve some of the output common mode ranges shown in the table, the
voltage at VMID must be set externally to a value below mid supply.
The LT6600-2.5 was designed to process a variety of input
signals including signals centered around the mid-sup-
ply voltage and signals that swing between ground and
a positive voltage in a single supply system (Figure 1).
The range of allowable input common mode voltage (the
average of VIN+ and VIN– in Figure 1) is determined by
the power supply level and gain setting (see “Electrical
Characteristics”).
Common Mode DC Currents
InapplicationslikeFigure1andFigure3wheretheLT6600-2.5
not only provides lowpass filtering but also level shifts the
common mode voltage of the input signal, DC currents
will be generated through the DC path between input and
output terminals. Minimize these currents to decrease
power dissipation and distortion.
Consider the application in Figure 3. VMID sets the output
common mode voltage of the 1st differential amplifier inside
the LT6600-2.5 (see the “Block Diagram” section)at 2.5V.
Since the input common mode voltage is near 0V, there
will be approximately a total of 2.5V drop across the series
combination of the internal 1580Ω feedback resistor and
the external 402Ω input resistor. The resulting 1.25mA
common mode DC current in each input path,must be
absorbed by the sources VIN+ and VIN–. VOCM sets the
common mode output voltage of the 2nd differential
amplifier inside the LT6600-2.5, and therefore sets the
common mode output voltage of the filter. Since, in the
example of Figure 3, VOCM differs from VMID by 0.5V, an
additional 625μA (312μA per side) of DC current will flow
in the resistors coupling the 1st differential amplifier output
stage to filter output. Thus, a total of 3.125mA is used to
translate the common mode voltages.
A simple modification to Figure 3 will reduce the DC com-
mon mode currents by 36%. If VMID is shorted toVOCM the
common mode output voltage of both op amp stages will
be 2V and the resulting DC current will be 2mA. Of course,
by AC coupling the inputs of Figure 3, the common mode
DC current can be reduced to 625μA.


Similar Part No. - LT6600IDF-2.5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6600IS8-10 LINER-LT6600IS8-10 Datasheet
221Kb / 12P
   Very Low Noise, Differential Amplifier and 10MHz Lowpass Filter
LT6600IS8-15 LINER-LT6600IS8-15 Datasheet
156Kb / 12P
   Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6600IS8-15-PBF LINER-LT6600IS8-15-PBF Datasheet
156Kb / 12P
   Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6600IS8-15-TR LINER-LT6600IS8-15-TR Datasheet
156Kb / 12P
   Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6600IS8-15-TRPBF LINER-LT6600IS8-15-TRPBF Datasheet
156Kb / 12P
   Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
More results

Similar Description - LT6600IDF-2.5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6600-2.5 LINER-LT6600-2.5_15 Datasheet
233Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6604-2.5 LINER-LT6604-2.5 Datasheet
200Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6600-10 LINER-LT6600-10_15 Datasheet
204Kb / 16P
   Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LT6600-5 LINER-LT6600-5_15 Datasheet
160Kb / 12P
   Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6600-15 LINER-LT6600-15 Datasheet
156Kb / 12P
   Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6600-20 LINER-LT6600-20_15 Datasheet
180Kb / 12P
   Very Low Noise, Differential Amplifi er and 20MHz Lowpass Filter
LT6600-5 LINER-LT6600-5 Datasheet
153Kb / 12P
   Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6604-5 LINER-LT6604-5 Datasheet
182Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6604-15 LINER-LT6604-15 Datasheet
202Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6604-10 LINER-LT6604-10 Datasheet
204Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com