Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6604IUFF-2.5-PBF Datasheet(PDF) 3 Page - Linear Technology

Part # LT6604IUFF-2.5-PBF
Description  Dual Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6604IUFF-2.5-PBF Datasheet(HTML) 3 Page - Linear Technology

  LT6604IUFF-2.5-PBF Datasheet HTML 1Page - Linear Technology LT6604IUFF-2.5-PBF Datasheet HTML 2Page - Linear Technology LT6604IUFF-2.5-PBF Datasheet HTML 3Page - Linear Technology LT6604IUFF-2.5-PBF Datasheet HTML 4Page - Linear Technology LT6604IUFF-2.5-PBF Datasheet HTML 5Page - Linear Technology LT6604IUFF-2.5-PBF Datasheet HTML 6Page - Linear Technology LT6604IUFF-2.5-PBF Datasheet HTML 7Page - Linear Technology LT6604IUFF-2.5-PBF Datasheet HTML 8Page - Linear Technology LT6604IUFF-2.5-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT6604-2.5
3
660425f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Unless otherwise specified VS = 5V (V+ = 5V, V= 0V), RIN = 1580Ω, and
RLOAD = 1k.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Matching of Filter Gain, VS = 3V
VIN = 2VP-P, fIN = DC to 260kHz
VIN = 2VP-P, fIN = 700kHz (Gain Relative to 260kHz)
VIN = 2VP-P, fIN = 1.9MHz (Gain Relative to 260kHz)
VIN = 2VP-P, fIN = 2.2MHz (Gain Relative to 260kHz)
VIN = 2VP-P, fIN = 2.5MHz (Gain Relative to 260kHz)
VIN = 2VP-P, fIN = 7.5MHz (Gain Relative to 260kHz)
VIN = 2VP-P, fIN = 12.5MHz (Gain Relative to 260kHz)
l
l
l
l
l
l
0.04
0.005
0.02
0.03
0.05
0.15
0.05
0.4
0.1
0.3
0.4
0.6
1.1
2.8
dB
dB
dB
dB
dB
dB
dB
Matching of Filter Phase, VS = 3V
VIN = 2VP-P, fIN = 700kHz
VIN = 2VP-P, fIN = 1.9MHz
VIN = 2VP-P, fIN = 2.2MHz
l
l
l
0.2
0.6
0.8
1.5
3.5
4.5
deg
deg
deg
Filter Gain Either Channel, VS = 5V
VIN = 2VP-P, fIN = DC to 260kHz
VIN = 2VP-P, fIN = 700kHz (Gain Relative to 260kHz)
VIN = 2VP-P, fIN = 1.9MHz (Gain Relative to 260kHz)
VIN = 2VP-P, fIN = 2.2MHz (Gain Relative to 260kHz)
VIN = 2VP-P, fIN = 2.5MHz (Gain Relative to 260kHz)
VIN = 2VP-P, fIN = 7.5MHz (Gain Relative to 260kHz)
VIN = 2VP-P, fIN = 12.5MHz (Gain Relative to 260kHz)
l
l
l
l
l
l
–0.5
–0.15
–0.2
–0.6
–2.1
–0.1
0
0.2
0.1
–0.9
–34
–51
0.4
0.1
0.6
0.5
0
– 31
dB
dB
dB
dB
dB
dB
dB
Matching of Filter Gain, VS = 5V
VIN = 2VP-P, fIN = DC to 260kHz
VIN = 2VP-P, fIN = 700kHz (Gain Relative to 260kHz)
VIN = 2VP-P, fIN = 1.9MHz (Gain Relative to 260kHz)
VIN = 2VP-P, fIN = 2.2MHz (Gain Relative to 260kHz)
VIN = 2VP-P, fIN = 2.5MHz (Gain Relative to 260kHz)
VIN = 2VP-P, fIN = 7.5MHz (Gain Relative to 260kHz)
VIN = 2VP-P, fIN = 12.5MHz (Gain Relative to 260kHz)
l
l
l
l
l
l
0.04
0.005
0.02
0.03
0.05
0.15
0.05
0.4
0.1
0.3
0.4
0.6
1.1
2.8
dB
dB
dB
dB
dB
dB
dB
Matching of Filter Phase, VS = 5V
VIN = 2VP-P, fIN = 700kHz
VIN = 2VP-P, fIN = 1.9MHz
VIN = 2VP-P, fIN = 2.2MHz
l
l
l
0.2
0.6
0.8
1.5
3.5
4.5
deg
deg
deg
Filter Gain Either Channel, VS = ±5V
VIN = 2VP-P, fIN = DC to 260kHz
–0.6
–0.1
0.4
dB
Filter Gain, RIN = 402Ω
VOUT = 2VP-P, fIN = DC to 260kHz
VS = 3V
VS = 5V
VS = ±5V
11.3
11.3
11.2
11.8
11.8
11.7
12.3
12.3
12.2
dB
dB
dB
Filter Gain Temperature Coefficient (Note 2)
fIN = 260kHz, VIN = 2VP-P
780
ppm/°C
Noise
Noise BW = 10kHz to 2.5MHz, RIN = 1580Ω
51
μVRMS
Distortion (Note 4)
VIN = 1VRMS, fIN = 1MHz, RL = 800Ω
2nd Harmonic
3rd Harmonic
92
88
dBc
dBc
Channel Separation (Note 9)
VIN = 2VP-P, fIN = 1MHz
–119
dB
Differential Output Swing
Measured Between OUT+ and OUT–, VOCM Shorted to VMID
VS = 5V
VS = 3V
l
l
8.8
5.1
9.3
5.5
VP-P_DIFF
VP-P_DIFF


Similar Part No. - LT6604IUFF-2.5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6604IUFF-10-PBF LINER-LT6604IUFF-10-PBF Datasheet
204Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LT6604IUFF-15-PBF LINER-LT6604IUFF-15-PBF Datasheet
202Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6604IUFF-5-PBF LINER-LT6604IUFF-5-PBF Datasheet
182Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6604IUFF-5-TRPBF LINER-LT6604IUFF-5-TRPBF Datasheet
182Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
More results

Similar Description - LT6604IUFF-2.5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6600-2.5 LINER-LT6600-2.5_09 Datasheet
193Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6600-2.5 LINER-LT6600-2.5_15 Datasheet
233Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6604-5 LINER-LT6604-5 Datasheet
182Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6604-15 LINER-LT6604-15 Datasheet
202Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6604-10 LINER-LT6604-10 Datasheet
204Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LT6600-10 LINER-LT6600-10_15 Datasheet
204Kb / 16P
   Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LT6600-5 LINER-LT6600-5_15 Datasheet
160Kb / 12P
   Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6600-15 LINER-LT6600-15 Datasheet
156Kb / 12P
   Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6600-20 LINER-LT6600-20_15 Datasheet
180Kb / 12P
   Very Low Noise, Differential Amplifi er and 20MHz Lowpass Filter
LT6600-5 LINER-LT6600-5 Datasheet
153Kb / 12P
   Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com