Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6600IS8-15 Datasheet(PDF) 3 Page - Linear Technology

Part # LT6600IS8-15
Description  Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6600IS8-15 Datasheet(HTML) 3 Page - Linear Technology

  LT6600IS8-15 Datasheet HTML 1Page - Linear Technology LT6600IS8-15 Datasheet HTML 2Page - Linear Technology LT6600IS8-15 Datasheet HTML 3Page - Linear Technology LT6600IS8-15 Datasheet HTML 4Page - Linear Technology LT6600IS8-15 Datasheet HTML 5Page - Linear Technology LT6600IS8-15 Datasheet HTML 6Page - Linear Technology LT6600IS8-15 Datasheet HTML 7Page - Linear Technology LT6600IS8-15 Datasheet HTML 8Page - Linear Technology LT6600IS8-15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LT6600-15
3
660015fa
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: This is the temperature coefficient of the internal feedback
resistors assuming a temperature independent external resistor (RIN).
Note 3: The input common mode voltage is the average of the voltages
applied to the external resistors (RIN). Specification guaranteed for
RIN ≥ 100Ω.
Note 4: Distortion is measured differentially using a differential stimulus,
The input common mode voltage, the voltage at Pin 2, and the voltage at
Pin 7 are equal to one half of the total power supply voltage.
The
l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. Unless otherwise specified VS = 5V (V+ = 5V, V= 0V), RIN = 536Ω, and RLOAD = 1k.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Filter Gain Temperature Coefficient (Note 2)
fIN = 250kHz, VIN = 2VP-P
780
ppm/C
Noise
Noise BW = 10kHz to 15MHz
109
μVRMS
Distortion (Note 4)
1MHz, 2VP-P, RL = 800Ω, VS = 3V
2nd Harmonic
3rd Harmonic
86
90
dBc
dBc
10MHz, 2VP-P, RL = 800Ω, VS = 3V
2nd Harmonic
3rd Harmonic
63
69
dBc
dBc
Differential Output Swing
Measured Between Pins 4 and 5
VS = 5V
VS = 3V
3.80
3.75
4.75
4.50
VP-P DIFF
VP-P DIFF
Input Bias Current
Average of Pin 1 and Pin 8
– 90
– 35
μA
Input Referred Differential Offset
RIN = 536Ω
VS = 3V
VS = 5V
VS = ±5V
±5
±10
±10
±25
±30
±35
mV
mV
mV
RIN = 133Ω
VS = 3V
VS = 5V
VS = ±5V
±5
±5
±5
±15
±17
±20
mV
mV
mV
Differential Offset Drift
10
μV/°C
Input Common Mode Voltage (Note 3)
Differential Input = 500mVP-P,
VS = 3V
RIN = 133Ω
VS = 5V
VS = ±5V
0.0
0.0
–2.5
1.5
3.0
1.0
V
V
V
Output Common Mode Voltage (Note 5)
Differential Input = 2VP-P,
VS = 3V
Pin 7 at Mid-Supply
VS = 5V
Common Mode Voltage at Pin 2
VS = ±5V
1.0
1.5
–1.0
1.5
3.0
2.0
V
V
V
Output Common Mode Offset
(with Respect to Pin 2)
VS = 3V
VS = 5V
VS = ±5V
–35
–40
–55
5
0
–10
40
40
35
mV
mV
mV
Common Mode Rejection Ratio
64
dB
Voltage at VMID (Pin 7)
VS = 5V
VS = 3V
l
2.45
2.50
1.50
2.55
V
V
VMID Input Resistance
l
4.3
5.7
7.7
VOCM Bias Current
VOCM = VMID= VS/2
VS = 5V
VS = 3V
–10
–10
–2
–2
μA
μA
Power Supply Current
VS = 3V, VS = 5V
VS = 3V
VS = 5V
VS = ±5V
35
38
39
44
45
48
mA
mA
mA
mA
Power Supply Voltage
l
311
V
Note 5: Output common mode voltage is the average of the voltages at
Pins 4 and 5. The output common mode voltage is equal to the voltage
applied to Pin 2.
Note 6: The LT6600C-15 is guaranteed functional over the operating
temperature range –40°C to 85°C.
Note 7: The LT6600C-15 is guaranteed to meet 0°C to 70°C specifications
and is designed, characterized and expected to meet the extended
temperature limits, but is not tested at –40°C and 85°C. The LT6600I-15 is
guaranteed to meet specified performance from –40°C to 85°C.
Note 8: The inputs are protected by back-to-back diodes. If the differential
input voltage exceeds 1.4V, the input current should be limited to less than
10mA.


Similar Part No. - LT6600IS8-15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6600IS8-10 LINER-LT6600IS8-10 Datasheet
221Kb / 12P
   Very Low Noise, Differential Amplifier and 10MHz Lowpass Filter
More results

Similar Description - LT6600IS8-15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6604-15 LINER-LT6604-15 Datasheet
202Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6600-10 LINER-LT6600-10_15 Datasheet
204Kb / 16P
   Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LT6600-5 LINER-LT6600-5_15 Datasheet
160Kb / 12P
   Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6600-2.5 LINER-LT6600-2.5_09 Datasheet
193Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6600-2.5 LINER-LT6600-2.5_15 Datasheet
233Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6600-20 LINER-LT6600-20_15 Datasheet
180Kb / 12P
   Very Low Noise, Differential Amplifi er and 20MHz Lowpass Filter
LT6600-5 LINER-LT6600-5 Datasheet
153Kb / 12P
   Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6604-2.5 LINER-LT6604-2.5 Datasheet
200Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6604-5 LINER-LT6604-5 Datasheet
182Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6604-10 LINER-LT6604-10 Datasheet
204Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com