Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6604-15 Datasheet(PDF) 1 Page - Linear Technology

Part # LT6604-15
Description  Dual Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6604-15 Datasheet(HTML) 1 Page - Linear Technology

  LT6604-15 Datasheet HTML 1Page - Linear Technology LT6604-15 Datasheet HTML 2Page - Linear Technology LT6604-15 Datasheet HTML 3Page - Linear Technology LT6604-15 Datasheet HTML 4Page - Linear Technology LT6604-15 Datasheet HTML 5Page - Linear Technology LT6604-15 Datasheet HTML 6Page - Linear Technology LT6604-15 Datasheet HTML 7Page - Linear Technology LT6604-15 Datasheet HTML 8Page - Linear Technology LT6604-15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT6604-15
1
660415fa
TYPICAL APPLICATION
DESCRIPTION
Dual Very Low Noise,
Differential Amplifier and
15MHz Lowpass Filter
The LT®6604-15 consists of two matched, fully differential
amplifiers, each with a 4th order, 15MHz lowpass filter. The
fixed frequency lowpass filter approximates a Chebyshev
response. By integrating a filter and a differential ampli-
fier, distortion and noise are made exceptionally low. At
unity gain, the measured in band signal-to-noise ratio is
an impressive 76dB. At higher gains, the input referred
noise decreases, allowing the part to process smaller
input differential signals without significantly degrading
the signal-to-noise ratio.
Gain and phase are highly matched between the two chan-
nels. Gain for each channel is independently programmed
using two external resistors. The LT6604-15 enables level
shifting by providing an adjustable output common mode
voltage, making it ideal for directly interfacing to ADCs.
The LT6604-15 is fully specified for 3V operation. The
differential design enables outstanding performance at
a 2VP-P signal level for a single 3V supply. See the back
page of this datasheet for a complete list of related single
and dual differential amplifiers with integrated 2.5MHz to
20MHz lowpass filters.
Channel to Channel Gain Matching
FEATURES
APPLICATIONS
n Dual Differential Amplifier with 15MHz Lowpass
Filters
4th Order Filters
Approximates Chebyshev Response
Guaranteed Phase and Gain Matching
Resistor-Programmable Differential Gain
n 76dB Signal-to-Noise (3V Supply, 2VP-P Output)
n Low Distortion, 2VP-P, 800Ω Load, VS = 3V
1MHz: 86dBc 2nd, 90dBc 3rd
10MHz: 63dBc 2nd, 69dBc 3rd
n Specified for Operation with 3V, 5V and ±5V Supplies
n Fully Differential Inputs and Outputs
n Adjustable Output Common Mode Voltage
n Small 4mm × 7mm × 0.75mm QFN Package
n Dual Differential ADC Driver Plus Filter
n Single-Ended to Differential Converter
n Matched, Dual, Differential Filter Stage
n Common Mode Translation of Differential Signals
n High Speed ADC Antialiasing and DAC Smoothing in
Wireless Infrastructure or Networking Applications
n High Speed Test and Measurement Equipment
n Medical Imaging
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
536Ω
536Ω
3V
3V
+
+
660415 TA01
+
DOUT
AIN
LT6604-15
LTC22xx
+
536Ω
536Ω
3V
–OUTA
+OUTA
–OUTB
+OUTB
+INA
VMIDB
VMIDA
+INB
VOCMA
VOCMB
–INA
–INB
V
+
+
+
DOUT
AIN
+
50Ω
50Ω
DUAL ADC
V+A
V+B
V+B
50Ω
50Ω
18pF
18pF
0.01μF
0.01μF
–0.25
12
16
0.15
660415 TA01b
8
4
10
14
6
2
0
–0.2
–0.1
–0.15
0.05
–0.05
0.1
0.2
0
0.25
GAIN MATCH (dB)
50 TYPICAL UNITS
TA = 25°C
GAIN = 1
fIN = 15MHz


Similar Part No. - LT6604-15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6604-15 LINER-LT6604-15 Datasheet
213Kb / 16P
   Dual Very Low Noise, Differential Amplifier and 15MHz Lowpass Filter
LT6604-15 LINER-LT6604-15_15 Datasheet
213Kb / 16P
   Dual Very Low Noise, Differential Amplifier and 15MHz Lowpass Filter
More results

Similar Description - LT6604-15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6600-15 LINER-LT6600-15 Datasheet
156Kb / 12P
   Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6604-2.5 LINER-LT6604-2.5 Datasheet
200Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6604-5 LINER-LT6604-5 Datasheet
182Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6604-10 LINER-LT6604-10 Datasheet
204Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LT6600-10 LINER-LT6600-10_15 Datasheet
204Kb / 16P
   Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LT6600-5 LINER-LT6600-5_15 Datasheet
160Kb / 12P
   Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6600-2.5 LINER-LT6600-2.5_09 Datasheet
193Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6600-2.5 LINER-LT6600-2.5_15 Datasheet
233Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6600-20 LINER-LT6600-20_15 Datasheet
180Kb / 12P
   Very Low Noise, Differential Amplifi er and 20MHz Lowpass Filter
LT6600-5 LINER-LT6600-5 Datasheet
153Kb / 12P
   Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com