Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6604CUFF-10-PBF Datasheet(PDF) 4 Page - Linear Technology

Part # LT6604CUFF-10-PBF
Description  Dual Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6604CUFF-10-PBF Datasheet(HTML) 4 Page - Linear Technology

  LT6604CUFF-10-PBF Datasheet HTML 1Page - Linear Technology LT6604CUFF-10-PBF Datasheet HTML 2Page - Linear Technology LT6604CUFF-10-PBF Datasheet HTML 3Page - Linear Technology LT6604CUFF-10-PBF Datasheet HTML 4Page - Linear Technology LT6604CUFF-10-PBF Datasheet HTML 5Page - Linear Technology LT6604CUFF-10-PBF Datasheet HTML 6Page - Linear Technology LT6604CUFF-10-PBF Datasheet HTML 7Page - Linear Technology LT6604CUFF-10-PBF Datasheet HTML 8Page - Linear Technology LT6604CUFF-10-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT6604-10
4
660410fa
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Differential Offset Drift
10
μV/°C
Input Common Mode Voltage (Note 3)
Differential Input = 500mVP-P, RIN = 100Ω
VS = 3V
VS = 5V
VS = ±5V
l
l
l
0
0
–2.5
1.5
3
1
V
V
V
Output Common Mode Voltage (Note 5)
Differential Output = 2VP-P, VMID at Midsupply
VS = 3V
VS = 5V
VS = ±5V
l
l
l
1
1.5
–1
1.5
3
2
V
V
V
Output Common Mode Offset
(with Respect to VOCM)
VS = 3V
VS = 5V
VS = ±5V
l
l
l
–35
–40
–55
5
5
–5
40
40
35
mV
mV
mV
Common Mode Rejection Ratio
61
dB
Voltage at VMID
VS = 5V
VS = 3V
l
2.45
2.51
1.5
2.56
V
V
VMID Input Resistance
l
4.3
5.5
7.7
VOCM Bias Current
VOCM = VMID = VS/2
VS = 5V
VS = 3V
l
l
–15
–10
–3
–3
μA
μA
Power Supply Current (per Channel)
VS = 3V, VS = 5V
VS = 3V, VS = 5V
VS = ±5V
l
l
35
36
39
43
46
mA
mA
mA
ELECTRICAL CHARACTERISTICS The l denotes specifications that apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. Unless otherwise specified VS = 5V (V+ = 5V, V= 0V), RIN = 402Ω, and RLOAD = 1k.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: This is the temperature coefficient of the internal feedback
resistors assuming a temperature independent external resistor (RIN).
Note 3: The input common mode voltage is the average of the voltages
applied to the external resistors (RIN). Specification guaranteed for RIN
100Ω.
Note 4: Distortion is measured differentially using a differential stimulus.
The input common mode voltage, the voltage at VOCM, and the voltage at
VMID are equal to one half of the total power supply voltage.
Note 5: Output common mode voltage is the average of the +OUT and
–OUT voltages. The output common mode voltage is equal to VOCM.
Note 6: The LT6604C-10 is guaranteed functional over the operating
temperature range –40°C to 85°C.
Note 7: The LT6604C-10 is guaranteed to meet 0°C to 70°C specifications
and is designed, characterized and expected to meet the extended
temperature limits, but is not tested at –40°C and 85°C. The LT6604I-10 is
guaranteed to meet specified performance from –40°C to 85°C.
Note 8: Input pins (+IN, –IN, VOCM and VMID) are protected by steering
diodes to either supply. If the inputs should exceed either supply voltage,
the input current should be limited to less than 10mA. In addition, the
inputs +IN, –IN are protected by a pair of back-to-back diodes. If the
differential input voltage exceeds 1.4V, the input current should be limited
to less than 10mA.
Note 9: Channel separation (the inverse of crosstalk) is measured by
driving a signal into one input, while terminating the other input. Channel
separation is the ratio of the resulting output signal at the driven channel
to the output at the channel that is not driven.


Similar Part No. - LT6604CUFF-10-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6604CUFF-15-PBF LINER-LT6604CUFF-15-PBF Datasheet
202Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
More results

Similar Description - LT6604CUFF-10-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6600-10 LINER-LT6600-10_15 Datasheet
204Kb / 16P
   Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LT6604-2.5 LINER-LT6604-2.5 Datasheet
200Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6604-5 LINER-LT6604-5 Datasheet
182Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6604-15 LINER-LT6604-15 Datasheet
202Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6600-5 LINER-LT6600-5_15 Datasheet
160Kb / 12P
   Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6600-15 LINER-LT6600-15 Datasheet
156Kb / 12P
   Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6600-2.5 LINER-LT6600-2.5_09 Datasheet
193Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6600-2.5 LINER-LT6600-2.5_15 Datasheet
233Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6600-20 LINER-LT6600-20_15 Datasheet
180Kb / 12P
   Very Low Noise, Differential Amplifi er and 20MHz Lowpass Filter
LT6600-5 LINER-LT6600-5 Datasheet
153Kb / 12P
   Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com