Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6604CUFF-5-TRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LT6604CUFF-5-TRPBF
Description  Dual Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6604CUFF-5-TRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6604CUFF-5-TRPBF Datasheet HTML 5Page - Linear Technology LT6604CUFF-5-TRPBF Datasheet HTML 6Page - Linear Technology LT6604CUFF-5-TRPBF Datasheet HTML 7Page - Linear Technology LT6604CUFF-5-TRPBF Datasheet HTML 8Page - Linear Technology LT6604CUFF-5-TRPBF Datasheet HTML 9Page - Linear Technology LT6604CUFF-5-TRPBF Datasheet HTML 10Page - Linear Technology LT6604CUFF-5-TRPBF Datasheet HTML 11Page - Linear Technology LT6604CUFF-5-TRPBF Datasheet HTML 12Page - Linear Technology LT6604CUFF-5-TRPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT6604-5
9
66045f
APPLICATIONS INFORMATION
+
806Ω
806Ω
0.01μF
0.1μF
3.3V
+
VIN
VIN
+
66045 F01
VOUT
+
VOUT
V
t
3
2
1
VIN
+
VIN
V
t
3
2
1
VOUT
+
1/2
LT6604-5
VOUT
0
0
25
27
4
34
6
2
29
7
+
806Ω
806Ω
0.01μF
0.1μF
0.1μF
0.1μF
3.3V
+
VIN
+
66045 F02
VOUT
+
VOUT
V
3
2
1
t
0
VOUT
+
VOUT
2
V
t
1
0
–1
VIN
+
25
27
4
34
6
2
29
7
1/2
LT6604-5
+
200Ω
200Ω
0.1μF
0.01μF
5V
+
VIN
VIN
+
25
27
4
34
6
2
29
7
66045 F03
VOUT
+
VOUT
+
2V
V
t
3
2
1
0
VOUT
+
VOUT
V
t
3
2
1
0
VIN
+
VIN
500mVP-P (DIFF)
62pF
62pF
1/2
LT6604-5
Figure 1
Figure 2
Figure 3
Interfacing to the LT6604-5
Note: The LT6604-5 contains two identical filters. The fol-
lowing applications information only refers to one filter.
The two filters are independent except that they share the
same negative supply voltage V. The two filters can be
used simultaneously by replicating the example circuits.
The referenced pin numbers correspond to the A channel
filter.
Each LT6604-5 channel requires two equal external re-
sistors, RIN, to set the differential gain to 806Ω/RIN. The
inputs to the filter are the voltages VIN+ and VIN– presented
to these external components, Figure 1. The difference
between VIN+ and VIN– is the differential input voltage.
The average of VIN+ and VIN– is the common mode input
voltage. Similarly, the voltages VOUT+ and VOUT– appearing
at Pins 27 and 29 of the LT6604-5 are the filter outputs.
The difference between VOUT+ and VOUT– is the differential
output voltage. The average of VOUT+ and VOUT– is the com-
mon mode output voltage. Figure 1 illustrates the LT6604-5
operating with a single 3.3V supply and unity passband
gain; the input signal is DC-coupled. The common mode
input voltage is 0.5V, and the differential input voltage is
2VP-P. The common mode output voltage is 1.65V, and the
differential output voltage is 2VP-P for frequencies below
5MHz. The common mode output voltage is determined
by the voltage at VOCM. Since VOCM is shorted to VMID,
the output common mode is the mid supply voltage. In
addition, the common mode input voltage can be equal
to the mid supply voltage of VMID.
Figure 2 shows how to AC couple signals into the LT6604-5.
In this instance, the input is a single-ended signal. AC-cou-
pling allows the processing of single-ended or differential
signals with arbitrary common mode levels. The 0.1μF
coupling capacitor and the 806Ω gain setting resistor form
a high pass filter, attenuating signals below 2kHz. Larger
values of coupling capacitors will proportionally reduce
this highpass 3dB frequency.
In Figure 3 the LT6604-5 is providing 12dB of gain. The
gain resistor has an optional 62pF in parallel to improve
the passband flatness near 5MHz. The common mode
output voltage is set to 2V.


Similar Part No. - LT6604CUFF-5-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6604CUFF-10-PBF LINER-LT6604CUFF-10-PBF Datasheet
204Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LT6604CUFF-15-PBF LINER-LT6604CUFF-15-PBF Datasheet
202Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6604CUFF-2.5-PBF LINER-LT6604CUFF-2.5-PBF Datasheet
200Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6604CUFF-2.5-TRPBF LINER-LT6604CUFF-2.5-TRPBF Datasheet
200Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
More results

Similar Description - LT6604CUFF-5-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6600-5 LINER-LT6600-5_15 Datasheet
160Kb / 12P
   Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6600-5 LINER-LT6600-5 Datasheet
153Kb / 12P
   Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6604-2.5 LINER-LT6604-2.5 Datasheet
200Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6604-15 LINER-LT6604-15 Datasheet
202Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6604-10 LINER-LT6604-10 Datasheet
204Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LT6600-10 LINER-LT6600-10_15 Datasheet
204Kb / 16P
   Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LT6600-15 LINER-LT6600-15 Datasheet
156Kb / 12P
   Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6600-2.5 LINER-LT6600-2.5_09 Datasheet
193Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6600-2.5 LINER-LT6600-2.5_15 Datasheet
233Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6600-20 LINER-LT6600-20_15 Datasheet
180Kb / 12P
   Very Low Noise, Differential Amplifi er and 20MHz Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com