Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

800Z-GN3125-K3 Datasheet(PDF) 3 Page - Allen-Bradley

Part # 800Z-GN3125-K3
Description  Zero-Force Touch Buttons
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

800Z-GN3125-K3 Datasheet(HTML) 3 Page - Allen-Bradley

  800Z-GN3125-K3 Datasheet HTML 1Page - Allen-Bradley 800Z-GN3125-K3 Datasheet HTML 2Page - Allen-Bradley 800Z-GN3125-K3 Datasheet HTML 3Page - Allen-Bradley 800Z-GN3125-K3 Datasheet HTML 4Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
11-4
Two-Hand Control Devices
Zero-Force Touch Buttons
800Z General Purpose
Accessories
Description
Colour
Catalogue
Number
These guards prevent accidental activation of the touch
button surface and protect it from damage. Can be used for
both the 22.5mm and 30.5mm mounting products.
Yellow
800Z-G3AG1
Black
800Z-G3AG2
Mounting Ring Nut for 22.5mm holes.
Used on 22.5mm devices.
Plastic
800Z-G2AH1
Mounting Ring Nut for 30.5mm holes.
Used on 30.5mm devices.
Plastic
800Z-G3AH1
30.5mm Swivel/Tilt Mounting Assembly
This bracket allows you to orient the touch button in any
position. It can be mounted on any vertical or horizontal
surface. Compatible with 30.5mm mounting only.
57mm (2.25in)
Extension
60-2681
29mm (1.15in)
Extension
60-2439
30.5mm to 22.5mm Hole Size Adaptor
This adaptor allows a 22.5mm push button operator to be
installed in a panel with existing 30.5mm mounting holes.
Shiny Metal
800E-AHA1
Black Metal
800E-AHA2
Guards
Plastic Mounting Kit
Plastic Mounting Kit
Swivel Assembly
Adaptor


Similar Part No. - 800Z-GN3125-K3

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
800Z-HAG1 ALLEN-BRADLEY-800Z-HAG1 Datasheet
105Kb / 5P
   Zero-Force Touch Buttons
800Z-HAH1 ALLEN-BRADLEY-800Z-HAH1 Datasheet
105Kb / 5P
   Zero-Force Touch Buttons
800Z-HAH2 ALLEN-BRADLEY-800Z-HAH2 Datasheet
105Kb / 5P
   Zero-Force Touch Buttons
800Z-HF1 ALLEN-BRADLEY-800Z-HF1 Datasheet
105Kb / 5P
   Zero-Force Touch Buttons
800Z-HF1Y ALLEN-BRADLEY-800Z-HF1Y Datasheet
105Kb / 5P
   Zero-Force Touch Buttons
More results

Similar Description - 800Z-GN3125-K3

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
800Z-HL1 ALLEN-BRADLEY-800Z-HL1 Datasheet
105Kb / 5P
   Zero-Force Touch Buttons
logo
ITT Industries
DLD ITT-DLD Datasheet
78Kb / 1P
   Zero Insertion Force
DL4 ITT-DL4 Datasheet
99Kb / 1P
   Zero Insertion Force
DLM ITT-DLM Datasheet
87Kb / 1P
   Zero Insertion Force
logo
Aries Electronics, Inc.
24-516-11S ARIES-24-516-11S Datasheet
528Kb / 1P
   Zero-Insertion-Force Socket
10017 ARIES-10017 Datasheet
595Kb / 1P
   Zero-Insertion-Force Socket
logo
ITT Industries
DL1 ITT-DL1 Datasheet
3Mb / 76P
   ZERO INSERTION FORCE CONNECTORS
logo
Aries Electronics, Inc.
10018 ARIES-10018 Datasheet
647Kb / 1P
   Zero-Insertion-Force Socket
logo
List of Unclassifed Man...
OTBA5 ETC2-OTBA5 Datasheet
389Kb / 6P
   Momentary Action Optical Touch Buttons
logo
Aries Electronics, Inc.
10015 ARIES-10015 Datasheet
766Kb / 1P
   Zero-Insertion-Force Test Socket
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com