Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1064-2 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1064-2
Description  Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1064-2 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1064-2_09 Datasheet HTML 4Page - Linear Technology LTC1064-2_09 Datasheet HTML 5Page - Linear Technology LTC1064-2_09 Datasheet HTML 6Page - Linear Technology LTC1064-2_09 Datasheet HTML 7Page - Linear Technology LTC1064-2_09 Datasheet HTML 8Page - Linear Technology LTC1064-2_09 Datasheet HTML 9Page - Linear Technology LTC1064-2_09 Datasheet HTML 10Page - Linear Technology LTC1064-2_09 Datasheet HTML 11Page - Linear Technology LTC1064-2_09 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LTC1064-2
8
10642fa
Figure 3. Single Supply Operation. If Fast Power Up or Down
Transients are Expected, Use a 1N5817 Schottky Diode Between
Pin 4 and Pin 5. For V+ = 5V, Derive the Mid-Supply Voltage
with a 7.5k Resistor and an LT1004 2.5V Reference.
LTC1064-2
1
2
3
4
5
6
7
14
13
12
11
10
9
8
V+= 15V
0V TO 10V
1064-2 F03
0.1µF
0.1µF
5k
5k
V+/2
OUT C
NC
V
fCLK
50/100
VOUT
NC
NC
VIN
AGND
V+
AGND
NC
RIN A
Figure 1. Buffering the Filter Output. The Buffer Op Amp
Should Not Share the LTC1064-2 Power Lines.
LTC1064-2
1
2
3
4
5
6
7
14
13
12
11
10
9
8
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
VOUT
+
V
V+
POWER SOURCE
20k
20k
1064-2 F01
RECOMMENDED OP AMPS:
LT1022, LT318, LT1056
750Ω
8
4
LT1006
NC
V
fCLK
50/100
VOUT
NC
NC
VIN
AGND
V+
AGND
NC
RIN A
OUT C
V+/V
Figure 2. Using Schottky Diodes to Protect the
IC from Transient Supply Reversal.
LTC1064-2
1
2
3
4
5
6
7
14
13
12
11
10
9
8
V+
V
1064-2 F02
0.1µF
0.1µF
1N5817
1N5817
NC
V
fCLK
50/100
VOUT
NC
NC
VIN
AGND
V+
AGND
NC
RIN A
OUT C
TYPICAL APPLICATIO S


Similar Part No. - LTC1064-2_09

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064-2C LINER-LTC1064-2C Datasheet
547Kb / 8P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter???
LTC1064-2CJ LINER-LTC1064-2CJ Datasheet
547Kb / 8P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter???
LTC1064-2CN LINER-LTC1064-2CN Datasheet
547Kb / 8P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter???
LTC1064-2CS LINER-LTC1064-2CS Datasheet
547Kb / 8P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter???
LTC1064-2M LINER-LTC1064-2M Datasheet
547Kb / 8P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter???
More results

Similar Description - LTC1064-2_09

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064-2 LINER-LTC1064-2_15 Datasheet
130Kb / 12P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter
LTC1064-2 LINER-LTC1064-2 Datasheet
547Kb / 8P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter???
logo
Maxim Integrated Produc...
MAX7480 MAXIM-MAX7480 Datasheet
87Kb / 8P
   8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
logo
Linear Technology
LTC1064-3 LINER-LTC1064-3_09 Datasheet
150Kb / 12P
   Low Noise, High Frequency, 8th Order Linear Phase Lowpass Filter
logo
Linear Dimensions Semic...
LTC1064-3CSW-TR LINEAR_DIMENSIONS-LTC1064-3CSW-TR Datasheet
155Kb / 12P
   Low Noise, High Frequency, 8th Order Linear Phase Lowpass Filter
logo
Linear Technology
LTC1064-3 LINER-LTC1064-3 Datasheet
598Kb / 8P
   Low Noise, High frequency,8th Order Linear Phase Lowpass Filter
LTC1064-3 LINER-LTC1064-3_15 Datasheet
155Kb / 12P
   Low Noise, High Frequency, 8th Order Linear Phase Lowpass Filter
LTC1164-5 LINER-LTC1164-5_15 Datasheet
230Kb / 16P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-5 LINER-LTC1164-5 Datasheet
224Kb / 16P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-5 LINER-LTC1164-5 Datasheet
204Kb / 12P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com