Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1064-3MJ Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1064-3MJ
Description  Low Noise, High Frequency, 8th Order Linear Phase Lowpass Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1064-3MJ Datasheet(HTML) 4 Page - Linear Technology

  LTC1064-3MJ Datasheet HTML 1Page - Linear Technology LTC1064-3MJ Datasheet HTML 2Page - Linear Technology LTC1064-3MJ Datasheet HTML 3Page - Linear Technology LTC1064-3MJ Datasheet HTML 4Page - Linear Technology LTC1064-3MJ Datasheet HTML 5Page - Linear Technology LTC1064-3MJ Datasheet HTML 6Page - Linear Technology LTC1064-3MJ Datasheet HTML 7Page - Linear Technology LTC1064-3MJ Datasheet HTML 8Page - Linear Technology LTC1064-3MJ Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC1064-3
4
10643fa
Transient Response
Input 10VP-P Square Wave
VS = ±7.5V, Pin 10 to V+,
fCLK = 1.5MHz
Table 1. Wideband Noise (µVRMS)
Phase Matching
Total Harmonic Distortion
Power Supply Current vs Power
Supply Voltage
VS = ±2.37V
VS = ±5V
VS = ±7.5V
Noise
Noise
Noise
Pin 10 to
fCLK/f–3dB
µVRMS
µVRMS
µVRMS
V+
75/1
50
55
60
V
150/1
52
58
62
GND
120/1
45
50
54
FREQUENCY (kHz)
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
1064 G04
06
10 12 14 16 18 20 22
24
8
VS = ±7.5V
fCLK = 1.5MHz
f–3dB = 20kHz
50 UNIT SAMPLE (TA = 25°C TO 125°C)
INPUT LEVELS (VRMS)
0.1
0.01
0.1
1.0
110
1064 G05
VS = ±7.5V
VS = ±5V
VS = ±2.37V
fCLK = 1.5MHz, 75:1
f–3dB = 20kHz
TOTAL POWER SUPPLY VOLTAGE (V)
02
6
10
1418
22
48
44
40
36
32
28
24
20
16
12
8
4
0
48
12
16
1064 G06
20
24
fCLK = 1MHz
TA = –55°C
TA = 25°C
TA = 125°C
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LTC1064-3MJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064-3MJ LINER-LTC1064-3MJ Datasheet
598Kb / 8P
   Low Noise, High frequency,8th Order Linear Phase Lowpass Filter
More results

Similar Description - LTC1064-3MJ

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LTC1064-3CSW-TR LINEAR_DIMENSIONS-LTC1064-3CSW-TR Datasheet
155Kb / 12P
   Low Noise, High Frequency, 8th Order Linear Phase Lowpass Filter
logo
Linear Technology
LTC1064-3 LINER-LTC1064-3 Datasheet
598Kb / 8P
   Low Noise, High frequency,8th Order Linear Phase Lowpass Filter
LTC1064-3 LINER-LTC1064-3_15 Datasheet
155Kb / 12P
   Low Noise, High Frequency, 8th Order Linear Phase Lowpass Filter
LTC1064-7 LINER-LTC1064-7 Datasheet
298Kb / 12P
   Linear Phase, 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7 Datasheet
226Kb / 8P
   Linear Phase 8th Order Lowpass Filter
LT10647FB LINER-LT10647FB_15 Datasheet
223Kb / 16P
   Linear Phase, 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7_15 Datasheet
169Kb / 10P
   Linear Phase 8th Order Lowpass Filter
LTC1064-7 LINER-LTC1064-7_09 Datasheet
217Kb / 16P
   Linear Phase, 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7_15 Datasheet
267Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1064-2 LINER-LTC1064-2 Datasheet
547Kb / 8P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com