Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1064-7CJ Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1064-7CJ
Description  Linear Phase, 8th Order Lowpass Filter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1064-7CJ Datasheet(HTML) 3 Page - Linear Technology

  LTC1064-7CJ Datasheet HTML 1Page - Linear Technology LTC1064-7CJ Datasheet HTML 2Page - Linear Technology LTC1064-7CJ Datasheet HTML 3Page - Linear Technology LTC1064-7CJ Datasheet HTML 4Page - Linear Technology LTC1064-7CJ Datasheet HTML 5Page - Linear Technology LTC1064-7CJ Datasheet HTML 6Page - Linear Technology LTC1064-7CJ Datasheet HTML 7Page - Linear Technology LTC1064-7CJ Datasheet HTML 8Page - Linear Technology LTC1064-7CJ Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC1064-7
10647fb
ELECTRICAL C
C
HARA TERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Phase Nonlinearity
(fCLK/fC) = 50:1
±1.0
%
(Notes 2, 4)
(fCLK/fC) = 100:1
±1.0
%
(fCLK/fC) = 50:1
±2.0
%
(fCLK/fC) = 100:1
±2.0
%
Group Delay (td)(fCLK/fC) = 50:1, f ≤ fCUTOFF
59.7
± 0.5
µs
td = (F /360)(1/fC)(fCLK/fC) = 100:1, f ≤ fCUTOFF
117.0
± 1.0
µs
(Note 3)
(fCLK/fC) = 50:1, f ≤ fCUTOFF
58.6
59.7
60.7
µs
(fCLK/fC) = 100:1, f ≤ fCUTOFF
115.0
117.0
119.0
µs
Group Delay Deviation
(fCLK/fC) = 50:1, f ≤ fCUTOFF
±1.0
%
(Notes 3, 4)
(fCLK/fC) = 100:1, f ≤ fCUTOFF
±1.0
%
(fCLK/fC) = 50:1, f ≤ fCUTOFF
±2.0
%
(fCLK/fC) = 100:1, f ≤ fCUTOFF
±2.0
%
Input Frequency Range (Table 9)
(fCLK/fC) = 50:1
<fCLK
kHz
(fCLK/fC) = 100:1
<fCLK/2
kHz
Maximum fCLK
VS = 5V (AGND = 2V)
2.0
MHz
VS = ±5V
3.5
MHz
VS = ±7.5V
5.0
MHz
Clock Feedthrough (f
≥ fCLK)
50:1
200
µVRMS
Wideband Noise
VS = ±2.5V
95
± 5%
µVRMS
(1Hz
≤ f ≤ fCLK)VS = ±5V
105
± 5%
µVRMS
VS = ±7.5V
115
± 5%
µVRMS
Input Impedance
25
40
70
k
Output DC Voltage Swing
VS = ±2.375V
±1.0
±1.2
V
(Note 5)
VS = ±5V
±2.1
±3.2
V
VS = ±7.5V
±3.0
±5.0
V
Output DC Offset
50:1, VS = ±5V
±150
±220
mV
100:1, VS = ±5V
±150
mV
Output DC Offset TempCo
50:1, VS = ±5V
±200
µV/°C
100:1, VS = ±5V
±200
µV/°C
Power Supply Current
VS = ±2.375V, TA = 25°C11
22
mA
22
mA
VS = ±5V, TA = 25°C14
26
mA
28
mA
VS = ±7.5V, TA = 25°C17
28
mA
32
mA
Power Supply Range
±2.375
±8V
The
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = ±7.5V, RL = 10k, fCUTOFF = 10kHz or 20kHz, fCLK = 1MHz, TTL or
CMOS level (maximum clock rise and fall time
≤ 1µs) and all gain measurements are referenced to passband gain, unless otherwise
specified. The filter cutoff frequency is abbreviated as fCUTOFF or fC.


Similar Part No. - LTC1064-7CJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064-7CJ LINER-LTC1064-7CJ Datasheet
298Kb / 12P
   Linear Phase, 8th Order Lowpass Filter
More results

Similar Description - LTC1064-7CJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064-7 LINER-LTC1064-7 Datasheet
298Kb / 12P
   Linear Phase, 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7 Datasheet
226Kb / 8P
   Linear Phase 8th Order Lowpass Filter
LT10647FB LINER-LT10647FB_15 Datasheet
223Kb / 16P
   Linear Phase, 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7_15 Datasheet
169Kb / 10P
   Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7_15 Datasheet
267Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7 Datasheet
300Kb / 12P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7_1 Datasheet
262Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1264-7 LINER-LTC1264-7 Datasheet
301Kb / 12P
   Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
LTC1264-7 LINER-LTC1264-7_15 Datasheet
309Kb / 16P
   Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
LTC1264-7 LINER-LTC1264-7_1 Datasheet
303Kb / 16P
   Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com