Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1064AMJ Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1064AMJ
Description  Low Noise, Fast, Quad Universal Filter Building Block
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1064AMJ Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1064AMJ Datasheet HTML 6Page - Linear Technology LTC1064AMJ Datasheet HTML 7Page - Linear Technology LTC1064AMJ Datasheet HTML 8Page - Linear Technology LTC1064AMJ Datasheet HTML 9Page - Linear Technology LTC1064AMJ Datasheet HTML 10Page - Linear Technology LTC1064AMJ Datasheet HTML 11Page - Linear Technology LTC1064AMJ Datasheet HTML 12Page - Linear Technology LTC1064AMJ Datasheet HTML 13Page - Linear Technology LTC1064AMJ Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC1064
10
1064fb
fO =
1 +
; fn =
; HOHP f→
=
HON(f = fO) = Q
HOLP
HOHP ; Q =
1064 F09Eq
fO =
; fn =
; HOHP =
; HOBP =
fCLK
100
R2
R4
RH
RL
MODE 3a (100:1):
NOTE: THE 50:1 EQUATIONS FOR MODE 3A ARE DIFFERENT FROM
THE EQUATIONS FOR MODE 3A OPERATION OF THE LTC1059,
LTC1060 AND LTC1061. START WITH fO, CALCULATE R2/R4, SET R4;
FROM THE Q VALUE, CALCULATE R3:
R2
R4
fCLK
100
R2
R4
R3 =
; THEN CALCULATE R1 TO
SET THE DESIRED GAIN.
+
R2
1.005
Q
R2
16R4
R2
R1
R2
R3
R2
16R4
R2
R4
1.005
R3
R1
HOBP = –
; HOLP(f = 0) =
Q =
R3
16R4
1 –
R4
R1
;
R3
R1
;
R3
R2
R4
R1
fCLK
2
()
()()
()( )
RH
RL
R2
R4
fCLK
50
fCLK
50
MODE 3a (50:1):
R2
R1
;
fCLK
2
()
()
HOLP = –
; HON1(f→ 0) =
; HON2 f→
=
;
R4
R1
R2
R1
RG
RL
RG
RL
RG
RH
RG
RH
+
LP
+ Σ
AGND
HP
S
1/4 LTC1064
BP
R1
R2
VIN
R3
R4
1064 F09
CC
RL
RH
RG
NOTCH
EXTERNAL OP AMP OR INPUT
OP AMP OF THE LTC1064,
SIDE A, B, C, D
+
1064 F08Eq
fO =
1 +
; fn =
; Q =
1 +
; HOLP = –
;
fCLK
100
R2
R4
R3
R2
MODE 2 (100:1):
NOTE: THE 50:1 EQUATIONS FOR MODE 2 ARE DIFFERENT FROM THE EQUATIONS
FOR MODE 2 OPERATION OF THE LTC1059, LTC1060 AND LTC1061. START WITH
fO, CALCULATE R2/R4, SET R4; FROM THE Q VALUE, CALCULATE R3:
R2
R4
R2
R4
fO =
1 +
; fn =
; Q =
; HOLP = –
;
fCLK
50
fCLK
50
fCLK
50
MODE 2 (50:1):
R2
R3
R2
16R4
R2
R4
1.005
1 +
R3
R1
HOBP = –
; HON1(f→ 0) = –
; HON2 = f→
=
R3
16R4
1 –
R2
R4
R3 =
; THEN CALCULATE R1 TO SET THE DESIRED GAIN.
1 +
+
R2
1.005
Q
R2
16R4
R2
R1
R2
R4
1 +
R2
R1
R2
R1
R2
R4
1 +
R2
R1
R2
R4
1 +
fCLK
2
()
fCLK
2
()
HOBP = –
; HON1(f→ 0) = –
; HON2 f→
= –
R3
R1
R2
R1
R2
R1
R2
R4
1 +
+
LP
1064 F08
+ Σ
AGND
NS
1/4 LTC1064
R1
R2
VIN
R3
R4
BP
ODES OF OPERATIO
Figure 8. Mode 2: 2nd Order Filter Providing Notch, Bandpass and Lowpass
Mode 3a
This is an extension of Mode 3 where the highpass and
lowpass outputs are summed through two external resis-
tors RH and RL to create a notch. This is shown in Figure 9.
Mode 3a is more versatile than Mode 2 because the notch
frequency can be higher or lower than the center fre-
quency of the 2nd order section. The external op amp of
Figure 9 is not always required. When cascading the
sections of the LTC1064, the highpass and lowpass
outputs can be summed directly into the inverting input of
the next section. The topology of Mode 3a is useful for
elliptic highpass and notch filters with clock-to-cutoff
frequency ratios higher than 100:1. This is often required
to extend the allowed input signal frequency range and to
avoid premature aliasing.
When the internal clock-to-center frequency ratio is set at
50:1, the design equations for Q and bandpass gain are
different from the 100:1 case.
Figure 9. Mode 3a: 2nd Order Filter Providing Highpass, Bandpass, Lowpass and Notch


Similar Part No. - LTC1064AMJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064AMJ LINER-LTC1064AMJ Datasheet
389Kb / 16P
   Low Noise, Fast, Quad Universal Filter Building Block
More results

Similar Description - LTC1064AMJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064 LINER-LTC1064 Datasheet
389Kb / 16P
   Low Noise, Fast, Quad Universal Filter Building Block
LTC1064 LINER-LTC1064_15 Datasheet
275Kb / 20P
   Low Noise, Fast, Quad Universal Filter Building Block
LTC1164 LINER-LTC1164_02 Datasheet
204Kb / 16P
   Low Power, Low Noise, Quad Universal Filter Building Block
LTC1164 LINER-LTC1164_15 Datasheet
214Kb / 16P
   Low Power, Low Noise, Quad Universal Filter Building Block
LTC1164 LINER-LTC1164 Datasheet
1Mb / 15P
   Low Power, Low Noise, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264_05 Datasheet
231Kb / 16P
   High Speed, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264 Datasheet
343Kb / 16P
   High Speed, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264_15 Datasheet
240Kb / 16P
   High Speed, Quad Universal Filter Building Block
LTC1060CS LINER-LTC1060CS Datasheet
173Kb / 3P
   Universal Dual Filter Building Block?
LTC1060 LINER-LTC1060_15 Datasheet
269Kb / 20P
   Universal Dual Filter Building Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com