Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A14V25AA-1PG208M Datasheet(PDF) 3 Page - Actel Corporation

Part # A14V25AA-1PG208M
Description  Accelerator Series FPGAs - ACT 3Family
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A14V25AA-1PG208M Datasheet(HTML) 3 Page - Actel Corporation

  A14V25AA-1PG208M Datasheet HTML 1Page - Actel Corporation A14V25AA-1PG208M Datasheet HTML 2Page - Actel Corporation A14V25AA-1PG208M Datasheet HTML 3Page - Actel Corporation A14V25AA-1PG208M Datasheet HTML 4Page - Actel Corporation A14V25AA-1PG208M Datasheet HTML 5Page - Actel Corporation A14V25AA-1PG208M Datasheet HTML 6Page - Actel Corporation A14V25AA-1PG208M Datasheet HTML 7Page - Actel Corporation A14V25AA-1PG208M Datasheet HTML 8Page - Actel Corporation A14V25AA-1PG208M Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
1-177
Accelerator Series FPGAs – ACT 3 Family
Ordering Information
Application (Temperature Range)
C = Commercial (0 to +70
°C)
I
= Industrial (–40 to +85
°C)
M = Military (–55 to +125
°C)
B = MIL-STD-883
Package Type
PG = Ceramic Pin Grid Array
PL = Plastic Leaded Chip Carrier
PQ = Plastic Quad Flatpack
RQ = Plastic Power Quad Flatpack
VQ = Very Thin (1.0 mm) Quad Flatpack
TQ = Thin (1.4 mm) Quad Flatpack
CQ = Ceramic Quad Flatpack
BG = Plastic Ball Grid Array
Speed Grade
Std = Standard Speed
–1 = Approximately 15% faster than Standard
–2 = Approximately 25% faster than Standard
–3 = Approximately 35% faster than Standard
Part Number
A1415A = 1500 Gates
A14V15A = 1500 Gates (3.3V)
A1425A = 2500 Gates
A14V25A = 2500 Gates (3.3V)
A1440A = 4000 Gates
A14V40A = 4000 Gates (3.3V)
A1460A = 6000 Gates
A14V60A = 6000 Gates (3.3V)
A14100A = 10000 Gates
A14V100A = 10000 Gates (3.3V)
Die Revision
Package Lead Count
A14100
RQ
208
C
A


Similar Part No. - A14V25AA-1PG208M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A14V25A MICROSEMI-A14V25A Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
More results

Similar Description - A14V25AA-1PG208M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A1440A-1VQ100C MICROSEMI-A1440A-1VQ100C Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
logo
Actel Corporation
A1010B-2PL84C ACTEL-A1010B-2PL84C Datasheet
162Kb / 24P
   ACT 1 Series FPGAs
A1020B-PL84C ACTEL-A1020B-PL84C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1020B-PL68I MICROSEMI-A1020B-PL68I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1020B-CQ84M ACTEL-A1020B-CQ84M Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-2PLG6 ACTEL-A1010B-2PLG6 Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-PL68C ACTEL-A1010B-PL68C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1280A-PL84C MICROSEMI-A1280A-PL84C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1240A-1PG132C MICROSEMI-A1240A-1PG132C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com