Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1440AA-1PG208C Datasheet(PDF) 30 Page - Actel Corporation

Part # A1440AA-1PG208C
Description  Accelerator Series FPGAs - ACT 3Family
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1440AA-1PG208C Datasheet(HTML) 30 Page - Actel Corporation

Back Button A1440AA-1PG208C Datasheet HTML 26Page - Actel Corporation A1440AA-1PG208C Datasheet HTML 27Page - Actel Corporation A1440AA-1PG208C Datasheet HTML 28Page - Actel Corporation A1440AA-1PG208C Datasheet HTML 29Page - Actel Corporation A1440AA-1PG208C Datasheet HTML 30Page - Actel Corporation A1440AA-1PG208C Datasheet HTML 31Page - Actel Corporation A1440AA-1PG208C Datasheet HTML 32Page - Actel Corporation A1440AA-1PG208C Datasheet HTML 33Page - Actel Corporation A1440AA-1PG208C Datasheet HTML 34Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
1-204
A1425A, A14V25A Timing Characteristics (continued)
(Worst-Case Commercial Conditions)
Note:
1.
Routing delays are for typical designs across worst-case operating conditions. These parameters should be used for estimating device
performance. Post-route timing analysis or simulation is required to determine actual worst-case performance. Post-route timing is based
on actual routing delay measurements performed on the device prior to shipment.
I/O Module Input Propagation Delays
‘–3’ Speed
‘–2’ Speed
‘–1’ Speed
‘Std’ Speed
3.3V Speed
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max. Units
tINY
Input Data Pad to Y
2.8
3.2
3.6
4.2
5.5
ns
tICKY
Input Reg IOCLK Pad to Y
4.7
5.3
6.0
7.0
9.2
ns
tOCKY
Output Reg IOCLK Pad to Y
4.7
5.3
6.0
7.0
9.2
ns
tICLRY
Input Asynchronous
Clear to Y
4.7
5.3
6.0
7.0
9.2
ns
tOCLRY
Output Asynchronous
Clear to Y
4.7
5.3
6.0
7.0
9.2
ns
Predicted Input Routing Delays1
tIRD1
FO=1 Routing Delay
0.9
1.0
1.1
1.3
1.7
ns
tIRD2
FO=2 Routing Delay
1.2
1.4
1.6
1.8
2.4
ns
tIRD3
FO=3 Routing Delay
1.4
1.6
1.8
2.1
2.8
ns
tIRD4
FO=4 Routing Delay
1.7
1.9
2.2
2.5
3.3
ns
tIRD8
FO=8 Routing Delay
2.8
3.2
3.6
4.2
5.5
ns
I/O Module Sequential Timing
tINH
Input F-F Data Hold
(w.r.t. IOCLK Pad)
0.0
0.0
0.0
0.0
0.0
ns
tINSU
Input F-F Data Setup
(w.r.t. IOCLK Pad)
1.8
2.0
2.3
2.7
3.0
ns
tIDEH
Input Data Enable Hold
(w.r.t. IOCLK Pad)
0.0
0.0
0.0
0.0
0.0
ns
tIDESU
Input Data Enable Setup
(w.r.t. IOCLK Pad)
5.8
6.5
7.5
8.6
8.6
ns
tOUTH
Output F-F Data Hold
(w.r.t. IOCLK Pad)
0.7
0.8
0.9
1.0
1.0
ns
tOUTSU
Output F-F Data Setup
(w.r.t. IOCLK Pad)
0.7
0.8
0.9
1.0
1.0
ns
tODEH
Output Data Enable Hold
(w.r.t. IOCLK Pad)
0.3
0.4
0.4
0.5
0.5
ns
tODESU
Output Data Enable Setup
(w.r.t. IOCLK Pad)
1.3
1.5
1.7
2.0
2.0
ns


Similar Part No. - A1440AA-1PG208C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A1440A MICROSEMI-A1440A Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
A1440A-1VQ100C MICROSEMI-A1440A-1VQ100C Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
More results

Similar Description - A1440AA-1PG208C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A1440A-1VQ100C MICROSEMI-A1440A-1VQ100C Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
logo
Actel Corporation
A1010B-2PL84C ACTEL-A1010B-2PL84C Datasheet
162Kb / 24P
   ACT 1 Series FPGAs
A1020B-PL84C ACTEL-A1020B-PL84C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1020B-PL68I MICROSEMI-A1020B-PL68I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1020B-CQ84M ACTEL-A1020B-CQ84M Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-2PLG6 ACTEL-A1010B-2PLG6 Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-PL68C ACTEL-A1010B-PL68C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1280A-PL84C MICROSEMI-A1280A-PL84C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1240A-1PG132C MICROSEMI-A1240A-1PG132C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com