Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1440AA-1PL208C Datasheet(PDF) 47 Page - Actel Corporation

Part # A1440AA-1PL208C
Description  Accelerator Series FPGAs - ACT 3Family
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1440AA-1PL208C Datasheet(HTML) 47 Page - Actel Corporation

Back Button A1440AA-1PL208C Datasheet HTML 43Page - Actel Corporation A1440AA-1PL208C Datasheet HTML 44Page - Actel Corporation A1440AA-1PL208C Datasheet HTML 45Page - Actel Corporation A1440AA-1PL208C Datasheet HTML 46Page - Actel Corporation A1440AA-1PL208C Datasheet HTML 47Page - Actel Corporation A1440AA-1PL208C Datasheet HTML 48Page - Actel Corporation A1440AA-1PL208C Datasheet HTML 49Page - Actel Corporation A1440AA-1PL208C Datasheet HTML 50Page - Actel Corporation A1440AA-1PL208C Datasheet HTML 51Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 68 page
background image
1-221
Accelerator Series FPGAs – ACT 3 Family
Notes:
1.
All unlisted pin numbers are user I/Os.
2.
NC : Denotes No Connection
3.
MODE should be terminated to GND through a 10K resistor to enable Actionprobe usage; otherwise it can be terminated directly to GND.
84-Pin PLCC
Pin Number
A1415
A14V15 Function
A1425
A14V25 Function
A1440
A14V40 Function
1
VCC
VCC
VCC
2
GND
GND
GND
3
VCC
VCC
VCC
4
PRA, I/O
PRA, I/O
PRA, I/O
11
DCLK, I/O
DCLK, I/O
DCLK, I/O
12
SDI, I/O
SDI, I/O
SDI, I/O
16
MODE
MODE
MODE
27
GND
GND
GND
28
VCC
VCC
VCC
40
PRB, I/O
PRB, I/O
PRB, I/O
41
VCC
VCC
VCC
42
GND
GND
GND
43
VCC
VCC
VCC
45
HCLK, I/O
HCLK, I/O
HCLK, I/O
53
IOPCL, I/O
IOPCL, I/O
IOPCL, I/O
59
VCC
VCC
VCC
60
VCC
VCC
VCC
61
GND
GND
GND
68
VCC
VCC
VCC
69
GND
GND
GND
74
IOCLK, I/O
IOCLK, I/O
IOCLK, I/O
83
CLKA, I/O
CLKA, I/O
CLKA, I/O
84
CLKB, I/O
CLKB, I/O
CLKB, I/O


Similar Part No. - A1440AA-1PL208C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A1440A MICROSEMI-A1440A Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
A1440A-1VQ100C MICROSEMI-A1440A-1VQ100C Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
More results

Similar Description - A1440AA-1PL208C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A1440A-1VQ100C MICROSEMI-A1440A-1VQ100C Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
logo
Actel Corporation
A1010B-2PL84C ACTEL-A1010B-2PL84C Datasheet
162Kb / 24P
   ACT 1 Series FPGAs
A1020B-PL84C ACTEL-A1020B-PL84C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1020B-PL68I MICROSEMI-A1020B-PL68I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1020B-CQ84M ACTEL-A1020B-CQ84M Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-2PLG6 ACTEL-A1010B-2PLG6 Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-PL68C ACTEL-A1010B-PL68C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1280A-PL84C MICROSEMI-A1280A-PL84C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1240A-1PG132C MICROSEMI-A1240A-1PG132C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com