Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1440AA-1PG208I Datasheet(PDF) 41 Page - Actel Corporation

Part # A1440AA-1PG208I
Description  Accelerator Series FPGAs - ACT 3Family
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1440AA-1PG208I Datasheet(HTML) 41 Page - Actel Corporation

Back Button A1440AA-1PG208I Datasheet HTML 37Page - Actel Corporation A1440AA-1PG208I Datasheet HTML 38Page - Actel Corporation A1440AA-1PG208I Datasheet HTML 39Page - Actel Corporation A1440AA-1PG208I Datasheet HTML 40Page - Actel Corporation A1440AA-1PG208I Datasheet HTML 41Page - Actel Corporation A1440AA-1PG208I Datasheet HTML 42Page - Actel Corporation A1440AA-1PG208I Datasheet HTML 43Page - Actel Corporation A1440AA-1PG208I Datasheet HTML 44Page - Actel Corporation A1440AA-1PG208I Datasheet HTML 45Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
1-215
Accelerator Series FPGAs – ACT 3 Family
A14100A, A14V100A Timing Characteristics
(Worst-Case Commercial Conditions, VCC = 4.75 V, TJ = 70°C)
1
Notes:
1.
VCC = 3.0 V for 3.3V specifications.
2.
For dual-module macros, use tPD + tRD1 + tPDn , tCO + tRD1 + tPDn or tPD1 + tRD1 + tSUD , whichever is appropriate.
3.
Routing delays are for typical designs across worst-case operating conditions. These parameters should be used for estimating device
performance. Post-route timing analysis or simulation is required to determine actual worst-case performance. Post-route timing is based
on actual routing delay measurements performed on the device prior to shipment.
Logic Module Propagation Delays2
‘–3’ Speed
‘–2’ Speed
‘–1’ Speed
‘Std’ Speed 3.3V Speed1
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Units
tPD
Internal Array Module
2.0
2.3
2.6
3.0
3.9
ns
tCO
Sequential Clock to Q
2.0
2.3
2.6
3.0
3.9
ns
tCLR
Asynchronous Clear to Q
2.0
2.3
2.6
3.0
3.9
ns
Predicted Routing Delays3
tRD1
FO=1 Routing Delay
0.9
1.0
1.1
1.3
1.7
ns
tRD2
FO=2 Routing Delay
1.2
1.4
1.6
1.8
2.4
ns
tRD3
FO=3 Routing Delay
1.4
1.6
1.8
2.1
2.8
ns
tRD4
FO=4 Routing Delay
1.7
1.9
2.2
2.5
3.3
ns
tRD8
FO=8 Routing Delay
2.8
3.2
3.6
4.2
5.5
ns
Logic Module Sequential Timing
tSUD
Flip-Flop Data Input Setup
0.5
0.6
0.8
0.8
0.8
ns
tHD
Flip-Flop Data Input Hold
0.0
0.0
0.5
0.5
0.5
ns
tSUD
Latch Data Input Setup
0.5
0.6
0.8
0.8
0.8
ns
tHD
Latch Data Input Hold
0.0
0.0
0.5
0.5
0.5
ns
tWASYN
Asynchronous Pulse Width
2.4
3.2
3.8
4.8
6.5
ns
tWCLKA
Flip-Flop Clock Pulse Width
2.4
3.2
3.8
4.8
6.5
ns
tA
Flip-Flop Clock Input Period
5.0
6.8
8.0
10.0
13.4
ns
fMAX
Flip-Flop Clock Frequency
200
150
125
100
75
MHz


Similar Part No. - A1440AA-1PG208I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A1440A MICROSEMI-A1440A Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
A1440A-1VQ100C MICROSEMI-A1440A-1VQ100C Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
More results

Similar Description - A1440AA-1PG208I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A1440A-1VQ100C MICROSEMI-A1440A-1VQ100C Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
logo
Actel Corporation
A1010B-2PL84C ACTEL-A1010B-2PL84C Datasheet
162Kb / 24P
   ACT 1 Series FPGAs
A1020B-PL84C ACTEL-A1020B-PL84C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1020B-PL68I MICROSEMI-A1020B-PL68I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1020B-CQ84M ACTEL-A1020B-CQ84M Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-2PLG6 ACTEL-A1010B-2PLG6 Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-PL68C ACTEL-A1010B-PL68C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1280A-PL84C MICROSEMI-A1280A-PL84C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1240A-1PG132C MICROSEMI-A1240A-1PG132C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com