Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1440AA-1BG208I Datasheet(PDF) 53 Page - Actel Corporation

Part # A1440AA-1BG208I
Description  Accelerator Series FPGAs - ACT 3Family
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1440AA-1BG208I Datasheet(HTML) 53 Page - Actel Corporation

Back Button A1440AA-1BG208I Datasheet HTML 49Page - Actel Corporation A1440AA-1BG208I Datasheet HTML 50Page - Actel Corporation A1440AA-1BG208I Datasheet HTML 51Page - Actel Corporation A1440AA-1BG208I Datasheet HTML 52Page - Actel Corporation A1440AA-1BG208I Datasheet HTML 53Page - Actel Corporation A1440AA-1BG208I Datasheet HTML 54Page - Actel Corporation A1440AA-1BG208I Datasheet HTML 55Page - Actel Corporation A1440AA-1BG208I Datasheet HTML 56Page - Actel Corporation A1440AA-1BG208I Datasheet HTML 57Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 68 page
background image
1-227
Accelerator Series FPGAs – ACT 3 Family
Notes:
1.
All unlisted pin numbers are user I/Os.
2.
NC : Denotes No Connection
3.
MODE should be terminated to GND through a 10K resistor to enable Actionprobe usage; otherwise it can be terminated directly to GND.
176-Pin TQFP
Pin
Number
A1440
A14V40
Function
A1460
A14V60
Function
Pin
Number
A1440
A14V40
Function
A1460
A14V60
Function
1
GND
GND
98
VCC
VCC
2
SDI, I/O
SDI, I/O
99
VCC
VCC
10
MODE
MODE
108
GND
GND
11
VCC
VCC
109
VCC
VCC
20
NC
I/O
110
GND
GND
21
GND
GND
119
NC
I/O
22
VCC
VCC
121
NC
I/O
23
GND
GND
122
VCC
VCC
32
VCC
VCC
123
GND
GND
33
VCC
VCC
124
VCC
VCC
44
GND
GND
132
IOCLK, I/O
IOCLK, I/O
49
NC
I/O
133
GND
GND
51
NC
I/O
138
NC
I/O
63
NC
I/O
152
CLKA, I/O
CLKA, I/O
64
PRB, I/O
PRB, I/O
153
CLKB, I/O
CLKB, I/O
65
GND
GND
154
VCC
VCC
66
VCC
VCC
155
GND
GND
67
VCC
VCC
156
VCC
VCC
69
HCLK, I/O
HCLK, I/O
157
PRA, I/O
PRA, I/O
82
NC
I/O
158
NC
I/O
83
NC
I/O
170
NC
I/O
88
IOPCL, I/O
IOPCL, I/O
176
DCLK, I/O
DCLK, I/O
89
GND
GND


Similar Part No. - A1440AA-1BG208I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A1440A MICROSEMI-A1440A Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
A1440A-1VQ100C MICROSEMI-A1440A-1VQ100C Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
More results

Similar Description - A1440AA-1BG208I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A1440A-1VQ100C MICROSEMI-A1440A-1VQ100C Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
logo
Actel Corporation
A1010B-2PL84C ACTEL-A1010B-2PL84C Datasheet
162Kb / 24P
   ACT 1 Series FPGAs
A1020B-PL84C ACTEL-A1020B-PL84C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1020B-PL68I MICROSEMI-A1020B-PL68I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1020B-CQ84M ACTEL-A1020B-CQ84M Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-2PLG6 ACTEL-A1010B-2PLG6 Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-PL68C ACTEL-A1010B-PL68C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1280A-PL84C MICROSEMI-A1280A-PL84C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1240A-1PG132C MICROSEMI-A1240A-1PG132C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com