Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1440AA-1PG208M Datasheet(PDF) 40 Page - Actel Corporation

Part # A1440AA-1PG208M
Description  Accelerator Series FPGAs - ACT 3Family
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1440AA-1PG208M Datasheet(HTML) 40 Page - Actel Corporation

Back Button A1440AA-1PG208M Datasheet HTML 36Page - Actel Corporation A1440AA-1PG208M Datasheet HTML 37Page - Actel Corporation A1440AA-1PG208M Datasheet HTML 38Page - Actel Corporation A1440AA-1PG208M Datasheet HTML 39Page - Actel Corporation A1440AA-1PG208M Datasheet HTML 40Page - Actel Corporation A1440AA-1PG208M Datasheet HTML 41Page - Actel Corporation A1440AA-1PG208M Datasheet HTML 42Page - Actel Corporation A1440AA-1PG208M Datasheet HTML 43Page - Actel Corporation A1440AA-1PG208M Datasheet HTML 44Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
1-214
A1460A, A14V60A Timing Characteristics (continued)
(Worst-Case Commercial Conditions)
Note:
1.
Delays based on 35pF loading.
Dedicated (Hard-Wired) I/O Clock
Network
‘–3’ Speed
‘–2’ Speed
‘–1’ Speed
‘Std’ Speed
3.3V Speed
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max. Units
tIOCKH
Input Low to High
(Pad to I/O Module Input)
2.3
2.6
3.0
3.5
4.5
ns
tIOPWH
Minimum Pulse Width High
2.4
3.2
3.8
4.8
6.5
ns
tIOPWL
Minimum Pulse Width Low
2.4
3.2
3.8
4.8
6.5
ns
tIOSAPW
Minimum Asynchronous
Pulse Width
2.4
3.2
3.8
4.8
6.5
ns
tIOCKSW
Maximum Skew
0.6
0.6
0.6
0.6
0.6
ns
tIOP
Minimum Period
5.0
6.8
8.0
10.0
13.4
ns
fIOMAX
Maximum Frequency
200
150
125
100
75
MHz
Dedicated (Hard-Wired) Array Clock
Network
tHCKH
Input Low to High
(Pad to S-Module Input)
3.7
4.1
4.7
5.5
7.0
ns
tHCKL
Input High to Low
(Pad to S-Module Input)
3.7
4.1
4.7
5.5
7.0
ns
tHPWH
Minimum Pulse Width High
2.4
3.2
3.8
4.8
6.5
ns
tHPWL
Minimum Pulse Width Low
2.4
3.2
3.8
4.8
6.5
ns
tHCKSW
Maximum Skew
0.6
0.6
0.6
0.6
0.6
ns
tHP
Minimum Period
5.0
6.8
8.0
10.0
13.4
ns
fHMAX
Maximum Frequency
200
150
125
100
75
MHz
Routed Array Clock Networks
tRCKH
Input Low to High (FO=256)
6.0
6.8
7.7
9.0
11.8
ns
tRCKL
Input High to Low (FO=256)
6.0
6.8
7.7
9.0
11.8
ns
tRPWH
Min. Pulse Width High
(FO=256)
4.1
4.5
5.4
6.1
8.2
ns
tRPWL
Min. Pulse Width Low
(FO=256)
4.1
4.5
5.4
6.1
8.2
ns
tRCKSW
Maximum Skew (FO=128)
1.2
1.4
1.6
1.8
1.8
ns
tRP
Minimum Period (FO=256)
8.3
9.3
11.1
12.5
16.7
ns
fRMAX
Maximum Frequency
(FO=256)
120
105
90
80
60
MHz
Clock-to-Clock Skews
tIOHCKSW
I/O Clock to H-Clock Skew
0.0
2.6
0.0
2.7
0.0
2.9
0.0
3.0
0.0
3.0
ns
tIORCKSW
I/O Clock to R-Clock Skew
(FO = 64)
(FO = 216)
0.0
0.0
1.7
5.0
0.0
0.0
1.7
5.0
0.0
0.0
1.7
5.0
0.0
0.0
1.7
5.0
0.0
0.0
5.0
5.0
ns
ns
tHRCKSW
H-Clock to R-Clock Skew
(FO = 64)
(FO = 216)
0.0
0.0
1.3
3.0
0.0
0.0
1.0
3.0
0.0
0.0
1.0
3.0
0.0
0.0
1.0
3.0
0.0
0.0
1.0
3.0
ns
ns


Similar Part No. - A1440AA-1PG208M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A1440A MICROSEMI-A1440A Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
A1440A-1VQ100C MICROSEMI-A1440A-1VQ100C Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
More results

Similar Description - A1440AA-1PG208M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A1440A-1VQ100C MICROSEMI-A1440A-1VQ100C Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
logo
Actel Corporation
A1010B-2PL84C ACTEL-A1010B-2PL84C Datasheet
162Kb / 24P
   ACT 1 Series FPGAs
A1020B-PL84C ACTEL-A1020B-PL84C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1020B-PL68I MICROSEMI-A1020B-PL68I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1020B-CQ84M ACTEL-A1020B-CQ84M Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-2PLG6 ACTEL-A1010B-2PLG6 Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-PL68C ACTEL-A1010B-PL68C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1280A-PL84C MICROSEMI-A1280A-PL84C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1240A-1PG132C MICROSEMI-A1240A-1PG132C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com