Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1440AA-1CQ208M Datasheet(PDF) 18 Page - Actel Corporation

Part # A1440AA-1CQ208M
Description  Accelerator Series FPGAs - ACT 3Family
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1440AA-1CQ208M Datasheet(HTML) 18 Page - Actel Corporation

Back Button A1440AA-1CQ208M Datasheet HTML 14Page - Actel Corporation A1440AA-1CQ208M Datasheet HTML 15Page - Actel Corporation A1440AA-1CQ208M Datasheet HTML 16Page - Actel Corporation A1440AA-1CQ208M Datasheet HTML 17Page - Actel Corporation A1440AA-1CQ208M Datasheet HTML 18Page - Actel Corporation A1440AA-1CQ208M Datasheet HTML 19Page - Actel Corporation A1440AA-1CQ208M Datasheet HTML 20Page - Actel Corporation A1440AA-1CQ208M Datasheet HTML 21Page - Actel Corporation A1440AA-1CQ208M Datasheet HTML 22Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 68 page
background image
1-192
Fixed Capacitance Values for Actel FPGAs
(pF)
Fixed Clock Loads (s1/s2)
Determining Average Switching Frequency
To determine the switching frequency for a design, you must
have a detailed understanding of the data input values to the
circuit. The following guidelines are meant to represent
worst-case scenarios so that they can be generally used to
predict the upper limits of power dissipation. These
guidelines are as follows:
r1
r2
Device Type
routed_Clk1
routed_Clk2
A1415A
60
60
A14V15A
57
57
A1425A
75
75
A14V25A
72
72
A1440A
105
105
A14V40A
100
100
A1440B
105
105
A1460A
165
165
A14V60A
157
157
A1460B
165
165
A14100A
195
195
A14V100A
185
185
A14100B
195
195
s1
s2
Clock Loads on
Clock Loads on
Device Type
dedicated array
clock
dedicated I/O
clock
A1415A
104
80
A14V15A
104
80
A1425A
160
100
A14V25A
160
100
A1440A
288
140
A14V40A
288
140
A1440B
288
140
A1460A
432
168
A14V60A
432
168
A1460B
432
168
A14100A
697
228
A14V100A
697
228
A14100B
697
228
Logic Modules (m)
= 80% of modules
Inputs switching (n)
= # inputs/4
Outputs switching (p)
= # output/4
First routed array clock loads (q1)
= 40% of
sequential
modules
Second routed array clock loads (q2)
= 40% of
sequential
modules
Load capacitance (CL)
= 35 pF
Average logic module switching rate
(fm)
= F/10
Average input switching rate (fn)
= F/5
Average output switching rate (fp)
= F/10
Average first routed array clock rate
(fq1)
= F/2
Average second routed array clock rate
(fq2)
= F/2
Average dedicated array clock rate
(fs1)
= F
Average dedicated I/O clock rate (fs2) = F


Similar Part No. - A1440AA-1CQ208M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A1440A MICROSEMI-A1440A Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
A1440A-1VQ100C MICROSEMI-A1440A-1VQ100C Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
More results

Similar Description - A1440AA-1CQ208M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A1440A-1VQ100C MICROSEMI-A1440A-1VQ100C Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
logo
Actel Corporation
A1010B-2PL84C ACTEL-A1010B-2PL84C Datasheet
162Kb / 24P
   ACT 1 Series FPGAs
A1020B-PL84C ACTEL-A1020B-PL84C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1020B-PL68I MICROSEMI-A1020B-PL68I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1020B-CQ84M ACTEL-A1020B-CQ84M Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-2PLG6 ACTEL-A1010B-2PLG6 Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-PL68C ACTEL-A1010B-PL68C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1280A-PL84C MICROSEMI-A1280A-PL84C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1240A-1PG132C MICROSEMI-A1240A-1PG132C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com