Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD950F Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BD950F
Description  isc Silicon PNP Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD950F Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BD950F Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD950F Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistor
BD950F/952F/954F/956F
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BD950F
-60
BD952F
-80
BD954F
-100
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
BD956F
IC= -100mA ; IB= 0
-120
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -2A; IB= -0.2A
B
-1.0
V
VBE(on)
Base-Emitter On Voltage
IC= -2A; VCE= -4V
-1.4
V
ICBO
Collector Cutoff Current
VCB= VCBOmax; IE= 0
VCB=
1/
2VCBOmax; IE= 0,TJ=150℃
-0.05
-1
mA
ICEO
Collector Cutoff Current
VCE=
1/
2VCEOmax; IB= 0
-0.1
mA
IEBO
Emitter Cutoff Current
VEB= -5V; IC= 0
-0.2
mA
hFE-1
DC Current Gain
IC= -500mA ; VCE= -4V
40
hFE-2
DC Current Gain
IC= -2A ; VCE= -4V
20
fT
Current-Gain—Bandwidth Product
IC= -500mA ; VCE= -4V
3
MHz
Switching Times
ton
Turn-On Time
0.3
μs
toff
Turn-Off Time
IC= -1.0A; IB1= -IB2= -0.1A
1.5
μs
isc Website:www.iscsemi.cn
2


Similar Part No. - BD950F

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BD950F NJSEMI-BD950F Datasheet
134Kb / 2P
   Silicon PNP Power Transistor
BD950F NJSEMI-BD950F Datasheet
134Kb / 2P
   Silicon PNP Power Transistor
BD950F NJSEMI-BD950F Datasheet
134Kb / 2P
   Silicon PNP Power Transistor
More results

Similar Description - BD950F

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STD888 ISC-STD888 Datasheet
227Kb / 2P
   isc Silicon PNP Power Transistor
2SB1157-3PFA ISC-2SB1157-3PFA Datasheet
152Kb / 2P
   isc Silicon PNP Power Transistor
KTB1366 ISC-KTB1366 Datasheet
150Kb / 2P
   isc Silicon PNP Power Transistor
KSH210 ISC-KSH210 Datasheet
336Kb / 3P
   isc Silicon PNP Power Transistor
BUX78 ISC-BUX78 Datasheet
213Kb / 2P
   isc Silicon PNP Power Transistor
BDS18 ISC-BDS18 Datasheet
193Kb / 2P
   isc Silicon PNP Power Transistor
2N3197 ISC-2N3197 Datasheet
260Kb / 2P
   isc Silicon PNP Power Transistor
2SA1649 ISC-2SA1649 Datasheet
283Kb / 2P
   isc Silicon PNP Power Transistor
2SB538 ISC-2SB538 Datasheet
249Kb / 2P
   isc Silicon PNP Power Transistor
2SB724 ISC-2SB724 Datasheet
257Kb / 2P
   isc Silicon PNP Power Transistor
BD844 ISC-BD844_17 Datasheet
276Kb / 2P
   isc Silicon PNP Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com