Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFS250-2QNG256PP Datasheet(PDF) 7 Page - Actel Corporation

Part # AFS250-2QNG256PP
Description  Actel Fusion Mixed-Signal FPGAs
Download  318 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AFS250-2QNG256PP Datasheet(HTML) 7 Page - Actel Corporation

Back Button AFS250-2QNG256PP Datasheet HTML 3Page - Actel Corporation AFS250-2QNG256PP Datasheet HTML 4Page - Actel Corporation AFS250-2QNG256PP Datasheet HTML 5Page - Actel Corporation AFS250-2QNG256PP Datasheet HTML 6Page - Actel Corporation AFS250-2QNG256PP Datasheet HTML 7Page - Actel Corporation AFS250-2QNG256PP Datasheet HTML 8Page - Actel Corporation AFS250-2QNG256PP Datasheet HTML 9Page - Actel Corporation AFS250-2QNG256PP Datasheet HTML 10Page - Actel Corporation AFS250-2QNG256PP Datasheet HTML 11Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 318 page
background image
Actel Fusion Mixed-Signal FPGAs
Pr el iminar y v1 .7
1-3
making secure remote ISP possible. A Fusion device provides the most impenetrable security for
programmable logic designs.
Single Chip
Flash-based FPGAs store their configuration information in on-chip flash cells. Once programmed,
the configuration data is an inherent part of the FPGA structure, and no external configuration
data needs to be loaded at system power-up (unlike SRAM-based FPGAs). Therefore, flash-based
Fusion FPGAs do not require system configuration components such as EEPROMs or
microcontrollers to load device configuration data. This reduces bill-of-materials costs and PCB
area, and increases security and system reliability.
Live at Power-Up
Flash-based Fusion devices are Level 0 live at power-up (LAPU). LAPU Fusion devices greatly simplify
total system design and reduce total system cost by eliminating the need for CPLDs. The Fusion
LAPU clocking (PLLs) replaces off-chip clocking resources. The Fusion mix of LAPU clocking and
analog resources makes these devices an excellent choice for both system supervisor and system
management functions. LAPU from a single 3.3 V source enables Fusion devices to initiate, control,
and monitor multiple voltage supplies while also providing system clocks. In addition, glitches and
brownouts in system power will not corrupt the Fusion device flash configuration. Unlike SRAM-
based FPGAs, the device will not have to be reloaded when system power is restored. This enables
reduction or complete removal of expensive voltage monitor and brownout detection devices from
the PCB design. Flash-based Fusion devices simplify total system design and reduce cost and design
risk, while increasing system reliability.
Firm Errors
Firm errors occur most commonly when high-energy neutrons, generated in the upper atmosphere,
strike a configuration cell of an SRAM FPGA. The energy of the collision can change the state of the
configuration cell and thus change the logic, routing, or I/O behavior in an unpredictable way.
Another source of radiation-induced firm errors is alpha particles. For an alpha to cause a soft or
firm error, its source must be in very close proximity to the affected circuit. The alpha source must
be in the package molding compound or in the die itself. While low-alpha molding compounds are
being used increasingly, this helps reduce but does not entirely eliminate alpha-induced firm errors.
Firm errors are impossible to prevent in SRAM FPGAs. The consequence of this type of error can be
a complete system failure. Firm errors do not occur in Fusion Flash-based FPGAs. Once it is
programmed, the flash cell configuration element of Fusion FPGAs cannot be altered by high-
energy neutrons and is therefore immune to errors from them.
Recoverable (or soft) errors occur in the user data SRAMs of all FPGA devices. These can easily be
mitigated by using error detection and correction (EDAC) circuitry built into the FPGA fabric.
Low Power
Flash-based Fusion devices exhibit power characteristics similar to those of an ASIC, making them
an ideal choice for power-sensitive applications. With Fusion devices, there is no power-on current
surge and no high current transition, both of which occur on many FPGAs.
Fusion devices also have low dynamic power consumption and support both low power standby
mode and very low power sleep mode, offering further power savings.
Advanced Flash Technology
The Fusion family offers many benefits, including nonvolatility and reprogrammability through an
advanced flash-based, 130-nm LVCMOS process with seven layers of metal. Standard CMOS design
techniques are used to implement logic and control functions. The combination of fine granularity,
enhanced flexible routing resources, and abundant flash switches allows very high logic utilization
(much higher than competing SRAM technologies) without compromising device routability or
performance. Logic functions within the device are interconnected through a four-level routing
hierarchy.


Similar Part No. - AFS250-2QNG256PP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AFS250-2QNG256PP MICROSEMI-AFS250-2QNG256PP Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
More results

Similar Description - AFS250-2QNG256PP

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
U1AFS600-FGG256I ACTEL-U1AFS600-FGG256I Datasheet
8Mb / 17P
   Actel Fusion Mixed-Signal FPGA
logo
Microsemi Corporation
M1AFS600-PQ208 MICROSEMI-M1AFS600-PQ208 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS600-FGG484 MICROSEMI-AFS600-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS1500-FGG484 MICROSEMI-AFS1500-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS090 MICROSEMI-AFS090 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
logo
Texas Instruments
MSP430F11X TI-MSP430F11X Datasheet
473Kb / 29P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X31X TI-MSP430X31X Datasheet
399Kb / 30P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F249-EP TI-MSP430F249-EP Datasheet
1Mb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_11 Datasheet
981Kb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42X TI-MSP430FE42X_10 Datasheet
975Kb / 51P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com