Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A54SX32P-2BGG208 Datasheet(PDF) 2 Page - Actel Corporation

Part # A54SX32P-2BGG208
Description  SX Family FPGAs
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A54SX32P-2BGG208 Datasheet(HTML) 2 Page - Actel Corporation

  A54SX32P-2BGG208 Datasheet HTML 1Page - Actel Corporation A54SX32P-2BGG208 Datasheet HTML 2Page - Actel Corporation A54SX32P-2BGG208 Datasheet HTML 3Page - Actel Corporation A54SX32P-2BGG208 Datasheet HTML 4Page - Actel Corporation A54SX32P-2BGG208 Datasheet HTML 5Page - Actel Corporation A54SX32P-2BGG208 Datasheet HTML 6Page - Actel Corporation A54SX32P-2BGG208 Datasheet HTML 7Page - Actel Corporation A54SX32P-2BGG208 Datasheet HTML 8Page - Actel Corporation A54SX32P-2BGG208 Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
SX Family FPGAs
ii
v3.2
Ordering Information
Plastic Device Resources
Part Number
A54SX08 = 12,000 System Gates
A54SX16 = 24,000 System Gates
A54SX16P = 24,000 System Gates
A54SX32 = 48,000 System Gates
Speed Grade
Blank = Standard Speed
–1 = Approximately 15% Faster than Standard
–2 = Approximately 25% Faster than Standard
–3 = Approximately 35% Faster than Standard
Package Type
BG = Ball Grid Array
PL = Plastic Leaded Chip Carrier
PQ = Plastic Quad Flat Pack
TQ = Thin (1.4 mm) Quad Flat Pack
VQ = Very Thin (1.0 mm) Quad Flat Pack
FG = Fine Pitch Ball Grid Array (1.0 mm)
Package Lead Count
Application (Temperature Range)
Blank = Commercial (0 to +70˚C)
I = Industrial (–40 to +85˚C)
M = Military (–55 to +125˚C)
PP = Pre-production
A54SX16
P
2
PQ
208
Blank = Not PCI Compliant
P = PCI Compliant
G
Lead-Free Packaging
Blank = Standard Packaging
G = RoHS Compliant Packaging
Device
User I/Os (including clock buffers)
PLCC
84-Pin
VQFP
100-Pin
PQFP
208-Pin
TQFP
144-Pin
TQFP
176-Pin
PBGA
313-Pin
PBGA
329-Pin
FBGA
144-Pin
A54SX08
69
81
130
113
128
111
A54SX16
81
175
147
A54SX16P
81
175
113
147
A54SX32
174
113
147
249
249
Note: Package Definitions (Consult your local Actel sales representative for product availability):
PLCC = Plastic Leaded Chip Carrier
PQFP = Plastic Quad Flat Pack
TQFP = Thin Quad Flat Pack
VQFP = Very Thin Quad Flat Pack
PBGA = Plastic Ball Grid Array
FBGA = Fine Pitch (1.0 mm) Ball Grid Array


Similar Part No. - A54SX32P-2BGG208

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A54SX32P-2BG208 ETC1-A54SX32P-2BG208 Datasheet
415Kb / 57P
   54SX Family FPGAs
A54SX32P-2BG208I ETC1-A54SX32P-2BG208I Datasheet
415Kb / 57P
   54SX Family FPGAs
A54SX32P-2BG208M ETC1-A54SX32P-2BG208M Datasheet
415Kb / 57P
   54SX Family FPGAs
A54SX32P-2BG208PP ETC1-A54SX32P-2BG208PP Datasheet
415Kb / 57P
   54SX Family FPGAs
More results

Similar Description - A54SX32P-2BGG208

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX16-P2PQG208 ACTEL-A54SX16-P2PQG208 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08A-FTQG144 ACTEL-A54SX08A-FTQG144 Datasheet
823Kb / 108P
   SX-A Family FPGAs
A54SX08A-FTQ144 ACTEL-A54SX08A-FTQ144 Datasheet
828Kb / 108P
   SX-A Family FPGAs
logo
List of Unclassifed Man...
A54SX08A ETC1-A54SX08A Datasheet
720Kb / 108P
   SX-A Family FPGAs
logo
Actel Corporation
A54SX72A-CQ256 ACTEL-A54SX72A-CQ256 Datasheet
823Kb / 108P
   SX-A Family FPGAs
A54SX16A2PQG208 ACTEL-A54SX16A2PQG208 Datasheet
818Kb / 108P
   SX-A Family FPGAs
A54SX16A-TQ100 ACTEL-A54SX16A-TQ100 Datasheet
824Kb / 108P
   SX-A Family FPGAs
A54SX32A-1CQ208M ACTEL-A54SX32A-1CQ208M Datasheet
455Kb / 50P
   HiRel SX-A Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com