Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD933 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BD933
Description  isc Silicon NPN Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD933 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BD933 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD933 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
BD933/935/937/939/941
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BD933
45
BD935
60
BD937
80
BD939
100
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
BD941
IC= 100mA ; IB= 0
120
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 1A; IB= 0.1A
B
0.6
V
VBE(on)
Base-Emitter On Voltage
IC= 1A; VCE= 2V
1.3
V
ICBO
Collector Cutoff Current
VCB= VCBOmax; IE= 0
VCB= VCBOmax; IE= 0,TJ=150℃
0.05
1
mA
ICEO
Collector Cutoff Current
VCE= VCEOmax; IB= 0
0.1
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
0.2
mA
hFE-1
DC Current Gain
IC= 150mA ; VCE= 2V
40
250
hFE-2
DC Current Gain
IC= 1A ; VCE= 2V
25
fT
Current-Gain—Bandwidth Product
IC= 250mA ; VCE= 10V
3
MHz
Switching Times
ton
Turn-On Time
0.4
1.0
μs
toff
Turn-Off Time
IC= 1.0A; IB1= -IB2= 0.1A
1.5
3.0
μs
isc Website:www.iscsemi.cn
2


Similar Part No. - BD933

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BD933 PHILIPS-BD933 Datasheet
331Kb / 7P
   SILICON EPITAXIAL BASE POWER TRANSISTORS
August 1991
logo
New Jersey Semi-Conduct...
BD933 NJSEMI-BD933 Datasheet
131Kb / 2P
   Silicon NPN Power Transistor
logo
NXP Semiconductors
BD933F PHILIPS-BD933F Datasheet
289Kb / 6P
   SILICON EPITAXIAL BASE POWER TRANSISTORS
August 1991
logo
Inchange Semiconductor ...
BD933F ISC-BD933F Datasheet
112Kb / 2P
   isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
BD933F NJSEMI-BD933F Datasheet
131Kb / 2P
   Silicon NPN Power Transistor
More results

Similar Description - BD933

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUV20 ISC-BUV20 Datasheet
194Kb / 2P
   isc Silicon NPN Power Transistor
BUV48I ISC-BUV48I Datasheet
209Kb / 2P
   isc Silicon NPN Power Transistor
BUV51 ISC-BUV51 Datasheet
192Kb / 2P
   isc Silicon NPN Power Transistor
BUV52A ISC-BUV52A Datasheet
191Kb / 2P
   isc Silicon NPN Power Transistor
2N6496 ISC-2N6496 Datasheet
141Kb / 2P
   isc Silicon NPN Power Transistor
2N6545 ISC-2N6545 Datasheet
143Kb / 2P
   isc Silicon NPN Power Transistor
MJD148 ISC-MJD148 Datasheet
244Kb / 2P
   isc Silicon NPN Power Transistor
TIP35CF ISC-TIP35CF Datasheet
156Kb / 2P
   isc Silicon NPN Power Transistor
2SB1412 ISC-2SB1412 Datasheet
265Kb / 3P
   isc Silicon NPN Power Transistor
MJ1800 ISC-MJ1800 Datasheet
140Kb / 2P
   isc Silicon NPN Power Transistor
KSH47 ISC-KSH47 Datasheet
348Kb / 3P
    isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com