Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFS250-FFGG256ES Datasheet(PDF) 2 Page - Actel Corporation

Part # AFS250-FFGG256ES
Description  Actel Fusion Mixed-Signal FPGAs
Download  318 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AFS250-FFGG256ES Datasheet(HTML) 2 Page - Actel Corporation

  AFS250-FFGG256ES Datasheet HTML 1Page - Actel Corporation AFS250-FFGG256ES Datasheet HTML 2Page - Actel Corporation AFS250-FFGG256ES Datasheet HTML 3Page - Actel Corporation AFS250-FFGG256ES Datasheet HTML 4Page - Actel Corporation AFS250-FFGG256ES Datasheet HTML 5Page - Actel Corporation AFS250-FFGG256ES Datasheet HTML 6Page - Actel Corporation AFS250-FFGG256ES Datasheet HTML 7Page - Actel Corporation AFS250-FFGG256ES Datasheet HTML 8Page - Actel Corporation AFS250-FFGG256ES Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 318 page
background image
Actel Fusion Mixed-Signal FPGAs
II
Prel i m i n ar y v1. 7
Fusion Device Architecture Overview
Package I/Os: Single-/Double-Ended (Analog)
Figure 1-1 • Fusion Device Architecture Overview (AFS600)
Fusion Devices
AFS090
AFS250
AFS600
AFS1500
ARM-Enabled Devices
CoreMP7
M7AFS600
Cortex-M1
M1AFS250
M1AFS600
M1AFS1500
QN108
37/9 (16)
QN180
60/16 (20)
65/15 (24)
PQ208
93/26 (24)
95/46 (40)
FG256
75/22 (20)
114/37 (24)
119/58 (40)
119/58 (40)
FG484
172/86 (40)
223/109 (40)
FG676
252/126 (40)
Note: All devices in the same package are pin compatible with the exception of the PQ208 package (AFS250 and AFS600).
VersaTile
CCC
CCC
I/Os
OSC
CCC/PLL
Bank 0
Bank 1
Bank 3
SRAM Block
4,608-Bit Dual-Port SRAM
or FIFO Block
SRAM Block
4,608-Bit Dual-Port SRAM
or FIFO Block
Flash Memory Blocks
Flash Memory Blocks
ADC
Analog
Quad
ISP AES
Decryption
User Nonvolatile
FlashROM
Charge Pumps
Analog
Quad
Analog
Quad
Analog
Quad
Analog
Quad
Analog
Quad
Analog
Quad
Analog
Quad
Analog
Quad
Analog
Quad


Similar Part No. - AFS250-FFGG256ES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AFS250-FG256 MICROSEMI-AFS250-FG256 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS250-FG256ES MICROSEMI-AFS250-FG256ES Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS250-FG256I MICROSEMI-AFS250-FG256I Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS250-FG256PP MICROSEMI-AFS250-FG256PP Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS250-FG256Y MICROSEMI-AFS250-FG256Y Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
More results

Similar Description - AFS250-FFGG256ES

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
U1AFS600-FGG256I ACTEL-U1AFS600-FGG256I Datasheet
8Mb / 17P
   Actel Fusion Mixed-Signal FPGA
logo
Microsemi Corporation
M1AFS600-PQ208 MICROSEMI-M1AFS600-PQ208 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS600-FGG484 MICROSEMI-AFS600-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS1500-FGG484 MICROSEMI-AFS1500-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS090 MICROSEMI-AFS090 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
logo
Texas Instruments
MSP430F11X TI-MSP430F11X Datasheet
473Kb / 29P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X31X TI-MSP430X31X Datasheet
399Kb / 30P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F249-EP TI-MSP430F249-EP Datasheet
1Mb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_11 Datasheet
981Kb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42X TI-MSP430FE42X_10 Datasheet
975Kb / 51P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com