Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A54SX16-1CG256M Datasheet(PDF) 7 Page - Actel Corporation

Part # A54SX16-1CG256M
Description  SX Family FPGAs RadTolerant and HiRel
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A54SX16-1CG256M Datasheet(HTML) 7 Page - Actel Corporation

Back Button A54SX16-1CG256M Datasheet HTML 3Page - Actel Corporation A54SX16-1CG256M Datasheet HTML 4Page - Actel Corporation A54SX16-1CG256M Datasheet HTML 5Page - Actel Corporation A54SX16-1CG256M Datasheet HTML 6Page - Actel Corporation A54SX16-1CG256M Datasheet HTML 7Page - Actel Corporation A54SX16-1CG256M Datasheet HTML 8Page - Actel Corporation A54SX16-1CG256M Datasheet HTML 9Page - Actel Corporation A54SX16-1CG256M Datasheet HTML 10Page - Actel Corporation A54SX16-1CG256M Datasheet HTML 11Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
SX Family FPGAs RadTolerant and HiRel
v2.1
1-3
Logic Module Design
The SX family architecture has been called a “sea-of-
modules” architecture because the entire floor of the
device is covered with a grid of logic modules with
virtually no chip area lost to interconnect elements or
routing (see Figure 1-2). Actel provides two types of logic
modules, the register cell (R-cell) and the combinatorial
cell (C-cell).
The R-cell contains a flip-flop featuring more control
signals than in previous Actel architectures, including
asynchronous clear, asynchronous preset, and clock
enable (using the S0 and S1 lines). The R-cell registers
feature programmable clock polarity, selectable on a
register-by-register basis (Figure 1-3 on page 1-4). This
provides the designer with additional flexibility while
allowing mapping of synthesized functions into the SX
FPGA. The clock source for the R-cell can be chosen from
the hardwired clock or the routed clock.
The C-cell implements a range of combinatorial functions
with up to five inputs (Figure 1-4 on page 1-4). Inclusion
of the DB input and its associated inverter function
dramatically increases the number of combinatorial
functions that can be implemented in a single module
from 800 options in previous architectures to more than
4,000 in the SX architecture. An example of the improved
flexibility enabled by the inversion capability is the
ability to integrate a three-input exclusive-OR function
into a single C-cell. This facilitates construction of nine-
bit parity-tree functions with 2 ns propagation delays. At
the same time, the C-cell structure is extremely synthesis-
friendly, simplifying the overall design and reducing
synthesis time.
Figure 1-2 • Channeled Array and Sea-of-Modules Architectures
Channeled Array Architecture
Sea-of-Modules Architecture


Similar Part No. - A54SX16-1CG256M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A54SX16-1BG208 ETC1-A54SX16-1BG208 Datasheet
415Kb / 57P
   54SX Family FPGAs
A54SX16-1BG208I ETC1-A54SX16-1BG208I Datasheet
415Kb / 57P
   54SX Family FPGAs
A54SX16-1BG208M ETC1-A54SX16-1BG208M Datasheet
415Kb / 57P
   54SX Family FPGAs
A54SX16-1BG208PP ETC1-A54SX16-1BG208PP Datasheet
415Kb / 57P
   54SX Family FPGAs
A54SX16-1FG208 ETC1-A54SX16-1FG208 Datasheet
415Kb / 57P
   54SX Family FPGAs
More results

Similar Description - A54SX16-1CG256M

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A54SX32A-1CQ208M ACTEL-A54SX32A-1CQ208M Datasheet
455Kb / 50P
   HiRel SX-A Family FPGAs
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX16-P2PQG208 ACTEL-A54SX16-P2PQG208 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08A-FTQG144 ACTEL-A54SX08A-FTQG144 Datasheet
823Kb / 108P
   SX-A Family FPGAs
A54SX08A-FTQ144 ACTEL-A54SX08A-FTQ144 Datasheet
828Kb / 108P
   SX-A Family FPGAs
logo
List of Unclassifed Man...
A54SX08A ETC1-A54SX08A Datasheet
720Kb / 108P
   SX-A Family FPGAs
logo
Actel Corporation
A54SX72A-CQ256 ACTEL-A54SX72A-CQ256 Datasheet
823Kb / 108P
   SX-A Family FPGAs
A54SX16A2PQG208 ACTEL-A54SX16A2PQG208 Datasheet
818Kb / 108P
   SX-A Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com