Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A500K050-FG208I Datasheet(PDF) 5 Page - Actel Corporation

Part # A500K050-FG208I
Description  ProASIC 500K Family
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A500K050-FG208I Datasheet(HTML) 5 Page - Actel Corporation

  A500K050-FG208I Datasheet HTML 1Page - Actel Corporation A500K050-FG208I Datasheet HTML 2Page - Actel Corporation A500K050-FG208I Datasheet HTML 3Page - Actel Corporation A500K050-FG208I Datasheet HTML 4Page - Actel Corporation A500K050-FG208I Datasheet HTML 5Page - Actel Corporation A500K050-FG208I Datasheet HTML 6Page - Actel Corporation A500K050-FG208I Datasheet HTML 7Page - Actel Corporation A500K050-FG208I Datasheet HTML 8Page - Actel Corporation A500K050-FG208I Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
Discontinued – v3.0
5
Pr oAS I C ® 5 00K Fa mily
Ro ut in g Re so u r ce s
The routing structure of the ProASIC 500K devices is
designed to provide high performance through a flexible
four-level hierarchy of routing resources: ultra fast local
resources, efficient long line resources, high speed very long
line resources, and high performance global networks.
The ultra fast local resources are dedicated lines that allow
the output of each tile to connect directly to every input of
the eight surrounding tiles (Figure 4 on page 6).
The efficient long line resources provide routing for longer
distances and higher fanout connections. These resources
vary in length (spanning 1, 2, or 4 tiles), run both vertically
and horizontally, and cover the entire ProASIC device
(Figure 5 on page 6). Each tile can drive signals onto the
efficient long line resources, while the resources can also
access every input of any tile. The routing software
automatically inserts active buffers to limit loading effects
due to distance and fanout.
The high speed very long line resources, spanning across
the entire device with minimal delay, are used to route very
long or very high fanout nets. These resources run vertically
and horizontally, providing multiple access to each group of
tiles throughout the device (Figure 6 on page 7).
The high performance global networks’ clock trees are low
skew, high fanout nets that are accessible from four
dedicated pins or from internal logic (Figure 7 on page 8).
These nets are typically used to distribute clocks, resets,
and other high fanout nets requiring a minimum skew. The
global networks are implemented as clock trees, and signals
can be introduced at any junction. These can be employed
hierarchically, with signals accessing every input on all
tiles.
Clo c k Reso urce s
ProASIC’s high-drive routing structure provides four global
networks, each accessible from either a dedicated global
pad or a logic tile. Global lines provide optimized worst-case
clock skew of 0.3ns.
Figure 2 • Flash Switch
Figure 3 • Core Logic Tile
Sel 1
Sel 2
Switch In
Switch Out
Word
Floating Gate
Local Routing
In 1
In 2 (CLK)
In 3 (Reset)
Efficient Long
Line Routing


Similar Part No. - A500K050-FG208I

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
A500 POWEREX-A500 Datasheet
141Kb / 3P
   SILICON RECTIFIER
logo
Littelfuse
A500 LITTELFUSE-A500 Datasheet
123Kb / 2P
   GAS DISCHARGE TUBE - 5x5mm
logo
NXP Semiconductors
A5000 NXP-A5000 Datasheet
377Kb / 26P
   Edge Lock Secure Authenticator
Rev. 1.0 ??28 March 2022
logo
MicroPower Direct, LLC
A500ERW MPD-A500ERW Datasheet
187Kb / 2P
   Low Cost, Wide Input, 5W Single & Dual Output DC/DC Converters
logo
Powerex Power Semicondu...
A500L POWEREX-A500L Datasheet
141Kb / 3P
   SILICON RECTIFIER
More results

Similar Description - A500K050-FG208I

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA075-PQG208 ACTEL-APA075-PQG208 Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA300-PQ208A ACTEL-APA300-PQ208A Datasheet
352Kb / 10P
   ProASIC Flash Family FPGAs
APA1000-FFGG1152I ACTEL-APA1000-FFGG1152I Datasheet
4Mb / 174P
   ProASIC Flash Family FPGAs
APA1000-FG896A ACTEL-APA1000-FG896A Datasheet
85Kb / 10P
   Automotive-Grade ProASIC Flash Family FPGAs
logo
TT Electronics.
SWT6 TTELEC-SWT6 Datasheet
150Kb / 5P
   Model SWT6 Tactile Switches 6X6 mm 500K Actuations RoHS Compliant
logo
ATGBICS by Approved Tec...
GMFIBER-SFP-500K-C ATGBICS-GMFIBER-SFP-500K-C Datasheet
293Kb / 8P
   GMFIBER-SFP-500K Sixnet Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
logo
Freescale Semiconductor...
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
   MC9S12C Family MC9S12GC Family Reference Manual
logo
Pericom Semiconductor C...
PI7C9X2G808PR PERICOM-PI7C9X2G808PR Datasheet
752Kb / 1P
   GreenPacket Family
logo
Rohm
BR25S128GUZ-W ROHM-BR25S128GUZ-W_12 Datasheet
626Kb / 27P
   EEPROM family
logo
Zilog, Inc.
Z8018X ZILOG-Z8018X Datasheet
1Mb / 326P
   Family MPU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com